Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65632 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65632
Description  TPS65632 Triple-Output AMOLED Display Power Supply
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65632 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS65632 Datasheet HTML 3Page - Texas Instruments TPS65632 Datasheet HTML 4Page - Texas Instruments TPS65632 Datasheet HTML 5Page - Texas Instruments TPS65632 Datasheet HTML 6Page - Texas Instruments TPS65632 Datasheet HTML 7Page - Texas Instruments TPS65632 Datasheet HTML 8Page - Texas Instruments TPS65632 Datasheet HTML 9Page - Texas Instruments TPS65632 Datasheet HTML 10Page - Texas Instruments TPS65632 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
0
100
200
300
400
500
600
−50
−25
0
25
50
75
100
125
Junction Temperature (°C)
Low−Side
High−Side
G000
0
100
200
300
400
500
600
700
800
900
1000
−50
−25
0
25
50
75
100
125
Junction Temperature (°C)
Low−Side
High−Side
G000
0.001
0.01
0.1
1
10
−50
−25
0
25
50
75
100
125
Temperature (°C)
G000
0
100
200
300
400
500
600
−50
−25
0
25
50
75
100
125
Junction Temperature (°C)
Low−Side
High−Side
G000
TPS65632
www.ti.com
SLVSCY2 – MARCH 2015
7.7 Typical Characteristics
TJ = 25°C, VI = 3.7 V, unless otherwise stated.
Figure 1. Shutdown Current into AVIN and PVIN Pins
Figure 2. Boost Converter 1 (VPOS) rDS(ON)
Figure 3. Inverting Buck-Boost Converter (VNEG) rDS(ON)
Figure 4. Boost Converter 2 (AVDD) rDS(ON)
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
7


Similar Part No. - TPS65632

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65632A TI1-TPS65632A Datasheet
809Kb / 9P
[Old version datasheet]   PACKAGE MATERIALS INFORMATION
TPS65632ARTER TI1-TPS65632ARTER Datasheet
809Kb / 9P
[Old version datasheet]   PACKAGE MATERIALS INFORMATION
TPS65632ARTET TI1-TPS65632ARTET Datasheet
809Kb / 9P
[Old version datasheet]   PACKAGE MATERIALS INFORMATION
TPS65632RTER TI1-TPS65632RTER Datasheet
1Mb / 28P
[Old version datasheet]   Triple-Output AMOLED Display Power Supply
TPS65632RTET TI1-TPS65632RTET Datasheet
1Mb / 28P
[Old version datasheet]   Triple-Output AMOLED Display Power Supply
More results

Similar Description - TPS65632

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65632 TI1-TPS65632_16 Datasheet
1Mb / 28P
[Old version datasheet]   Triple-Output AMOLED Display Power Supply
TPS65651 TI1-TPS65651_15 Datasheet
232Kb / 9P
[Old version datasheet]   TPS65651 Triple-Output AMOLED Display Power Supply
TPS65631 TI1-TPS65631 Datasheet
1Mb / 25P
[Old version datasheet]   Dual-Output AMOLED Display Power Supply
TPS65138 TI1-TPS65138_16 Datasheet
1Mb / 22P
[Old version datasheet]   Dual output AMOLED Display Power Supply
TPS65631W TI1-TPS65631W Datasheet
1Mb / 26P
[Old version datasheet]   Dual-Output AMOLED Display Power Supply
TPS65137ADSCR TI-TPS65137ADSCR Datasheet
979Kb / 22P
[Old version datasheet]   200mA Dual Output AMOLED Display Power
TPS65137AS TI1-TPS65137AS Datasheet
1,007Kb / 20P
[Old version datasheet]   250mA Dual Outputs AMOLED Display Power Supply
logo
ON Semiconductor
NCP5810 ONSEMI-NCP5810 Datasheet
192Kb / 13P
   Dual 1 W Output AMOLED Driver Supply
April, 2007 ??Rev. 0
logo
Analog Intergrations Co...
AIC1533 AIC-AIC1533 Datasheet
397Kb / 17P
   Triple-Output LCD Power Supply
logo
ON Semiconductor
NCP5810D ONSEMI-NCP5810D Datasheet
361Kb / 14P
   Dual 1 W Output AMOLED Driver Supply
March, 2008 - Rev. P2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com