Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISD2532S Datasheet(PDF) 8 Page - Winbond

Part # ISD2532S
Description  SINGLE-CHIP, MULTIPLE-MESSAGES, VOICE RECORD/PLAYBACK DEVICE 32-, 40-, 48-, AND 64-SECOND DURATION
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

ISD2532S Datasheet(HTML) 8 Page - Winbond

Back Button ISD2532S Datasheet HTML 4Page - Winbond ISD2532S Datasheet HTML 5Page - Winbond ISD2532S Datasheet HTML 6Page - Winbond ISD2532S Datasheet HTML 7Page - Winbond ISD2532S Datasheet HTML 8Page - Winbond ISD2532S Datasheet HTML 9Page - Winbond ISD2532S Datasheet HTML 10Page - Winbond ISD2532S Datasheet HTML 11Page - Winbond ISD2532S Datasheet HTML 12Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
ISD2532/40/48/64
PIN NO.
PIN NAME
SOIC/
PDIP
TSOP
FUNCTION
ANA OUT
21
28
Analog Output: This pin provides the preamplifier output to the
user. The voltage gain of the preamplifier is determined by the
voltage level at the AGC pin.
OVF
22
1
Overflow: This signal pulses LOW at the end of memory array,
indicating the device has been filled and the message has
overflowed. The OVF output then follows the CE input until a
PD pulse has reset the device. This pin can be used to cascade
several ISD2500 devices together to increase record/playback
durations.
CE
23
2
Chip Enable: The CE input pin is taken LOW to enable all
playback and record operations. The address pins and
playback/record pin (P/ R ) are latched by the falling edge of CE .
CE
has additional functionality in the M6 (Push-Button)
Operational Mode as described in the Operational Mode section.
PD
24
3
Power Down: When neither record nor playback operation, the PD
pin should be pulled HIGH to place the part in standby mode (see
ISB specification). When overflow ( OVF ) pulses LOW for an
overflow condition, PD should be brought HIGH to reset the
address pointer back to the beginning of the memory array. The PD
pin has additional functionality in the M6 (Push-Button) Operation
Mode as described in the Operational Mode section.
EOM
25
4
End-Of-Message: A nonvolatile marker is automatically inserted at
the end of each recorded message. It remains there until the
message is recorded over. The EOM output pulses LOW for a
period of TEOM at the end of each message.
In addition, the ISD2500 series has an internal VCC detect circuit to
maintain message integrity should VCC fall below 3.5V. In this case,
EOM
goes LOW and the device is fixed in Playback-only mode.
When the device is configured in Operational Mode M6 (Push-
Button Mode), this pin provides an active-HIGH signal, indicating
the device is currently recording or playing. This signal can
conveniently drive an LED for visual indicator of a record or
playback operation in process.
- 8 -


Similar Part No. - ISD2532S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISD2532 ETC1-ISD2532 Datasheet
331Kb / 28P
   Single-Chip Voice Record/Playback Devices 32-, 40-, 48-, 64-,60-,75,90-, and 120-Second Durations
More results

Similar Description - ISD2532S

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
ISD4002 NUVOTON-ISD4002 Datasheet
1Mb / 36P
   SINGLE-CHIP, MULTIPLE-MESSAGES VOICE RECORD/PLAYBACK DEVICES 120-, 150-, 180-, AND 240-SECOND DURATION
logo
Winbond
ISD1916 WINBOND-ISD1916 Datasheet
407Kb / 25P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 10.6- TO 32-SECONDS DURATION
logo
Nuvoton Technology Corp...
ISD4003 NUVOTON-ISD4003 Datasheet
1,005Kb / 36P
   SINGLE-CHIP, MULTIPLE-MESSAGES VOICE RECORD/PLAYBACK DEVICES 4-, 5-, 6-, AND 8-MINUTE DURATION
logo
Winbond
ISD14B20 WINBOND-ISD14B20 Datasheet
537Kb / 24P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 10.6- TO 32-SECONDS DURATION
logo
List of Unclassifed Man...
ISD2500 ETC1-ISD2500 Datasheet
331Kb / 28P
   Single-Chip Voice Record/Playback Devices 32-, 40-, 48-, 64-,60-,75,90-, and 120-Second Durations
logo
Nuvoton Technology Corp...
ISD18C00 NUVOTON-ISD18C00 Datasheet
332Kb / 23P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
ISD4004 NUVOTON-ISD4004 Datasheet
931Kb / 36P
   SINGLE-CHIP, MULTIPLE-MESSAGES VOICE RECORD/PLAYBACK DEVICES 8-, 10-, 12-, AND 16-MINUTE DURATION
logo
Winbond
ISD1800 WINBOND-ISD1800 Datasheet
709Kb / 26P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
logo
Nuvoton Technology Corp...
ISD1800 NUVOTON-ISD1800 Datasheet
420Kb / 27P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
ISD14B00 NUVOTON-ISD14B00 Datasheet
993Kb / 27P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com