Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISD2540S Datasheet(PDF) 9 Page - Winbond

Part # ISD2540S
Description  SINGLE-CHIP, MULTIPLE-MESSAGES, VOICE RECORD/PLAYBACK DEVICE 32-, 40-, 48-, AND 64-SECOND DURATION
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

ISD2540S Datasheet(HTML) 9 Page - Winbond

Back Button ISD2540S Datasheet HTML 5Page - Winbond ISD2540S Datasheet HTML 6Page - Winbond ISD2540S Datasheet HTML 7Page - Winbond ISD2540S Datasheet HTML 8Page - Winbond ISD2540S Datasheet HTML 9Page - Winbond ISD2540S Datasheet HTML 10Page - Winbond ISD2540S Datasheet HTML 11Page - Winbond ISD2540S Datasheet HTML 12Page - Winbond ISD2540S Datasheet HTML 13Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
ISD2532/40/48/64
PIN NO.
PIN NAME
SOIC/
PDIP
TSOP
FUNCTION
XCLK
26
5
External Clock: The external clock input has an internal pull-down
device. The device is configured at the factory with an internal
sampling clock frequency centered to
±1 percent of specification.
The frequency is then maintained to a variation of
±2.25 percent
over the entire commercial temperature and operating voltage
ranges. If greater precision is required, the device can be clocked
through the XCLK pin as follows:
Part Number
Sample Rate
Required Clock
ISD2532
8.0 kHz
1024 kHz
ISD2540
6.4 kHz
819.2 kHz
ISD2548
5.3 kHz
682.7 kHz
ISD2564
4.0 kHz
512 kHz
These recommended clock rates should not be varied because the
antialiasing and smoothing filters are fixed, and aliasing problems
can occur if the sample rate differs from the one recommended.
The duty cycle on the input clock is not critical, as the clock is
immediately divided by two. If the XCLK is not used, this input
must be connected to ground.
P/ R
27
6
Playback/Record: The P/ R input pin is latched by the falling edge
of the CE pin. A HIGH level selects a playback cycle while a LOW
level selects a record cycle. For a record cycle, the address pins
provide the starting address and recording continues until PD or
CE
is pulled HIGH or an overflow is detected (i.e. the chip is full).
When a record cycle is terminated by pulling PD or CE HIGH,
then End-Of-Message ( EOM ) marker is stored at the current
address in memory. For a playback cycle, the address inputs
provide the starting address and the device will play until an EOM
marker is encountered. The device can continue to pass an EOM
marker if CE is held LOW in address mode, or in an Operational
Mode. (See Operational Modes section)
Publication Release Date: June 2003
- 9 -
Revision 1.0


Similar Part No. - ISD2540S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISD2540 ETC1-ISD2540 Datasheet
331Kb / 28P
   Single-Chip Voice Record/Playback Devices 32-, 40-, 48-, 64-,60-,75,90-, and 120-Second Durations
More results

Similar Description - ISD2540S

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
ISD4002 NUVOTON-ISD4002 Datasheet
1Mb / 36P
   SINGLE-CHIP, MULTIPLE-MESSAGES VOICE RECORD/PLAYBACK DEVICES 120-, 150-, 180-, AND 240-SECOND DURATION
logo
Winbond
ISD1916 WINBOND-ISD1916 Datasheet
407Kb / 25P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 10.6- TO 32-SECONDS DURATION
logo
Nuvoton Technology Corp...
ISD4003 NUVOTON-ISD4003 Datasheet
1,005Kb / 36P
   SINGLE-CHIP, MULTIPLE-MESSAGES VOICE RECORD/PLAYBACK DEVICES 4-, 5-, 6-, AND 8-MINUTE DURATION
logo
Winbond
ISD14B20 WINBOND-ISD14B20 Datasheet
537Kb / 24P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 10.6- TO 32-SECONDS DURATION
logo
List of Unclassifed Man...
ISD2500 ETC1-ISD2500 Datasheet
331Kb / 28P
   Single-Chip Voice Record/Playback Devices 32-, 40-, 48-, 64-,60-,75,90-, and 120-Second Durations
logo
Nuvoton Technology Corp...
ISD18C00 NUVOTON-ISD18C00 Datasheet
332Kb / 23P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
ISD4004 NUVOTON-ISD4004 Datasheet
931Kb / 36P
   SINGLE-CHIP, MULTIPLE-MESSAGES VOICE RECORD/PLAYBACK DEVICES 8-, 10-, 12-, AND 16-MINUTE DURATION
logo
Winbond
ISD1800 WINBOND-ISD1800 Datasheet
709Kb / 26P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
logo
Nuvoton Technology Corp...
ISD1800 NUVOTON-ISD1800 Datasheet
420Kb / 27P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
ISD14B00 NUVOTON-ISD14B00 Datasheet
993Kb / 27P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com