Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KM681001A-15 Datasheet(PDF) 5 Page - Samsung semiconductor

Part # KM681001A-15
Description  128K x 8 Bit High-Speed CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM681001A-15 Datasheet(HTML) 5 Page - Samsung semiconductor

  KM681001A-15 Datasheet HTML 1Page - Samsung semiconductor KM681001A-15 Datasheet HTML 2Page - Samsung semiconductor KM681001A-15 Datasheet HTML 3Page - Samsung semiconductor KM681001A-15 Datasheet HTML 4Page - Samsung semiconductor KM681001A-15 Datasheet HTML 5Page - Samsung semiconductor KM681001A-15 Datasheet HTML 6Page - Samsung semiconductor KM681001A-15 Datasheet HTML 7Page - Samsung semiconductor KM681001A-15 Datasheet HTML 8Page - Samsung semiconductor KM681001A-15 Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
KM681001A
CMOS SRAM
PRELIMINARY
Rev 5.0
- 5 -
February 1998
WRITE CYCLE
NOTE: tWR=tWR1, tWR2
Parameter
Symbol
KM681001A-15
KM681001A-20
Unit
Min
Max
Min
Max
Write Cycle Time
tWC
15
-
20
-
ns
Chip Select to End of Write
tCW
10
-
12
-
ns
Address Set-up Time
tAS
0
-
0
-
ns
Address Valid to End of Write
tAW
10
-
12
-
ns
Write Pulse Width(OE High)
tWP
10
-
12
-
ns
Write Pulse Width(OE Low)
tWP1
15
-
20
-
ns
Write Recovery Time
tWR*
0
-
0
-
ns
Write to Output High-Z
tWHZ
0
8
0
10
ns
Data to Write Time Overlap
tDW
7
-
9
-
ns
Data Hold from Write Time
tDH
0
-
0
-
ns
End Write to Output Low-Z
tOW
3
-
3
-
ns
Address
Data Out
Previous Valid Data
Valid Data
TIMMING DIAGRAMS
TIMING WAVEFORM OF READ CYCLE(1) (Address Controlled, CS1=OE=VIL, CS2=WE=VIH)
tAA
tRC
tOH


Similar Part No. - KM681001A-15

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM681001B SAMSUNG-KM681001B Datasheet
181Kb / 9P
   128K x 8 Bit High-Speed CMOS Static RAM
KM681001B-15 SAMSUNG-KM681001B-15 Datasheet
181Kb / 9P
   128K x 8 Bit High-Speed CMOS Static RAM
KM681001B-20 SAMSUNG-KM681001B-20 Datasheet
181Kb / 9P
   128K x 8 Bit High-Speed CMOS Static RAM
More results

Similar Description - KM681001A-15

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM681001B SAMSUNG-KM681001B Datasheet
181Kb / 9P
   128K x 8 Bit High-Speed CMOS Static RAM
logo
Taiwan Memory Technolog...
T14M1024A TMT-T14M1024A Datasheet
74Kb / 10P
   128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1024 PYRAMID-P4C1024 Datasheet
87Kb / 8P
   HIGH SPEED 128K X 8 CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS63WV1024BLL ISSI-IS63WV1024BLL Datasheet
136Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T14L1024A TMT-T14L1024A Datasheet
86Kb / 12P
   128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Winbond
W24L010A WINBOND-W24L010A Datasheet
152Kb / 9P
   128K X 8 High Speed CMOS Static RAM
W24L11 WINBOND-W24L11 Datasheet
170Kb / 11P
   128K X 8 High Speed CMOS Static RAM
logo
Integrated Circuit Solu...
IS62C1024 ICSI-IS62C1024 Datasheet
423Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62C1024 ISSI-IS62C1024 Datasheet
67Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL-12JLI-TR ISSI-IS61C1024AL-12JLI-TR Datasheet
883Kb / 15P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com