Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISD2540 Datasheet(PDF) 6 Page - Winbond

Part # ISD2540
Description  SINGLE-CHIP, MULTIPLE-MESSAGES, VOICE RECORD/PLAYBACK DEVICE 32-, 40-, 48-, AND 64-SECOND DURATION
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

ISD2540 Datasheet(HTML) 6 Page - Winbond

Back Button ISD2540 Datasheet HTML 2Page - Winbond ISD2540 Datasheet HTML 3Page - Winbond ISD2540 Datasheet HTML 4Page - Winbond ISD2540 Datasheet HTML 5Page - Winbond ISD2540 Datasheet HTML 6Page - Winbond ISD2540 Datasheet HTML 7Page - Winbond ISD2540 Datasheet HTML 8Page - Winbond ISD2540 Datasheet HTML 9Page - Winbond ISD2540 Datasheet HTML 10Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
ISD2532/40/48/64
6. PIN DESCRIPTION
PIN NO.
FUNCTION
PIN NAME
SOIC /
PDIP
TSOP
A0, A1, A2,
A3, A4, A5,
A6, A7, A8
/ M0, M1,
M2, M3,
M4, M5, M6
1, 2, 3,
4, 5, 6,
7, 9, 10
/ 1, 2,
3, 4,
5, 6, 7
8, 9, 10,
11, 12, 13,
14, 16, 17
/ 8, 9,
10, 11,
12, 13, 14
Address/Mode Inputs: The Address/Mode Inputs have two functions
depending on the level of the two Most Significant Bits (MSB) of the
address pins A7 and A8.
If either or both of the two MSBs are LOW, the inputs are all interpreted
as address bits and are used as the start address for the current record
or playback cycle. The address pins are inputs only and do not output
any internal address information during the operation. Address inputs
are latched by the falling edge of CE .
If both MSBs are HIGH, the Address/Mode inputs are interpreted as
Mode bits according to the Operational Mode table on page 12. There
are six operational modes (M0…M6) available as indicated in the table.
It is possible to use multiple operational modes simultaneously.
Operational Modes are sampled on each falling edge of CE , and thus
Operational Modes and direct addressing are mutually exclusive.
NC
8
15
No Connect.
AUX IN
11
18
Auxiliary Input: The Auxiliary Input is multiplexed through to the output
amplifier and speaker output pins when CE is HIGH, P/ R is HIGH,
and playback is currently not active or if the device is in playback
overflow. When cascading multiple ISD2500 devices, the AUX IN pin is
used to connect a playback signal from a following device to the
previous output speaker drivers. For noise considerations, it is
suggested that the auxiliary input not be driven when the storage array
is active.
VSSA, VSSD
13, 12
20, 19
Ground: The ISD2500 series of devices utilizes separate analog and
digital ground busses. These pins should be connected separately
through a low-impedance path to power supply ground.
SP+, SP-
14, 15
21, 22
Speaker Outputs: All devices in the ISD2500 series include an on-chip
differential speaker driver, capable of driving 50 mW into 16 Ω from
AUX IN (12.2mW from memory).
[1] The speaker outputs are held at V
SSA levels during record and power
down. It is therefore not possible to parallel speaker outputs of multiple
ISD2500 devices or the outputs of other speaker drivers.
[2] A single-end output may be used (including a coupling capacitor
between the SP pin and the speaker). These outputs may be used
individually with the output signal taken from either pin. However, the
use of single-end output results in a 1 to 4 reduction in its output power.
[1] Connection of speaker outputs in parallel may cause damage to the device.
[2] Never ground or drive an unused speaker output.
- 6 -


Similar Part No. - ISD2540

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISD2540 ETC1-ISD2540 Datasheet
331Kb / 28P
   Single-Chip Voice Record/Playback Devices 32-, 40-, 48-, 64-,60-,75,90-, and 120-Second Durations
More results

Similar Description - ISD2540

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
ISD4002 NUVOTON-ISD4002 Datasheet
1Mb / 36P
   SINGLE-CHIP, MULTIPLE-MESSAGES VOICE RECORD/PLAYBACK DEVICES 120-, 150-, 180-, AND 240-SECOND DURATION
logo
Winbond
ISD1916 WINBOND-ISD1916 Datasheet
407Kb / 25P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 10.6- TO 32-SECONDS DURATION
logo
Nuvoton Technology Corp...
ISD4003 NUVOTON-ISD4003 Datasheet
1,005Kb / 36P
   SINGLE-CHIP, MULTIPLE-MESSAGES VOICE RECORD/PLAYBACK DEVICES 4-, 5-, 6-, AND 8-MINUTE DURATION
logo
Winbond
ISD14B20 WINBOND-ISD14B20 Datasheet
537Kb / 24P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 10.6- TO 32-SECONDS DURATION
logo
List of Unclassifed Man...
ISD2500 ETC1-ISD2500 Datasheet
331Kb / 28P
   Single-Chip Voice Record/Playback Devices 32-, 40-, 48-, 64-,60-,75,90-, and 120-Second Durations
logo
Nuvoton Technology Corp...
ISD18C00 NUVOTON-ISD18C00 Datasheet
332Kb / 23P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
ISD4004 NUVOTON-ISD4004 Datasheet
931Kb / 36P
   SINGLE-CHIP, MULTIPLE-MESSAGES VOICE RECORD/PLAYBACK DEVICES 8-, 10-, 12-, AND 16-MINUTE DURATION
logo
Winbond
ISD1800 WINBOND-ISD1800 Datasheet
709Kb / 26P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
logo
Nuvoton Technology Corp...
ISD1800 NUVOTON-ISD1800 Datasheet
420Kb / 27P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
ISD14B00 NUVOTON-ISD14B00 Datasheet
993Kb / 27P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com