Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MV-9350A Datasheet(PDF) 2 Page - Vectron International, Inc

Part # MV-9350A
Description  Any frequency between 80 MHz and 220 MHz with 6 decimal places of accuracy
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

MV-9350A Datasheet(HTML) 2 Page - Vectron International, Inc

  MV-9350A Datasheet HTML 1Page - Vectron International, Inc MV-9350A Datasheet HTML 2Page - Vectron International, Inc MV-9350A Datasheet HTML 3Page - Vectron International, Inc MV-9350A Datasheet HTML 4Page - Vectron International, Inc MV-9350A Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Vectron Interna onal • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • h p://www.vectron.com
Page 2 of 5
Typical Phase Noise
Rev 1.2 Aug 2014


Similar Part No. - MV-9350A

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
MV-9300A VECTRON-MV-9300A Datasheet
253Kb / 5P
   Any frequency between 1 MHz and 80 MHz with 6 decimal places of accuracy
More results

Similar Description - MV-9350A

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
MV-9400A VECTRON-MV-9400A Datasheet
281Kb / 6P
   Any frequency between 1 MHz and 220 MHz with 6 decimal places of accuracy
MV-9300A VECTRON-MV-9300A Datasheet
253Kb / 5P
   Any frequency between 1 MHz and 80 MHz with 6 decimal places of accuracy
MV-9450A VECTRON-MV-9450A Datasheet
282Kb / 6P
   Any frequency between 220-625 MHz with 6 decimal places of accuracy
logo
Abracon Corporation
ASTMUPLD ABRACON-ASTMUPLD Datasheet
2Mb / 6P
   Any frequency between 1MHz and 625MHz
05/15/2017
logo
SiTime Corp.
SIT3809 SITIME-SIT3809 Datasheet
527Kb / 14P
   80 MHz to 220 MHz MEMS VCXO
logo
Vectron International, ...
MO-9150A VECTRON-MO-9150A Datasheet
356Kb / 5P
   80-220 MHz High Performance Oscillator
logo
Skyworks Solutions Inc.
SI545 SKYWORKS-SI545 Datasheet
923Kb / 21P
   Ultra Low Jitter Any-Frequency XO (80 fs), 0.2 to 1500 MHz
Revision 206613A May, 2023
SI546 SKYWORKS-SI546 Datasheet
1Mb / 21P
   Ultra Low Jitter Dual Any-Frequency XO (80 fs), 0.2 to 1500 MHz
Revision 206614A May, 2023
SI547 SKYWORKS-SI547 Datasheet
1Mb / 22P
   Ultra Low Jitter Quad Any-Frequency XO (80 fs), 0.2 to 1500 MHz
Revision 206615A May, 2023
SI5355 SKYWORKS-SI5355 Datasheet
1Mb / 22P
   ANY-FREQUENCY 1–200 MHZ QUAD FREQUENCY 8-OUTPUT CLOCK GENERATOR
Rev. 1.2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com