Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SII150A Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SII150A
Description  PanelLink Digital Transmitter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SII150A Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SII150A Datasheet HTML 1Page - List of Unclassifed Manufacturers SII150A Datasheet HTML 2Page - List of Unclassifed Manufacturers SII150A Datasheet HTML 3Page - List of Unclassifed Manufacturers SII150A Datasheet HTML 4Page - List of Unclassifed Manufacturers SII150A Datasheet HTML 5Page - List of Unclassifed Manufacturers SII150A Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Silicon Image, Inc.
SiI 150A
SiI/DS-0006-C
Revision C
3
Subject to Change without Notice
AC Specifications
Under normal operating conditions unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
T
CIP
IDCK Period, 1 Pixel/Clock
8.93
50
ns
F
CIP
IDCK Frequency, 1 Pixel/Clock
20
112
MHz
T
CIP
IDCK Period, 2 Pixels/Clock
17.8
100
ns
F
CIP
IDCK Frequency, 2 Pixels/Clock
10
56
MHz
T
CIH
IDCK High Time at 112MHz
4
ns
T
CIL
IDCK Low Time at 112MHz
4
ns
T
IJIT
Worst Case IDCK Clock Jitter
2,3
2ns
T
SIDF
Data, DE, VSYNC, HSYNC, and CTL[3:1]
Setup Time to IDCK falling edge
EDGE = 0
1
ns
T
HIDF
Data, DE, VSYNC, HSYNC, and CTL[3:1]
Hold Time from IDCK falling edge
EDGE = 0
3
ns
T
SIDR
Data, DE, VSYNC, HSYNC, and CTL[3:1]
Setup Time to IDCK rising edge
EDGE = 1
1
ns
T
HIDR
Data, DE, VSYNC, HSYNC, and CTL[3:1]
Hold Time from IDCK rising edge
EDGE = 1
3
ns
T
DDF
VSYNC, HSYNC, and CTL[3:1] Delay from DE falling edge
1
T
CIP
ns
T
DDR
VSYNC, HSYNC, and CTL[3:1] Delay to DE rising edge
1
T
CIP
ns
T
HDE
DE high time
1
8191T
CIP
ns
T
LDE
DE low time
1
128T
CIP
ns
S
LHT
Small Swing Low-to-High
Transition Time
C
LOAD = 5pF
R
LOAD = 50Ω
R
EXT_SWING = 510Ω
0.25
0.3
0.35
ns
S
HLT
Small Swing High-to-Low
Transition Time
C
LOAD = 5pF
R
LOAD = 50Ω
R
EXT_SWING = 510Ω
0.25
0.3
0.35
ns
Notes:
1
Guaranteed by design.
2
Jitter can be estimated by 1) triggering a digital scope at the rising of input clock and 2) measuring the peak to peak time spread
of the rising edge of the input clock 1
µs after the trigger.
3
Actual jitter tolerance may be higher depending on the frequency of the jitter.
Timing Diagrams
T
CIH
T
CIL
T
CIP
2.0 V
0.8 V
0.8 V
2.0 V
2.0 V
Figure 1. Clock Cycle/High/Low Times
Figure 2. Small Swing Transition Times
S
LHT
20% V
OD
80% V
OD
S
HLT


Similar Part No. - SII150A

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
SII150N06 SIRECTIFIER-SII150N06 Datasheet
1Mb / 4P
   NPT IGBT Modules
SII150N12 SIRECTIFIER-SII150N12 Datasheet
937Kb / 7P
   NPT IGBT Modules
SII150S12 SIRECTIFIER-SII150S12 Datasheet
472Kb / 2P
   SPT IGBT Modules
More results

Similar Description - SII150A

ManufacturerPart #DatasheetDescription
logo
Silicon image
SII1160 SILICONIMAGE-SII1160 Datasheet
944Kb / 33P
   PanelLink Transmitter
SII1162 SILICONIMAGE-SII1162 Datasheet
172Kb / 2P
   PanelLink Transmitter
SII164 SILICONIMAGE-SII164 Datasheet
471Kb / 33P
   Transmitter uses PanelLink Digital technology
SII9190 SILICONIMAGE-SII9190 Datasheet
143Kb / 2P
   PanelLink Transmitter
SII170B SILICONIMAGE-SII170B Datasheet
126Kb / 2P
   PanelLink Transmitter
SII9030 SILICONIMAGE-SII9030 Datasheet
164Kb / 2P
   PanelLink Transmitter
SII1172 SILICONIMAGE-SII1172 Datasheet
612Kb / 2P
   PanelLink Transmitter
SII164CTG64 SILICONIMAGE-SII164CTG64 Datasheet
316Kb / 34P
   SiI 164 PanelLink Transmitter
1364ADD2 SILICONIMAGE-1364ADD2 Datasheet
2Mb / 2P
   Featuring the SiI 1364 PanelLink Transmitter
logo
List of Unclassifed Man...
SII141 ETC1-SII141 Datasheet
84Kb / 12P
   SiI 141B PanelLink Digital Receiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com