Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SK10ELT21WU Datasheet(PDF) 3 Page - Semtech Corporation

Part # SK10ELT21WU
Description  Differential PECL to CMOS/TTL or LVPECL to LVCMOS/LVTTL Translator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SK10ELT21WU Datasheet(HTML) 3 Page - Semtech Corporation

  SK10ELT21WU Datasheet HTML 1Page - Semtech Corporation SK10ELT21WU Datasheet HTML 2Page - Semtech Corporation SK10ELT21WU Datasheet HTML 3Page - Semtech Corporation SK10ELT21WU Datasheet HTML 4Page - Semtech Corporation SK10ELT21WU Datasheet HTML 5Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
www.semtech.com
HIGH-PERFORMANCE PRODUCTS
SK10/100ELT21W
Revision 1/October 16, 2001
SK10/100ELT21W TTL Output DC Electrical Characteristics
(VCC = 3.0V to 5.5V; TA = -40
oC to +85 oC)
l
o
b
m
y
Sc
i
t
s
i
r
e
t
c
a
r
a
h
Cn
i
Mp
y
Tx
a
Mt
i
n
Ud
n
o
C
V H
O
e
g
a
t
l
o
V
H
G
I
H
t
u
p
t
u
O5
.
0
-
C
C
VV
I H
O
A
m
3
-
=
V L
O
e
g
a
t
l
o
V
W
O
L
t
u
p
t
u
O5
.
0V
I L
O
A
m
8
=
I C
C
t
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
P6
12
3A
m
DC Characteristics
0
4
-
=
A
T
oC0
=
A
T
oC5
2
+
=
A
T
oC5
8
+
=
A
T
oC
l
o
b
m
y
Sc
i
t
s
i
r
e
t
c
a
r
a
h
Cn
i
Mx
a
Mn
i
Mx
a
Mn
i
Mx
a
Mn
i
Mx
a
Mt
i
n
Ud
n
o
C
V H
I
e
g
a
t
l
o
V
H
G
I
H
t
u
p
n
I
0
7
7
3
0
7
0
2
0
1
1
4
0
1
4
2
0
3
8
3
0
3
1
2
0
6
1
4
0
6
4
2
0
7
8
3
0
7
1
2
0
9
1
4
0
9
4
2
0
4
9
3
0
4
2
2
0
8
2
4
0
8
5
2
V
m
V
m
V
0
.
5
=
C
C
V
V
3
.
3
=
C
C
V
V L
I
e
g
a
t
l
o
V
W
O
L
t
u
p
n
I
0
5
0
3
0
5
3
1
0
0
5
3
0
0
8
1
0
5
0
3
0
5
3
1
0
2
5
3
0
2
8
1
0
5
0
3
0
5
3
1
0
2
5
3
0
2
8
1
0
5
0
3
0
5
3
1
5
5
5
3
5
5
8
1
V
m
V
m
V
0
.
5
=
C
C
V
V
3
.
3
=
C
C
V
V P
P
t
u
p
n
I
k
a
e
P
-
o
t
-
k
a
e
P
m
u
m
i
n
i
M0
0
20
0
0
10
0
20
0
0
10
0
20
0
0
10
0
20
0
0
1V
m1
e
t
o
N
I N
I
)
f
f
i
D
(
t
n
e
r
r
u
C
t
u
p
n
I0
5
1
-0
5
10
5
1
-0
5
10
5
1
-0
5
10
5
1
-0
5
1A
µ
V B
B
e
g
a
t
l
o
V
t
u
p
t
u
O
e
c
n
e
r
e
f
e
R
0
7
5
3
0
7
8
1
0
0
7
3
0
0
0
2
0
2
6
3
0
2
9
1
0
3
7
3
0
3
0
2
0
5
6
3
0
5
9
1
0
5
7
3
0
5
0
2
0
9
6
3
0
9
9
1
0
1
8
3
0
1
1
2
V
m
V
m
V
0
.
5
=
C
C
V
V
3
.
3
=
C
C
V
SK10ELT21W PECL Input DC Electrical Characteristics
(VCC = 3.0V to 5.5V)
SK100ELT21W PECL Input DC Electrical Characteristics
(VCC = 3.0V to 5.5V)
l
o
b
m
y
Ss
c
i
t
s
i
r
e
t
c
a
r
a
h
C
0
4
-
=
A
T
o
C0
=
A
T
o
C5
2
+
=
A
T
o
C5
8
+
=
A
T
o
C
t
i
n
Ud
n
o
C
n
i
Mx
a
Mn
i
Mx
a
Mn
i
Mx
a
Mn
i
Mx
a
M
V H
I
e
g
a
t
l
o
V
H
G
I
H
t
u
p
n
I
5
3
8
3
5
3
1
2
0
2
1
4
0
2
4
2
5
3
8
3
5
3
1
2
0
2
1
4
0
2
4
2
5
3
8
3
5
3
1
2
0
2
1
4
0
2
4
2
5
3
8
3
5
3
1
2
0
2
1
4
0
2
4
2
V
m
V
m
V
0
.
5
=
C
C
V
V
3
.
3
=
C
C
V
V L
I
e
g
a
t
l
o
V
W
O
L
t
u
p
n
I
0
9
1
3
0
9
4
1
5
2
5
3
5
2
8
1
0
9
1
3
0
9
4
1
5
2
5
3
5
2
8
1
0
9
1
3
0
9
4
1
5
2
5
3
5
2
8
1
0
9
1
3
0
9
4
1
5
2
5
3
5
2
8
1
V
m
V
m
V
0
.
5
=
C
C
V
V
3
.
3
=
C
C
V
V P
P
t
u
p
n
I
k
a
e
P
-
o
t
-
k
a
e
P
m
u
m
i
n
i
M0
0
20
0
0
10
0
20
0
0
10
0
20
0
0
10
0
20
0
0
1
V
m1
e
t
o
N
I N
I
t
n
e
r
r
u
C
H
G
I
H
t
u
p
n
I0
5
1
-0
5
10
5
1
-0
5
10
5
1
-0
5
10
5
1
-0
5
1
mA
V B
B
e
g
a
t
l
o
V
t
u
p
t
u
O
e
c
n
e
r
e
f
e
R
0
2
6
3
0
2
9
1
0
4
7
3
0
4
0
2
0
2
6
3
0
2
9
1
0
4
7
3
0
4
0
2
0
2
6
3
0
2
9
1
0
4
7
3
0
4
0
2
0
2
6
3
0
2
9
1
0
4
7
3
0
4
0
2
V
m
V
m
V
0
.
5
=
C
C
V
V
3
.
3
=
C
C
V


Similar Part No. - SK10ELT21WU

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SK10EL01WD SEMTECH-SK10EL01WD Datasheet
108Kb / 4P
   4-input OR / NOR
SK10EL07U SEMTECH-SK10EL07U Datasheet
110Kb / 4P
   2-Input XOR/XNOR
SK10EL11WD SEMTECH-SK10EL11WD Datasheet
131Kb / 6P
   1:2 Differential Fanout Buffer
SK10EL12WD SEMTECH-SK10EL12WD Datasheet
119Kb / 5P
   Low Impedance Driver
SK10EL14WD SEMTECH-SK10EL14WD Datasheet
93Kb / 4P
   1:5 Clock DISTRIBUTION CHIP
More results

Similar Description - SK10ELT21WU

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EPT20 ONSEMI-MC10EPT20_16 Datasheet
168Kb / 10P
   LVTTL/LVCMOS to Differential LVPECL Translator
August, 2016 ??Rev. 12
logo
Micrel Semiconductor
SY89322V MICREL-SY89322V Datasheet
44Kb / 5P
   LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
logo
ON Semiconductor
MC10EPT20 ONSEMI-MC10EPT20 Datasheet
64Kb / 4P
   LVTTL/LVCMOS to Differential LVPECL Translator
Sep, 1999 ??Rev. 1.0
MC100EPT22 ONSEMI-MC100EPT22 Datasheet
65Kb / 4P
   Dual LVTTL/LVCMOS to Differential LVPECL Translator
Sep, 1999 ??Rev. 2.0
MC100LVELT20 ONSEMI-MC100LVELT20 Datasheet
49Kb / 6P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
September, 2004 ??Rev. P1
MC100LVELT20 ONSEMI-MC100LVELT20_06 Datasheet
106Kb / 7P
   3.3VLVTTL/LVCMOS to Differential LVPECL Translator
November, 2006 ??Rev. P3
MC100EPT20 ONSEMI-MC100EPT20 Datasheet
65Kb / 8P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
September, 2004 ??Rev. 7
MC10EPT20 ONSEMI-MC10EPT20_06 Datasheet
140Kb / 10P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
December, 2006 ??Rev. 9
logo
Maxim Integrated Produc...
MAX9370 MAXIM-MAX9370 Datasheet
218Kb / 9P
   LVTTL/TTL-to-Differential LVPECL/PECL Translators
Rev 0; 4/02
logo
List of Unclassifed Man...
T73LVP20 ETC1-T73LVP20 Datasheet
418Kb / 5P
   3.3V LVTTL/LVCMOS-to-Differential LVPECL Translator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com