Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP4800GEM Datasheet(PDF) 4 Page - Advanced Power Electronics Corp.

Part # AP4800GEM
Description  Fast Switching Characteristic
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP4800GEM Datasheet(HTML) 4 Page - Advanced Power Electronics Corp.

  AP4800GEM Datasheet HTML 1Page - Advanced Power Electronics Corp. AP4800GEM Datasheet HTML 2Page - Advanced Power Electronics Corp. AP4800GEM Datasheet HTML 3Page - Advanced Power Electronics Corp. AP4800GEM Datasheet HTML 4Page - Advanced Power Electronics Corp. AP4800GEM Datasheet HTML 5Page - Advanced Power Electronics Corp. AP4800GEM Datasheet HTML 6Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AP4800GEM
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
Fig 11. Transfer Characteristics
Fig 12. Drain Current v.s. Ambient
Temperature
4
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t , Pulse Width (s)
0.01
0.05
0.1
0.2
Duty factor=0.5
Single Pulse
PDM
t
T
0.02
Duty factor = t/T
Peak Tj = PDM x Rthja + Ta
Rthja = 125℃/W
0.01
0.1
1
10
100
0.01
0.1
1
10
100
V DS , Drain-to-Source Voltage (V)
T A =25
o C
Single Pulse
100us
1ms
10ms
100ms
1s
DC
0
2
4
6
8
0246
8
10
12
Q G , Total Gate Charge (nC)
I D =5 A
V DS =15V
0
200
400
600
800
1000
1
5
9
1317
2125
2933
V DS , Drain-to-Source Voltage (V)
f=1.0MHz
C iss
C oss
C rss
0
10
20
30
40
012
3456
V GS , Gate-to-Source Voltage (V)
T j =150
o C
T j =25
o C
V DS =5V
T j = -55
o C
0
2
4
6
8
10
25
50
75
100
125
150
T A , Ambient Temperature (
o C )
Operation in this
area limited by
RDS(ON)
.


Similar Part No. - AP4800GEM

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP4800GM A-POWER-AP4800GM Datasheet
80Kb / 6P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4800GYT-HF A-POWER-AP4800GYT-HF Datasheet
106Kb / 4P
   Simple Drive Requirement, Small Size & Lower Profile
AP4800GYT-HF A-POWER-AP4800GYT-HF_14 Datasheet
101Kb / 4P
   Simple Drive Requirement
AP4800GYT-HF A-POWER-AP4800GYT-HF_16 Datasheet
63Kb / 5P
   Simple Drive Requirement
More results

Similar Description - AP4800GEM

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP07S60H-A-HF A-POWER-AP07S60H-A-HF Datasheet
93Kb / 4P
   Fast Switching Characteristic
AP2340GN-HF A-POWER-AP2340GN-HF_14 Datasheet
62Kb / 4P
   Fast Switching Characteristic
AP2606AGY-HF A-POWER-AP2606AGY-HF_14 Datasheet
100Kb / 4P
   Fast Switching Characteristic
AP2606GY-HF A-POWER-AP2606GY-HF_14 Datasheet
94Kb / 5P
   Fast Switching Characteristic
AP2763W-A A-POWER-AP2763W-A_14 Datasheet
238Kb / 5P
   Fast Switching Characteristic
AP2864I-A-HF A-POWER-AP2864I-A-HF_14 Datasheet
99Kb / 4P
   Fast Switching Characteristic
AP3986P A-POWER-AP3986P_14 Datasheet
102Kb / 5P
   Fast Switching Characteristic
AP3988P-HF A-POWER-AP3988P-HF_14 Datasheet
123Kb / 4P
   Fast Switching Characteristic
AP03N90I-HF A-POWER-AP03N90I-HF_14 Datasheet
99Kb / 4P
   Fast Switching Characteristic
AP10N60W A-POWER-AP10N60W_14 Datasheet
191Kb / 5P
   Fast Switching Characteristic
AP2310GG-HF A-POWER-AP2310GG-HF_14 Datasheet
62Kb / 4P
   Fast Switching Characteristic
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com