Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP25N10GH-HF Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # AP25N10GH-HF
Description  RoHS Compliant & Halogen-Free
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP25N10GH-HF Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  AP25N10GH-HF Datasheet HTML 1Page - Advanced Power Electronics Corp. AP25N10GH-HF Datasheet HTML 2Page - Advanced Power Electronics Corp. AP25N10GH-HF Datasheet HTML 3Page - Advanced Power Electronics Corp. AP25N10GH-HF Datasheet HTML 4Page - Advanced Power Electronics Corp. AP25N10GH-HF Datasheet HTML 5Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AP25N10GH/J-HF
Advanced Power
N-CHANNEL ENHANCEMENT MODE
Electronics Corp.
POWER MOSFET
▼ Low Gate Charge
BVDSS
100V
▼ Single Drive Requirement
RDS(ON)
80mΩ
▼ RoHS Compliant & Halogen-Free
ID
23A
Description
Absolute Maximum Ratings@Tj=25
oC(unless otherwise specified)
Symbol
Units
VDS
V
VGS
V
ID@TC=25℃
A
ID@TC=100℃
A
IDM
A
PD@TC=25℃
W
TSTG
TJ
Symbol
Value
Units
Rthj-c
Maximum Thermal Resistance, Junction-case
1.3
/W
Rthj-a
62.5
/W
Rthj-a
Maximum Thermal Resistance, Junction-ambient
110
/W
Data and specifications subject to change without notice
201410214
Halogen-Free Product
1
-55 to 150
Maximum Thermal Resistance, Junction-ambient (PCB mount)
3
Drain-Source Voltage
100
Gate-Source Voltage
+20
Parameter
Rating
Drain Current, VGS @ 10V
23
Drain Current, VGS @ 10V
14.6
-55 to 150
Pulsed Drain Current
1
80
Total Power Dissipation
96
Thermal Data
Parameter
Storage Temperature Range
Operating Junction Temperature Range
G
D
S
G
D
S
TO-251(J)
G
D
S
TO-252(H)
AP25N10 series are from Advanced Power innovated design and silicon
process technology to achieve the lowest possible on-resistance and
fast switching performance. It provides the designer with an extreme
efficient device for use in a wide range of power applications.
The TO-252 package is widely preferred for all commercial-industrial
surface mount applications using infrared reflow technique and suited
for high current application due to the low connection resistance. The
through-hole version (AP25N10GJ) are available for low-profile
applications.
.


Similar Part No. - AP25N10GH-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP25N10GH-HF A-POWER-AP25N10GH-HF Datasheet
106Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
SHENZHEN DOINGTER SEMIC...
AP25N10GH-HF DOINGTER-AP25N10GH-HF Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced SGT technology
logo
Advanced Power Electron...
AP25N10GH-HF A-POWER-AP25N10GH-HF_14 Datasheet
106Kb / 4P
   Single Drive Requirement
More results

Similar Description - AP25N10GH-HF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7749L1PBF IRF-IRF7749L1PBF Datasheet
275Kb / 10P
   RoHS Compliant, Halogen Free
logo
YAGEO Corporation
PF2512FKF070R01L YAGEO-PF2512FKF070R01L Datasheet
332Kb / 10P
   RoHS compliant & Halogen free
logo
Advanced Power Electron...
AP4224LGM A-POWER-AP4224LGM_16 Datasheet
113Kb / 6P
   RoHS Compliant & Halogen-Free
AP95T10GP-HF A-POWER-AP95T10GP-HF_16 Datasheet
67Kb / 5P
   RoHS Compliant & Halogen-Free
AP97T07GP-HF A-POWER-AP97T07GP-HF_16 Datasheet
99Kb / 5P
   RoHS Compliant & Halogen-Free
AP1332GEU-HF A-POWER-AP1332GEU-HF_16 Datasheet
64Kb / 5P
   RoHS Compliant & Halogen-Free
AP2301AGN-HF A-POWER-AP2301AGN-HF_16 Datasheet
66Kb / 5P
   RoHS Compliant & Halogen-Free
AP2625GY-HF A-POWER-AP2625GY-HF_16 Datasheet
68Kb / 5P
   RoHS Compliant & Halogen-Free
logo
Shanghai Leiditech Elec...
SMD2920P100TF-60 LEIDITECH-SMD2920P100TF-60 Datasheet
424Kb / 4P
   RoHS Compliant & Halogen Free
logo
Advanced Power Electron...
AP9926GM-HF A-POWER-AP9926GM-HF_14 Datasheet
66Kb / 4P
   RoHS Compliant & Halogen-Free
AP2611GYT-HF A-POWER-AP2611GYT-HF_14 Datasheet
56Kb / 4P
   RoHS Compliant & Halogen-Free
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com