Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1051303 Datasheet(PDF) 3 Page - SICK AG

Part # 1051303
Description  2D LASER SCANNERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1051303 Datasheet(HTML) 3 Page - SICK AG

  1051303 Datasheet HTML 1Page - SICK AG 1051303 Datasheet HTML 2Page - SICK AG 1051303 Datasheet HTML 3Page - SICK AG 1051303 Datasheet HTML 4Page - SICK AG 1051303 Datasheet HTML 5Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LMC124-11000 VdS | LMC1xx
2D LASER SCANNERS
2016-03-19 03:20:07 | Online data sheet
Subject to change without notice
DETECTION AND RANGING SOLUTIONS | SICK
3
Ethernet
Function Host
Data transmission rate 10/100 MBit/s
Protocol TCP/IP
CAN bus
Function Extension of outputs
Switching inputs
4 digital
Switching outputs
3 (2 relay, 1 digital)
Optical indicators
1 7-segment display (plus 5 LEDs showing device status, contamination warning and initial
condition, both can be activated)
Mechanics/electronics
Electrical connection
1 x system plug with screw terminal block
Operating voltage
9 V DC ... 30 V DC
Power consumption
20 W, typ. 8 W
Housing color
Black (RAL 9005)
Enclosure rating
IP 65 (EN 60529, Section 14.2.5)
Protection class
III (EN 50178 (1997;10))
Weight
1.1 kg, without connecting cables
Dimensions (L x W x H)
105 mm x 102 mm x 152 mm
Ambient data
Object remission
2 % ... > 1,000 % (reflectors)
Electromagnetic compatibility (EMC)
EN 61000-6-2:2005 / EN 61000-6-4 (2007-01)
Vibration resistance
EN 60068-2-6 (1995-04)
Shock resistance
EN 60068-2-27 (1993-03)
Ambient operating temperature
0 °C ... +45 °C
Storage temperature
–30 °C ... +70 °C
Ambient light immunity
40,000 lx
General notes
Items supplied
LMS12x VdS (Indoor), Mounting protection bracket VdS 1 (long, uncoated aluminum)
Note on use
Not suitable for personnel protection


Similar Part No. - 1051303

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
105130-1000 MOLEX11-105130-1000 Datasheet
218Kb / 4P
   Combo External Serial ATA and USB Receptacles, Right Angle, Through Holewith Through hole type Front Solder Tabs
105130-1001 MOLEX11-105130-1001 Datasheet
218Kb / 4P
   Combo External Serial ATA and USB Receptacles, Right Angle, Through Holewith Through hole
105130-1002 MOLEX11-105130-1002 Datasheet
218Kb / 4P
   Combo External Serial ATA and USB Receptacles, Right Angle, Through Holewith Through hole type
logo
SICK AG
1051300 SICK-1051300 Datasheet
344Kb / 5P
   2D LASER SCANNERS
1051301 SICK-1051301 Datasheet
344Kb / 5P
   2D LASER SCANNERS
More results

Similar Description - 1051303

ManufacturerPart #DatasheetDescription
logo
SICK AG
LMS151-10100 SICK-LMS151-10100 Datasheet
1Mb / 6P
   2D LASER SCANNERS
TIM510-9950000S01 SICK-TIM510-9950000S01 Datasheet
550Kb / 6P
   2D LASER SCANNERS
LD-LRS3601 SICK-LD-LRS3601 Datasheet
596Kb / 5P
   2D LASER SCANNERS
LMS131-10100 SICK-LMS131-10100 Datasheet
1Mb / 6P
   2D LASER SCANNERS
LMS531-10100 SICK-LMS531-10100 Datasheet
692Kb / 5P
   2D LASER SCANNERS
NAV350-3232 SICK-NAV350-3232 Datasheet
914Kb / 6P
   2D LASER SCANNERS
LMS500-21000 SICK-LMS500-21000 Datasheet
575Kb / 5P
   2D LASER SCANNERS
LMS511-20100 SICK-LMS511-20100 Datasheet
923Kb / 6P
   2D LASER SCANNERS
TIM310-1030000 SICK-TIM310-1030000 Datasheet
772Kb / 6P
   2D LASER SCANNERS
TIM320-1131000 SICK-TIM320-1131000 Datasheet
593Kb / 6P
   2D LASER SCANNERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com