Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP25N170I Datasheet(PDF) 5 Page - Advanced Power Electronics Corp.

Part # AP25N170I
Description  Fast Switching Characteristics
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP25N170I Datasheet(HTML) 5 Page - Advanced Power Electronics Corp.

  AP25N170I Datasheet HTML 1Page - Advanced Power Electronics Corp. AP25N170I Datasheet HTML 2Page - Advanced Power Electronics Corp. AP25N170I Datasheet HTML 3Page - Advanced Power Electronics Corp. AP25N170I Datasheet HTML 4Page - Advanced Power Electronics Corp. AP25N170I Datasheet HTML 5Page - Advanced Power Electronics Corp. AP25N170I Datasheet HTML 6Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
AP25N170I
Fig 13. On-Resistance v.s. Gate Voltage
Fig 14. Typ. Drain-Source on State
Resistance
5
120
140
160
180
200
02468
10
12
I D , Drain Current (A)
T j =25
o C
6.0V
7.0V
8.0V
9.0V
V G =10V
130
150
170
190
210
456789
10
T C , Case Temperature(
o C)
V G =5.0V
.


Similar Part No. - AP25N170I

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP25N10GH-HF A-POWER-AP25N10GH-HF Datasheet
106Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP25N10GH-HF A-POWER-AP25N10GH-HF Datasheet
107Kb / 5P
   RoHS Compliant & Halogen-Free
logo
SHENZHEN DOINGTER SEMIC...
AP25N10GH-HF DOINGTER-AP25N10GH-HF Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced SGT technology
logo
Advanced Power Electron...
AP25N10GH-HF A-POWER-AP25N10GH-HF_14 Datasheet
106Kb / 4P
   Single Drive Requirement
AP25N10GH-HF A-POWER-AP25N10GH-HF_16 Datasheet
107Kb / 5P
   RoHS Compliant & Halogen-Free
More results

Similar Description - AP25N170I

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2762I-A-HF A-POWER-AP2762I-A-HF_14 Datasheet
91Kb / 4P
   Fast Switching Characteristics
AP2762S-A-HF A-POWER-AP2762S-A-HF_14 Datasheet
63Kb / 4P
   Fast Switching Characteristics
AP4002H-HF A-POWER-AP4002H-HF_14 Datasheet
67Kb / 4P
   Fast Switching Characteristics
AP09N70P-H A-POWER-AP09N70P-H_14 Datasheet
69Kb / 4P
   Fast Switching Characteristics
AP4002I-HF A-POWER-AP4002I-HF_16 Datasheet
63Kb / 5P
   Fast Switching Characteristics
AP01L60H-HF A-POWER-AP01L60H-HF_16 Datasheet
107Kb / 5P
   Fast Switching Characteristics
AP01L60T-HF A-POWER-AP01L60T-HF_16 Datasheet
56Kb / 5P
   Fast Switching Characteristics
AP4002H-HF A-POWER-AP4002H-HF_16 Datasheet
66Kb / 5P
   Fast Switching Characteristics
AP09N20BGH-HF A-POWER-AP09N20BGH-HF_16 Datasheet
98Kb / 5P
   Fast Switching Characteristics
AP09N20H-HF A-POWER-AP09N20H-HF_16 Datasheet
107Kb / 5P
   Fast Switching Characteristics
AP92T03GH-HF A-POWER-AP92T03GH-HF_16 Datasheet
63Kb / 5P
   Fast Switching Characteristics
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com