Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE46120A-X Datasheet(PDF) 8 Page - Peregrine Semiconductor

Part # PE46120A-X
Description  Monolithic Phase & Amplitude Controller, 1.8-2.2 GHz
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE46120A-X Datasheet(HTML) 8 Page - Peregrine Semiconductor

Back Button PE46120A-X Datasheet HTML 4Page - Peregrine Semiconductor PE46120A-X Datasheet HTML 5Page - Peregrine Semiconductor PE46120A-X Datasheet HTML 6Page - Peregrine Semiconductor PE46120A-X Datasheet HTML 7Page - Peregrine Semiconductor PE46120A-X Datasheet HTML 8Page - Peregrine Semiconductor PE46120A-X Datasheet HTML 9Page - Peregrine Semiconductor PE46120A-X Datasheet HTML 10Page - Peregrine Semiconductor PE46120A-X Datasheet HTML 11Page - Peregrine Semiconductor PE46120A-X Datasheet HTML 12Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
PE46120
Monolithic Phase & Amplitude Controller
Page 8
DOC-54655-6 – (5/2015)
www.psemi.com
Programming Options
Serial Interface
The serial interface is a 14-bit serial-in shift register
with two parallel-out channel registers RFOUT1 and
RFOUT2 buffered by a transparent latch. The 14 bits
are comprised of four bits defining the attenuation
setting and five bits for the phase shift setting.
Channel register RFOUT1 and RFOUT2 selection is
determined by the value of the C0 bit contained as
part of the 14-bit program word.
The serial interface is controlled using three CMOS
compatible signals: serial data in (SDI), clock (CLK)
and latch enable (LE). The SDI and CLK inputs allow
data to be serially entered into the shift register. Serial
data is clocked in starting with two spare bits first and
then the phase setting LSB. The shift register must be
loaded while LE is held LOW to prevent the internal
channel register values from changing as data is
entered. The LE input should then be toggled HIGH,
latching the new data into the PE46120. SDO is a
clock delayed reply of the user’s input SDI command
for functional confirmation.
Phase shift and attenuation setting truth tables are
listed in Table 6 and –Table 7. The serial timing
diagram is illustrated in Figure 2 and associated AC
characteristics are listed in Table 10.
Power-up Control Settings
The PE46120 will power up in one of two default
states depending upon the setting of the default state
(DS) pin, as defined in Table 8 and Table 9. No
specific signal sequencing is required for the default
state to be set and active once VDD is applied.
Figure 2 • Latched Buffered SDO Serial Interface
SCLK
SDI
SDO
Channel 1
Register Data
Channel 2
Register Data
LE
S0 S1 P0 P1 P2 P3 P4 M0 M1 M2 M3 S2 S3 C0
01
S0 S1 P0 P1 P2 P3 P4 M0 M1 M2 M3 S2 S3 C0
S0
TOV
TSCLK
TSU
TH
TSCLKH
TLCLKH
TSettle
TOH
Default/Current Value
Default/Current Value
New Value
New Value
TSCLKL
S1 P0 P1 P2 P3 P4 M0 M1 M2 M3 S2 S3 C0
S0 S1 P0 P1 P2 P3 P4 M0 M1 M2 M3 S2 S3 C0


Similar Part No. - PE46120A-X

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4612 PASTERNACK-PE4612 Datasheet
233Kb / 2P
   75 Ohm BNC Female Connector Clamp/ Solder Attachment For RG11, RG216
PE4612 PASTERNACK-PE4612 Datasheet
329Kb / 3P
   75 Ohm BNC Female Connector Clamp/Solder Attachment
PE4612 PASTERNACK-PE4612_16 Datasheet
329Kb / 3P
   75 Ohm BNC Female Connector Clamp/Solder Attachment
More results

Similar Description - PE46120A-X

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC500LP3 AD-HMC500LP3 Datasheet
394Kb / 8P
   GaAs HBT VECTOR MODULATOR 1.8 - 2.2 GHz
logo
Hittite Microwave Corpo...
HMC500LP3 HITTITE-HMC500LP3_09 Datasheet
267Kb / 8P
   GaAs HBT VECTOR MODULATOR 1.8 - 2.2 GHz
HMC500LP3 HITTITE-HMC500LP3 Datasheet
364Kb / 8P
   GaAs HBT VECTOR MODULATOR 1.8 - 2.2 GHz
HMC402MS8 HITTITE-HMC402MS8_06 Datasheet
317Kb / 8P
   HIGH IP3 GaAs MMIC MIXER, 1.8 - 2.2 GHz
HMC402MS8 HITTITE-HMC402MS8_08 Datasheet
219Kb / 8P
   HIGH IP3 GaAs MMIC MIXER, 1.8 - 2.2 GHz
HMC402MS8 HITTITE-HMC402MS8 Datasheet
215Kb / 6P
   HIGH IP3 GaAs MMIC MIXER, 1.8 - 2.2 GHz
HMC-C008 HITTITE-HMC-C008 Datasheet
829Kb / 6P
   15 WATT POWER AMPLIFIER MODULE, 1.8 - 2.2 GHz
HMC-C008 HITTITE-HMC-C008_10 Datasheet
489Kb / 6P
   15 WATT POWER AMPLIFIER MODULE, 1.8 - 2.2 GHz
logo
SYNERGY MICROWAVE CORPO...
APVM-881 SYNERGY-APVM-881 Datasheet
432Kb / 3P
   INDEPENDENT PHASE AND AMPLITUDE CONTROL
logo
TriQuint Semiconductor
QPD2194 TRIQUINT-QPD2194 Datasheet
884Kb / 14P
   300 W, 48 V, 1.8-2.2 GHz GaN RF Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com