Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

97240-11 Datasheet(PDF) 10 Page - Peregrine Semiconductor

Part # 97240-11
Description  Radiation Tolerant UltraCMOS Integer-N Frequency Synthesizer for Low Phase Noise Applications
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

97240-11 Datasheet(HTML) 10 Page - Peregrine Semiconductor

Back Button 97240-11 Datasheet HTML 6Page - Peregrine Semiconductor 97240-11 Datasheet HTML 7Page - Peregrine Semiconductor 97240-11 Datasheet HTML 8Page - Peregrine Semiconductor 97240-11 Datasheet HTML 9Page - Peregrine Semiconductor 97240-11 Datasheet HTML 10Page - Peregrine Semiconductor 97240-11 Datasheet HTML 11Page - Peregrine Semiconductor 97240-11 Datasheet HTML 12Page - Peregrine Semiconductor 97240-11 Datasheet HTML 13Page - Peregrine Semiconductor 97240-11 Datasheet HTML 14Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Page 10 of 21
©2010-2015 Peregrine Semiconductor Corp. All rights reserved.
Document No. DOC-15214-7 │ UltraCMOS® RFIC Solutions
Product Specification
PE97240
Figure 8. Typical Phase Noise 5/6 Prescaler
FIN = 3 GHz, VDD = 2.7V, Loop Bandwidth = 500 kHz, +25 °C
Figure 9. Typical Phase Noise 10/11 Prescaler
FIN = 3 GHz, VDD = 2.7V, Loop Bandwidth = 500 kHz, +25 °C
Typical Performance Data@ VDD = 2.6–2.8V, –40 °C < TA < +85 °C, fc = 50 MHz and FIN = 3 GHz
Frequency Offset (Hz)
Frequency Offset (Hz)


Similar Part No. - 97240-11

ManufacturerPart #DatasheetDescription
logo
WECO ELECTRICAL CONNECT...
972 WECO-972 Datasheet
80Kb / 1P
   PCB connector Screw connection
11.17
logo
3M Electronics
972-9-9561490 3M-972-9-9561490 Datasheet
4Mb / 12P
   3M??EMI/EMC Electronic Materials
logo
WECO ELECTRICAL CONNECT...
972-DS/02 WECO-972-DS/02 Datasheet
80Kb / 1P
   PCB connector Screw connection
11.17
972-DS/03 WECO-972-DS/03 Datasheet
80Kb / 1P
   PCB connector Screw connection
11.17
972-DS/04 WECO-972-DS/04 Datasheet
80Kb / 1P
   PCB connector Screw connection
11.17
More results

Similar Description - 97240-11

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE33241 PSEMI-PE33241 Datasheet
466Kb / 13P
   UltraCMOS Integer-N PLL Frequency Synthesizer for Low Phase Noise Applications
logo
Peregrine Semiconductor...
PE3238 PEREGRINE-PE3238 Datasheet
273Kb / 15P
   1500 MHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
PE3335 PEREGRINE-PE3335 Datasheet
235Kb / 15P
   3000 MHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
PE3240 PEREGRINE-PE3240 Datasheet
235Kb / 12P
   2.2 GHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
PE3336 PEREGRINE-PE3336 Datasheet
233Kb / 15P
   3000 MHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
PE3236 PEREGRINE-PE3236 Datasheet
252Kb / 15P
   2200 MHz UltraCMOS-TM Integer-N PLL for Low Phase Noise Applications
logo
Asahi Kasei Microsystem...
AK1546 AKM-AK1546 Datasheet
676Kb / 39P
   3GHz Low Noise Integer-N Frequency Synthesizer
AK1545 AKM-AK1545 Datasheet
840Kb / 39P
   3.5GHz Low Noise Integer-N Frequency Synthesizer
AK1547 AKM-AK1547 Datasheet
679Kb / 37P
   4GHz Low Noise Integer-N Frequency Synthesizer
AK1548 AKM-AK1548 Datasheet
706Kb / 42P
   8GHz Low Noise Integer-N Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com