Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE613050A-Z Datasheet(PDF) 4 Page - Peregrine Semiconductor

Part # PE613050A-Z
Description  UltraCMOS SP4T Tuning Control Switch, 100-3000 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE613050A-Z Datasheet(HTML) 4 Page - Peregrine Semiconductor

  PE613050A-Z Datasheet HTML 1Page - Peregrine Semiconductor PE613050A-Z Datasheet HTML 2Page - Peregrine Semiconductor PE613050A-Z Datasheet HTML 3Page - Peregrine Semiconductor PE613050A-Z Datasheet HTML 4Page - Peregrine Semiconductor PE613050A-Z Datasheet HTML 5Page - Peregrine Semiconductor PE613050A-Z Datasheet HTML 6Page - Peregrine Semiconductor PE613050A-Z Datasheet HTML 7Page - Peregrine Semiconductor PE613050A-Z Datasheet HTML 8Page - Peregrine Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Page 4 of 8
©2013–2014 Peregrine Semiconductor Corp. All rights reserved.
DOC-32614-4 │ UltraCMOS® RFIC Solutions
Product Specification
PE613050
Figure 4. Equivalent Circuit Model Schematic
Equivalent Circuit Model Description
The Equivalent Circuit Model shown in Figure 4
can be used to accurately model the impedance,
insertion loss, and isolation of the SP4T Tuning
Switch. It provides a very close correlation to
measured data and can easily be used in circuit
simulation programs.
Table 7 provides the mapping between the desired
switch RF state (RF1 thru RF4) and the state
variables (SW1 thru SW4).
The equivalent circuit model parameter values can
be calculated using equations shown in Table 6.
Table 6. Equivalent Circuit Model Parameters
Variable
Equation (SW=0 for OFF and SW=1 for ON)
Unit
CP
0.25
pF
COFF
0.14
pF
RSW1
If SW1 == 1then 1.6 else 400e3
LS
0.4
nH
RSW2
If SW2 == 1then 1.6 else 400e3
RSW3
If SW3 == 1then 1.6 else 400e3
RSW4
If SW4 == 1then 1.6 else 400e3
Table 7. Equivalent Circuit Model Variables
RF State
Variable
Path
V2
V1
SW1
SW2
SW3
SW4
RF1–ANT
0
0
1
0
0
0
RF2–ANT
1
0
0
1
0
0
RF3–ANT
0
1
0
0
1
0
RF4–ANT
1
1
0
0
0
1


Similar Part No. - PE613050A-Z

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6130 PASTERNACK-PE6130 Datasheet
241Kb / 2P
   Shorting N Female With 4 Inch Chain Dust Cap
PE6130 PASTERNACK-PE6130 Datasheet
418Kb / 3P
   N Female Shorting Dust Cap IP60 Rated With 4 Inch Chain
logo
Peregrine Semiconductor
PE613010 PSEMI-PE613010 Datasheet
290Kb / 8P
   UltraCMOS SPST Tuning Control Switch, 100-3000 MHz
PE613010MLAA-Z PSEMI-PE613010MLAA-Z Datasheet
290Kb / 8P
   UltraCMOS SPST Tuning Control Switch, 100-3000 MHz
logo
Pasternack Enterprises,...
PE6130 PASTERNACK-PE6130_16 Datasheet
418Kb / 3P
   N Female Shorting Dust Cap IP60 Rated With 4 Inch Chain
More results

Similar Description - PE613050A-Z

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE613010 PSEMI-PE613010 Datasheet
290Kb / 8P
   UltraCMOS SPST Tuning Control Switch, 100-3000 MHz
logo
Peregrine Semiconductor...
PE42612 PEREGRINE-PE42612 Datasheet
157Kb / 4P
   SP4T UltraCMOS 2.6 V Switch 100 - 3000 MHz
PE4261 PEREGRINE-PE4261 Datasheet
160Kb / 4P
   SP4T UltraCMOS??2.6 V Switch 100 - 3000 MHz
PE42440 PEREGRINE-PE42440 Datasheet
293Kb / 8P
   SP4T UltraCMOS??RF Switch 50 ??3000 MHz
PE4268 PEREGRINE-PE4268 Datasheet
307Kb / 11P
   SP6T UltraCMOS??2.6 V Switch 100 - 3000 MHz
PE4263 PEREGRINE-PE4263 Datasheet
149Kb / 4P
   SP6T UltraCMOS??2.6 V Switch 100 - 3000 MHz
PE42632 PEREGRINE-PE42632 Datasheet
125Kb / 4P
   SP6T UltraCMOS 2.70 V Switch 100 - 3000 MHz,50ohm
logo
Peregrine Semiconductor
PE423641 PSEMI-PE423641 Datasheet
340Kb / 11P
   UltraCMOS SP4T RF Switch 50??000 MHz
PE42440 PSEMI-PE42440 Datasheet
497Kb / 8P
   SP4T UltraCMOS RF Switch
logo
Peregrine Semiconductor...
PE4271 PEREGRINE-PE4271 Datasheet
300Kb / 8P
   SPST CATV UltraCMOS??Switch DC - 3000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com