Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2328GN-HF Datasheet(PDF) 4 Page - Advanced Power Electronics Corp.

Part # AP2328GN-HF
Description  Halogen Free & RoHS Compliant Product
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP2328GN-HF Datasheet(HTML) 4 Page - Advanced Power Electronics Corp.

  AP2328GN-HF_16 Datasheet HTML 1Page - Advanced Power Electronics Corp. AP2328GN-HF_16 Datasheet HTML 2Page - Advanced Power Electronics Corp. AP2328GN-HF_16 Datasheet HTML 3Page - Advanced Power Electronics Corp. AP2328GN-HF_16 Datasheet HTML 4Page - Advanced Power Electronics Corp. AP2328GN-HF_16 Datasheet HTML 5Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
AP2328GN-HF
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
Fig 11. Switching Time Waveform
Fig 12. Gate Charge Circuit
4
0
100
200
300
400
500
1
5
9
13
17
21
25
29
V DS , Drain-to-Source Voltage (V)
f=1.0MHz
C iss
C oss
C rss
0
2
4
6
8
02
46
8
10
Q G , Total Gate Charge (nC)
I D =3A
V DS =15V
Q
VG
4.5V
QGS
QGD
QG
Charge
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
t , Pulse Width (s)
0.01
0.05
0.1
0.2
Duty factor=0.5
Single Pulse
PDM
Duty factor = t/T
Peak Tj = PDM x Rthja + Ta
Rthja = 270℃/W
t
T
0.02
0.01
0.1
1
10
100
0.01
0.1
1
10
100
V DS , Drain-to-Source Voltage (V)
T A =25
o C
Single Pulse
100us
1ms
10ms
100ms
1s
DC
td(on) tr
td(off) t
f
VDS
VGS
10%
90%
Operation in this
area limited by
RDS(ON)


Similar Part No. - AP2328GN-HF_16

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2328GN-HF A-POWER-AP2328GN-HF_14 Datasheet
99Kb / 4P
   Small Outline Package
More results

Similar Description - AP2328GN-HF_16

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2607GY-HF A-POWER-AP2607GY-HF_16 Datasheet
63Kb / 5P
   Halogen Free & RoHS Compliant Product
AP4434GM-HF A-POWER-AP4434GM-HF_16 Datasheet
99Kb / 5P
   Halogen Free & RoHS Compliant Product
AP6983GN2-HF A-POWER-AP6983GN2-HF_14 Datasheet
96Kb / 4P
   Halogen Free & RoHS Compliant Product
AP2338GN-HF A-POWER-AP2338GN-HF_16 Datasheet
100Kb / 5P
   Halogen Free & RoHS Compliant Product
AP6982GN2-HF A-POWER-AP6982GN2-HF_14 Datasheet
174Kb / 7P
   Halogen Free & RoHS Compliant Product
AP6985GN2-HF A-POWER-AP6985GN2-HF_14 Datasheet
138Kb / 7P
   Halogen Free & RoHS Compliant Product
AP2607AGY-HF A-POWER-AP2607AGY-HF_16 Datasheet
62Kb / 5P
   Halogen Free & RoHS Compliant Product
AP9938GEO-HF A-POWER-AP9938GEO-HF_16 Datasheet
63Kb / 5P
   Halogen Free & RoHS Compliant Product
AP6985GN2-HF A-POWER-AP6985GN2-HF_16 Datasheet
69Kb / 5P
   Halogen Free & RoHS Compliant Product
logo
International Rectifier
IRF7749L1PBF IRF-IRF7749L1PBF Datasheet
275Kb / 10P
   RoHS Compliant, Halogen Free
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com