Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIM310-1030000 Datasheet(PDF) 2 Page - SICK AG

Part # TIM310-1030000
Description  2D LASER SCANNERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

TIM310-1030000 Datasheet(HTML) 2 Page - SICK AG

  TIM310-1030000 Datasheet HTML 1Page - SICK AG TIM310-1030000 Datasheet HTML 2Page - SICK AG TIM310-1030000 Datasheet HTML 3Page - SICK AG TIM310-1030000 Datasheet HTML 4Page - SICK AG TIM310-1030000 Datasheet HTML 5Page - SICK AG TIM310-1030000 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
TIM310-1030000 | TiM3xx
2D LASER SCANNERS
2
DETECTION AND RANGING SOLUTIONS | SICK
Online data sheet | 2016-03-19 03:20:07
Subject to change without notice
Ordering information
Type
Part no.
TIM310-1030000
1052627
Other models and accessories
www.sick.com/TiM3xx
Detailed technical data
Features
Field of application
Indoor
Light source
Infrared (850 nm)
Laser class
1, eye-safe (EN 60825-1 (2007-10))
Aperture angle
270°
Scanning frequency
15 Hz
Angular resolution
Operating range
0.05 m ... 4 m
Max. range with 10 % reflectivity
2 m
Performance
Response time
Typ. 134 ms
Detectable object shape
Almost any
Systematic error
± 40 mm 1)
Statistical error
± 30 mm 1)
Integrated application
Field evaluation
Number of field sets
16 field triples (48 fields, 1 triple (3 fields) programmable directly at the scanner)
Simultaneous evaluation cases
1 (3 fields)
1) Typical value; actual value depends on environmental conditions.
Interfaces
USB
✔, micro USB
Function AUX, parameterization
Switching inputs
4 (PNP)
Switching outputs
3 (PNP, Additional 1 x “Device Ready”)
Delay time
134 ms ... 30,000 ms (programmable)
Dwell time
67 ms ... 10,000 ms (programmable)
Optical indicators
2 LEDs (ON, switching status)


Similar Part No. - TIM310-1030000

ManufacturerPart #DatasheetDescription
logo
SICK AG
TIM310-1030000S01 SICK-TIM310-1030000S01 Datasheet
772Kb / 6P
   2D LASER SCANNERS
TIM310-1030000S02 SICK-TIM310-1030000S02 Datasheet
772Kb / 6P
   2D LASER SCANNERS
More results

Similar Description - TIM310-1030000

ManufacturerPart #DatasheetDescription
logo
SICK AG
LMC124-11000 SICK-LMC124-11000 Datasheet
344Kb / 5P
   2D LASER SCANNERS
LMS151-10100 SICK-LMS151-10100 Datasheet
1Mb / 6P
   2D LASER SCANNERS
TIM510-9950000S01 SICK-TIM510-9950000S01 Datasheet
550Kb / 6P
   2D LASER SCANNERS
LD-LRS3601 SICK-LD-LRS3601 Datasheet
596Kb / 5P
   2D LASER SCANNERS
LMS131-10100 SICK-LMS131-10100 Datasheet
1Mb / 6P
   2D LASER SCANNERS
LMS531-10100 SICK-LMS531-10100 Datasheet
692Kb / 5P
   2D LASER SCANNERS
NAV350-3232 SICK-NAV350-3232 Datasheet
914Kb / 6P
   2D LASER SCANNERS
LMS500-21000 SICK-LMS500-21000 Datasheet
575Kb / 5P
   2D LASER SCANNERS
LMS511-20100 SICK-LMS511-20100 Datasheet
923Kb / 6P
   2D LASER SCANNERS
TIM320-1131000 SICK-TIM320-1131000 Datasheet
593Kb / 6P
   2D LASER SCANNERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com