Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2605GY0-HF Datasheet(PDF) 3 Page - Advanced Power Electronics Corp.

Part # AP2605GY0-HF
Description  Small Footprint & Low Profile Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP2605GY0-HF Datasheet(HTML) 3 Page - Advanced Power Electronics Corp.

  AP2605GY0-HF_16 Datasheet HTML 1Page - Advanced Power Electronics Corp. AP2605GY0-HF_16 Datasheet HTML 2Page - Advanced Power Electronics Corp. AP2605GY0-HF_16 Datasheet HTML 3Page - Advanced Power Electronics Corp. AP2605GY0-HF_16 Datasheet HTML 4Page - Advanced Power Electronics Corp. AP2605GY0-HF_16 Datasheet HTML 5Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AP2605GY0-HF
65mΩ
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance
v.s. Junction Temperature
2.01E+08
Fig 5. Forward Characteristic of
Fig 6. Gate Threshold Voltage v.s.
Reverse Diode
Junction Temperature
3
0.6
0.8
1
1.2
1.4
1.6
1.8
-50
0
50
100
150
T j , Junction Temperature (
o C)
I D = -4A
V GS = -10V
0
4
8
12
16
20
01
234
56
-V DS , Drain-to-Source Voltage (V)
T A =25
o C
-10V
-7.0V
-6.0V
-5.0V
V G = -4.0V
0
4
8
12
16
20
0123
456
-V DS , Drain-to-Source Voltage (V)
-10V
-7.0V
-6.0V
-5.0V
V G = -4.0V
T A = 150
o C
0
1
2
3
4
0
0.2
0.4
0.6
0.8
1
1.2
1.4
-V SD , Source-to-Drain Voltage (V)
T j =25
o C
T j =150
o C
0
0.5
1
1.5
-50
0
50
100
150
T j , Junction Temperature (
o C)
I D =-4.2A
T A =25
o C
40
50
60
70
80
024
68
10
-V GS , Gate-to-Source Voltage (V)
I D =-3A
T A =25
o C
I D = -250uA
.


Similar Part No. - AP2605GY0-HF_16

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2605GY0-HF A-POWER-AP2605GY0-HF_14 Datasheet
61Kb / 4P
   Fast Switching Characteristic
More results

Similar Description - AP2605GY0-HF_16

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2606GY-HF A-POWER-AP2606GY-HF_16 Datasheet
99Kb / 5P
   Small Footprint & Low Profile Package
AP15TP1R0Y A-POWER-AP15TP1R0Y Datasheet
111Kb / 6P
   Small Footprint & Low Profile Package
AP2606AGY-HF A-POWER-AP2606AGY-HF_16 Datasheet
99Kb / 5P
   Small Footprint & Low Profile Package
AP2334GN A-POWER-AP2334GN_16 Datasheet
64Kb / 5P
   Small Footprint & Low Profile Package
logo
TT Electronics.
R-2R TTELEC-R-2R Datasheet
456Kb / 2P
   QSOP Package - Small Footprint
logo
M/A-COM Technology Solu...
MAAD-007081 MA-COM-MAAD-007081 Datasheet
806Kb / 8P
   Small Footprint, JEDEC Package
logo
KODENSHI_AUK CORP.
KP1504WW0 KODENSHI-KP1504WW0 Datasheet
357Kb / 4P
   Small Footprint Surface Mount Package
KP3528BSKA2I-JX KODENSHI-KP3528BSKA2I-JX Datasheet
297Kb / 6P
   Small Footprint Surface Mount Package
KP3020W KODENSHI-KP3020W Datasheet
483Kb / 4P
   Small Footprint Surface Mount Package
KP5630W5AD29 KODENSHI-KP5630W5AD29 Datasheet
315Kb / 6P
   Small Footprint Surface Mount Package
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com