Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74-6FG125MA Datasheet(PDF) 1 Page - NTE Electronics

Part # 74-6FG125MA
Description  Available in Fast Acting and Slow Blow Types
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

74-6FG125MA Datasheet(HTML) 1 Page - NTE Electronics

  74-6FG125MA Datasheet HTML 1Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NEW
NEW
NEW
7
NTE Electronics, Inc. Voice (973) 748
−5089 FAX (973) 748−6224 http://www.nteinc.com
3AG Equivalent − 6 x 30mm
Miniature Glass
Features
Available in Fast Acting and Slow Blow Types
RoHS Compliant
F−04
1.252 (31.8)
.250
(6.35)
.787 (20.0)
Specifications
Rated Voltage: 125V / 250V
Breaking Capacity: 125VAC, 10kA; 250VAC, 200A
Time Current Characteristics:
Fast Acting
% of Ampere Rating
Opening Time
110%
4 hours min.
135%
1 hour max.
200%
120 seconds max.
Slow Blow
% of Ampere
Rating
Opening Time
100mA to 3A
4A to 20A
110%
4 hours min.
4 hours min.
135%
1 hour max.
1 hour max.
200%
5
− 120 seconds
12
− 120 seconds
Ordering Information:
NTE Type No.
Rated Current
Diag No.
Fast Acting
Slow Blow
74
−6FG100MA **
74
−6SG100MA
100mA
F
−04
74
−6FG125MA **
74
−6SG125MA
125mA
F
−04
74
−6FG150MA **
74
−6SG150MA
150mA
F
−04
74
−6FG175MA **
74
−6SG175MA
175mA
F
−04
74
−6FG187MA **
74
−6SG187MA
187mA
F
−04
74
−6FG200MA **
74
−6SG200MA
200mA
F
−04
74
−6FG250MA **
74
−6SG250MA
250mA
F
−04
74
−6FG300MA **
74
−6SG300MA
300mA
F
−04
74
−6FG375MA **
74
−6SG375MA
375mA
F
−04
74
−6FG400MA
74
−6SG400MA
400mA
F
−04
74
−6FG500MA
74
−6SG500MA
500mA
F
−04
74
−6FG600MA
74
−6SG600MA
600mA
F
−04
74
−6FG750MA
74
−6SG750MA
750mA
F
−04
74
−6FG1A
74
−6SG1A
1.0A
F
−04
74
−6FG1.25A
74
−6SG1.25A
1.25A
F
−04
74
−6FG1.5A
74
−6SG1.5A
1.5A
F
−04
74
−6FG1.6A
74
−6SG1.6A
1.6A
F
−04
74
−6FG2A
74
−6SG2A
2.0A
F
−04
74
−6FG2.5A
74
−6SG2.5A
2.5A
F
−04
74
−6FG3A
74
−6SG3A
3.0A
F
−04
74
−6FG3.5A
74
−6SG3.5A
3.5A
F
−04
74
−6FG4A
74
−6SG4A
4.0A
F
−04
74
−6FG5A
74
−6SG5A
5.0A
F
−04
74
−6FG6A
74
−6SG6A**
6.0A
F
−04
74
−6FG7A
74
−6SG7A
7.0A
F
−04
74
−6FG8A
74
−6SG8A
8.0A
F
−04
74
−6FG10A
74
−6SG10A
10A
F
−04
74
−6FG12A
74
−6SG12A **
12A
F
−04
74
−6FG15A
74
−6SG15A
15A
F
−04
74
−6FG20A
74
−6SG20A
20A
F
−04
** Not UL Approved.
Accessories:
Description
NTE Type No.
Fuse Clips
74
−FC6
Panel Mount Fuse Holder
74
−FH6
In
−Line Fuse Holder
74
−IFH6


Similar Part No. - 74-6FG125MA

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
74-6FC10A NTE-74-6FC10A Datasheet
827Kb / 1P
   Available in Fast Acting and Slow Blow Types
74-6FC125MA NTE-74-6FC125MA Datasheet
827Kb / 1P
   Available in Fast Acting and Slow Blow Types
74-6FC12A NTE-74-6FC12A Datasheet
827Kb / 1P
   Available in Fast Acting and Slow Blow Types
74-6FC15A NTE-74-6FC15A Datasheet
827Kb / 1P
   Available in Fast Acting and Slow Blow Types
74-6FC1A NTE-74-6FC1A Datasheet
827Kb / 1P
   Available in Fast Acting and Slow Blow Types
More results

Similar Description - 74-6FG125MA

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
74-5FC100MA NTE-74-5FC100MA Datasheet
801Kb / 1P
   Available in Fast Acting and Slow Blow Types
74-MF250MA NTE-74-MF250MA Datasheet
372Kb / 1P
   Available in Fast Acting and Slow Blow Types
74-6FC125MA NTE-74-6FC125MA Datasheet
827Kb / 1P
   Available in Fast Acting and Slow Blow Types
74-5FG100MA NTE-74-5FG100MA Datasheet
668Kb / 1P
   Available in Fast Acting and Slow Blow Types
74-4FG375MA NTE-74-4FG375MA Datasheet
441Kb / 1P
   Available in Fast Acting and Slow Blow Types
74-3FG100MA NTE-74-3FG100MA Datasheet
466Kb / 1P
   Glass Microfuse, Fast Acting&Slow Blow
logo
GOOD-ARK Electronics
S0603S GOOD-ARK-S0603S Datasheet
227Kb / 2P
   Slow Blow
logo
Protek Devices
PF0603S PROTEC-PF0603S_15 Datasheet
479Kb / 6P
   SLOW BLOW FUSES
PF0603S PROTEC-PF0603S Datasheet
476Kb / 6P
   slow blow fuses
logo
Bel Fuse Inc.
0602-0061-33 BEL-0602-0061-33 Datasheet
93Kb / 2P
   Slow Blow Fuse Series
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com