Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFS70BX Datasheet(PDF) 1 Page - Vectron International, Inc

Part # TFS70BX
Description  Filter specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS70BX Datasheet(HTML) 1 Page - Vectron International, Inc

  TFS70BX Datasheet HTML 1Page - Vectron International, Inc TFS70BX Datasheet HTML 2Page - Vectron International, Inc TFS70BX Datasheet HTML 3Page - Vectron International, Inc TFS70BX Datasheet HTML 4Page - Vectron International, Inc TFS70BX Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Filename: tfs 70bx.doc
Version 2.0
22.08.2012
Vectron International
Filter specification
TFS 70BX
1/5
Vectron International GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail: tft@vectron.com
Vectron International GmbH reserves the right to make changes to the product(s) and/or information contained herein without notice.
No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or
information.
Measurement condition
Ambient temperature:
25
°C
Input power level:
0
dBm
Terminating impedance: *
Input:
87
|| -41 pF
Output:
104
|| -33 pF.
Characteristics
Remark:
The reference level for the relative attenuation arel of the TFS70BX is the minimum of the pass band attenuation. This value is defined as the insertion loss
ae. The nominal frequency fN is fixed at 70 MHz without any tolerance. The values of relative attenuation arel are guaranteed for the whole operating
temperature range. The frequency shift of the filter in the operating temperature range is included in the production tolerance scheme
D a t a
typ. value
tolerance / limit
Insertion loss
ae
15,9
dB
max.
22
dB
(reference level)
Nominal frequency
fN
70
MHz
Passband
PB
f
N
±
12,5
MHz
Pass variation
p-p
0,4
dB
max.
0,8
dB
Bandwidth
BW
1
dB
28
MHz
min.
25,8
MHz
3
dB
29
MHz
min.
27
MHz
40
dB
34
MHz
max.
37,5
MHz
Relative attenuation
arel
fN
… fN ±
12,5
MHz
0,3
dB
max.
1
dB
fN -
60
MHz ... fN -
20
MHz
43
dB
min.
40
dB
fN +
20
MHz ... fN +
35
MHz
43
dB
min.
40
dB
Group delay ripple**
p-p
15
ns
max.
100
ns
Absolute delay
0,74
µs
Phase ripple**
p-p
5
deg
max.
8,3
deg
Operating temperature range
OTR
- 40 °C ... + 85 °C
Storage temperature range
- 40 °C ... + 85 °C
Temperature coefficient of frequency
TCf ***
-90
ppm/K
-
*) The terminating impedances depend on parasitics and q-values of matching elements and the board used, and are to be understood as reference values
only. Should there be additional questions do not hesitate to ask for an application note or contact our design team.
**) 90% of 3dB bandwidth
***) ∆f(Hz) = TCf(ppm/K) x (T-T0) x fcat(MHz).
Generated:
Checked / Approved:


Similar Part No. - TFS70BX

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS70BA VECTRON-TFS70BA Datasheet
228Kb / 5P
   Filter specification
TFS70BB VECTRON-TFS70BB Datasheet
149Kb / 5P
   Filter specification
TFS70BE VECTRON-TFS70BE Datasheet
86Kb / 5P
   Filter specification
TFS70BF VECTRON-TFS70BF Datasheet
152Kb / 5P
   Filter specification
TFS70BG VECTRON-TFS70BG Datasheet
136Kb / 5P
   Filter specification
More results

Similar Description - TFS70BX

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS35F VECTRON-TFS35F_08 Datasheet
251Kb / 5P
   Filter specification
TFS44M VECTRON-TFS44M Datasheet
174Kb / 5P
   Filter specification
TFS70BA VECTRON-TFS70BA Datasheet
228Kb / 5P
   Filter specification
TFS70H24A VECTRON-TFS70H24A Datasheet
147Kb / 5P
   Filter specification
TFS70L9 VECTRON-TFS70L9_07 Datasheet
219Kb / 5P
   Filter specification
TFS70L14A VECTRON-TFS70L14A Datasheet
216Kb / 5P
   Filter specification
TFS70R VECTRON-TFS70R Datasheet
35Kb / 3P
   Filter Specification
TFS71C VECTRON-TFS71C_05 Datasheet
161Kb / 5P
   Filter specification
TFS75F VECTRON-TFS75F Datasheet
180Kb / 5P
   Filter specification
TFS76B VECTRON-TFS76B Datasheet
180Kb / 5P
   Filter specification
TFS76E VECTRON-TFS76E Datasheet
224Kb / 5P
   Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com