Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2762R-A-HF Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # AP2762R-A-HF
Description  Fast Switching Characteristics
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP2762R-A-HF Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  AP2762R-A-HF_16 Datasheet HTML 1Page - Advanced Power Electronics Corp. AP2762R-A-HF_16 Datasheet HTML 2Page - Advanced Power Electronics Corp. AP2762R-A-HF_16 Datasheet HTML 3Page - Advanced Power Electronics Corp. AP2762R-A-HF_16 Datasheet HTML 4Page - Advanced Power Electronics Corp. AP2762R-A-HF_16 Datasheet HTML 5Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Advanced Power
N-CHANNEL ENHANCEMENT MODE
Electronics Corp.
POWER MOSFET
▼ 100% Avalanche Test
BVDSS
650V
▼ Fast Switching Characteristics
RDS(ON)
1.4Ω
▼ Simple Drive Requirement
ID
7A
▼ RoHS Compliant
Description
Absolute Maximum Ratings@Tj=25
oC(unless otherwise specified)
Symbol
Units
VDS
Drain-Source Voltage
V
VGS
Gate-Source Voltage
V
ID@TC=25℃
Drain Current, VGS @ 10V
A
IDM
Pulsed Drain Current
1
A
PD@TC=25℃
Total Power Dissipation
W
EAS
Single Pulse Avalanche Energy
2
mJ
IAR
Avalanche Current
A
TSTG
TJ
Operating Junction Temperature Range
Thermal Data
Symbol
Value
Unit
Rthj-c
Maximum Thermal Resistance, Junction-case
1.35
℃/W
Rthj-a
Maximum Thermal Resistance, Junction-ambient
62
℃/W
Data & specifications subject to change without notice
AP2762R-A-HF
-55 to 150
6
24
92.6
Halogen-Free Product
Parameter
1
2001501224
Parameter
Rating
650
+30
-55 to 150
18
7
Storage Temperature Range
G
D
S
G
D
S
TO-262(R)
AP2762 series are from Advanced Power innovated design and
silicon process technology to achieve the lowest possible on-
resistance and fast switching performance. It provides the designer
with an extreme efficient device for use in a wide range of power
applications.
The TO-262 package is widely preferred for commercial-industrial
through-hole applications and suited for low voltage applications
such as DC/DC converters.
.


Similar Part No. - AP2762R-A-HF_16

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2762R-A-HF A-POWER-AP2762R-A-HF_14 Datasheet
101Kb / 4P
   Fast Switching Characteristics
More results

Similar Description - AP2762R-A-HF_16

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2762I-A-HF A-POWER-AP2762I-A-HF_14 Datasheet
91Kb / 4P
   Fast Switching Characteristics
AP2762S-A-HF A-POWER-AP2762S-A-HF_14 Datasheet
63Kb / 4P
   Fast Switching Characteristics
AP4002H-HF A-POWER-AP4002H-HF_14 Datasheet
67Kb / 4P
   Fast Switching Characteristics
AP09N70P-H A-POWER-AP09N70P-H_14 Datasheet
69Kb / 4P
   Fast Switching Characteristics
AP4002I-HF A-POWER-AP4002I-HF_16 Datasheet
63Kb / 5P
   Fast Switching Characteristics
AP01L60H-HF A-POWER-AP01L60H-HF_16 Datasheet
107Kb / 5P
   Fast Switching Characteristics
AP01L60T-HF A-POWER-AP01L60T-HF_16 Datasheet
56Kb / 5P
   Fast Switching Characteristics
AP4002H-HF A-POWER-AP4002H-HF_16 Datasheet
66Kb / 5P
   Fast Switching Characteristics
AP09N20BGH-HF A-POWER-AP09N20BGH-HF_16 Datasheet
98Kb / 5P
   Fast Switching Characteristics
AP09N20H-HF A-POWER-AP09N20H-HF_16 Datasheet
107Kb / 5P
   Fast Switching Characteristics
AP92T03GH-HF A-POWER-AP92T03GH-HF_16 Datasheet
63Kb / 5P
   Fast Switching Characteristics
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com