Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4029BM Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # CD4029BM
Description  Presettable Binary/Decade Up/Down Counter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4029BM Datasheet(HTML) 4 Page - National Semiconductor (TI)

  CD4029BM Datasheet HTML 1Page - National Semiconductor (TI) CD4029BM Datasheet HTML 2Page - National Semiconductor (TI) CD4029BM Datasheet HTML 3Page - National Semiconductor (TI) CD4029BM Datasheet HTML 4Page - National Semiconductor (TI) CD4029BM Datasheet HTML 5Page - National Semiconductor (TI) CD4029BM Datasheet HTML 6Page - National Semiconductor (TI) CD4029BM Datasheet HTML 7Page - National Semiconductor (TI) CD4029BM Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AC Electrical Characteristics
TA e 25 C CL e 50 pF RL e 200 k Input trCL e tfCL e 20 ns unless otherwise specified (Continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
PRESET ENABLE OPERATION
tPHL or tPLH
Propagation Delay Time
VDD e 5V
285
570
ns
to Q output
VDD e 10V
115
230
ns
VDD e 15V
95
195
ns
tPHL or tPLH
Propagation Delay Time
VDD e 5V
400
800
ns
to Carry Output
VDD e 10V
165
330
ns
VDD e 15V
135
260
ns
tWH
Minimum Preset Enable
VDD e 5V
80
160
ns
Pulse Width
VDD e 10V
30
60
ns
VDD e 15V
25
50
ns
tREM
Minimum Preset Enable
VDD e 5V
150
300
ns
Removal Time
VDD e 10V
60
120
ns
VDD e 15V
50
100
ns
CARRY INPUT OPERATION
tPHL or tPLH
Propagation Delay Time
VDD e 5V
265
530
ns
to Carry Output
VDD e 10V
110
220
ns
VDD e 15V
90
180
ns
tPHL tPLH
Propagation Delay Time
CL e 15 pF
to Carry Output
VDD e 5V
200
400
ns
VDD e 10V
85
170
ns
VDD e 15V
70
140
ns
AC Parameters are guaranteed by DC correlated testing
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed Except for ‘‘Operating Temperature Range’’
they are not meant to imply that the devices should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device
operation
Note 2
VSS e 0V unless otherwise specified
Note 3
IOH and IOL are tested one output at a time
Note 4
CPD determines the no load AC power consumption of any CMOS device For complete explanation see 54C74C Family Characteristics application note
AN-90
Connection Diagram
Dual-In-Line Package
TLF5960 – 2
Top View
Order Number CD4029B
4


Similar Part No. - CD4029BM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4029BM NSC-CD4029BM Datasheet
164Kb / 8P
   Presettable Binary/Decade Up/Down Counter
logo
Texas Instruments
CD4029BM TI-CD4029BM Datasheet
302Kb / 7P
[Old version datasheet]   CMOS PRESETTABLE UP/DOWN COUNTER
CD4029BM TI1-CD4029BM Datasheet
1Mb / 18P
[Old version datasheet]   CMOS PRESETTABLE UP/DOWN COUNTER
CD4029BM96 TI-CD4029BM96 Datasheet
302Kb / 7P
[Old version datasheet]   CMOS PRESETTABLE UP/DOWN COUNTER
CD4029BM96 TI1-CD4029BM96 Datasheet
1Mb / 18P
[Old version datasheet]   CMOS PRESETTABLE UP/DOWN COUNTER
More results

Similar Description - CD4029BM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4029BM NSC-CD4029BM Datasheet
164Kb / 8P
   Presettable Binary/Decade Up/Down Counter
logo
Fairchild Semiconductor
CD4029BC FAIRCHILD-CD4029BC Datasheet
94Kb / 8P
   Presettable Binary/Decade Up/Down Counter
logo
Motorola, Inc
SN54LS192 MOTOROLA-SN54LS192 Datasheet
276Kb / 9P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTER PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER
logo
ON Semiconductor
SN54-74LS192 ONSEMI-SN54-74LS192 Datasheet
110Kb / 7P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTER PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER
logo
STMicroelectronics
HCC4029B STMICROELECTRONICS-HCC4029B Datasheet
295Kb / 13P
   BINARY OR BCD DECADE PRESETTABLE UP/DOWN COUNTER
logo
Micro Electronics
MMC4029 MICRO-ELECTRONICS-MMC4029 Datasheet
170Kb / 4P
   PRESETTABLE UP / DOWN COUNTER BINARY OR BCD - DECADE
logo
STMicroelectronics
HCF4029B STMICROELECTRONICS-HCF4029B Datasheet
485Kb / 12P
   PRESETTABLE UP/DOWN COUNTER BINARY OR BCD DECADE
September 2002
HCF4516B STMICROELECTRONICS-HCF4516B_02 Datasheet
488Kb / 11P
   PRESETTABLE BINARY UP/DOWN COUNTER
logo
ON Semiconductor
MC14029B ONSEMI-MC14029B_05 Datasheet
124Kb / 8P
   Binary/Decade Up/Down Counter
August, 2005 ??Rev. 6
logo
Motorola, Inc
MC14029B MOTOROLA-MC14029B Datasheet
279Kb / 8P
   Binary/Decade Up/Down Counter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com