Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2906EY Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # AP2906EY
Description  Surface mount package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP2906EY Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  AP2906EY Datasheet HTML 1Page - Advanced Power Electronics Corp. AP2906EY Datasheet HTML 2Page - Advanced Power Electronics Corp. AP2906EY Datasheet HTML 3Page - Advanced Power Electronics Corp. AP2906EY Datasheet HTML 4Page - Advanced Power Electronics Corp. AP2906EY Datasheet HTML 5Page - Advanced Power Electronics Corp. AP2906EY Datasheet HTML 6Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AP2906EY
Advanced Power
N-CHANNEL ENHANCEMENT MODE
Electronics Corp.
POWER MOSFET
▼ Lower Gate Charge
BVDSS
20V
▼ Capable of 2.5V Gate Drive
RDS(ON)
35mΩ
▼ Surface mount package
ID
3
4.7A
▼ RoHS Compliant & Halogen-Free
Description
Absolute Maximum Ratings@Tj=25
oC(unless otherwise specified)
Symbol
Units
VDS
V
VGS
V
ID@TA=25℃
A
ID@TA=70℃
A
IDM
A
PD@TA=25℃
W
TSTG
TJ
Symbol
Value
Unit
Rthj-a
Maximum Thermal Resistance, Junction-ambient
3
100
℃/W
Data and specifications subject to change without notice
Thermal Data
Parameter
Parameter
Rating
Drain-Source Voltage
20
Gate-Source Voltage
+8
Drain Current
3, V
GS @ 4V
4.7
Total Power Dissipation
1.25
Drain Current
3, V
GS @ 4V
3.8
Pulsed Drain Current
1
20
Storage Temperature Range
-55 to 150
Operating Junction Temperature Range
-55 to 150
201504301
1
Halogen-Free Product
D1/D2
S1
G1
S2
G2
D1/D2
SOT-26
AP2906 series are from Advanced Power innovated
design and silicon process technology to achieve the
lowest
possible
on-resistance
and
fast
switching
performance. It provides the designer with an extreme
efficient device for use in a wide range of power
applications.
The SOT-26 package is widely used for all commercial-
industrial applications.
S1
G1
S2
G2
D1/D2
.


Similar Part No. - AP2906EY

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2900EC4 A-POWER-AP2900EC4 Datasheet
98Kb / 7P
   Ultra-small Package Outline
AP2904EC4 A-POWER-AP2904EC4 Datasheet
97Kb / 7P
   Ultra-small Package Outline
More results

Similar Description - AP2906EY

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
C4530 VECTRON-C4530_06 Datasheet
119Kb / 5P
   Surface Mount Package
logo
Advanced Power Electron...
AP2302AGN-HF A-POWER-AP2302AGN-HF_14 Datasheet
99Kb / 4P
   Surface mount package
AP2422GY A-POWER-AP2422GY_14 Datasheet
121Kb / 5P
   Surface mount package
logo
KR Electronics, Inc.
2505 KR-2505 Datasheet
28Kb / 2P
   Surface Mount Package
logo
Advanced Power Electron...
AP2302AGN-HF A-POWER-AP2302AGN-HF_16 Datasheet
99Kb / 5P
   Surface Mount Package
AP2306CGN-HF A-POWER-AP2306CGN-HF_16 Datasheet
99Kb / 5P
   Surface Mount Package
AP9938AGEY-HF A-POWER-AP9938AGEY-HF_16 Datasheet
104Kb / 5P
   Surface Mount Package
logo
M/A-COM Technology Solu...
OD-S-1249 MA-COM-OD-S-1249 Datasheet
191Kb / 1P
   Package, Surface Mount
logo
Gaomi Xinghe Electronic...
1N4148W GXELECTRONICS-1N4148W Datasheet
687Kb / 2P
   Surface Mount Package
logo
Advanced Power Electron...
AP2530GY-HF A-POWER-AP2530GY-HF_14 Datasheet
91Kb / 7P
   Surface Mount Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com