Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFS86E Datasheet(PDF) 5 Page - Vectron International, Inc

Part # TFS86E
Description  Filter specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS86E Datasheet(HTML) 5 Page - Vectron International, Inc

  TFS86E Datasheet HTML 1Page - Vectron International, Inc TFS86E Datasheet HTML 2Page - Vectron International, Inc TFS86E Datasheet HTML 3Page - Vectron International, Inc TFS86E Datasheet HTML 4Page - Vectron International, Inc TFS86E Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Filename: tfs 86e.doc
Version 4.0
22.12.2009
VI TELEFILTER
Filter specification
TFS 86E
5/5
Vectron International GmbH & Co. KG
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail: tft@vectron.com
History
Version
Reason of Changes
Name
Date
1.0
Generation of development specification
Strehl
02.04.2007
1.1
Add terminating impedances, typ. values and filter characteristic
Strehl
14.06.2007
Generation of filter specification
2.0
Extend group delay limitline according to customer requirement
Martens
30.10.2009
Change terminating impedances to optimize production tolerance for changed group delay
3.0
Change specification back to status of version 1.1
Martens
11.11.2009
Change center frequency to 86,844 MHz according to customer requirement
4.0
Change specification back to status of version 1.1
Dr. Wall
22.12.2009
Add maximum for centre frequency at ambient temperature
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.


Similar Part No. - TFS86E

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS86 VECTRON-TFS86 Datasheet
59Kb / 4P
   Filter Specification
TFS864 VECTRON-TFS864 Datasheet
176Kb / 5P
   Filter specification
TFS867A VECTRON-TFS867A Datasheet
228Kb / 5P
   Filter specification
TFS868 VECTRON-TFS868 Datasheet
47Kb / 8P
   Development specification
TFS868 VECTRON-TFS868 Datasheet
223Kb / 5P
   Filter specification
More results

Similar Description - TFS86E

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS35F VECTRON-TFS35F_08 Datasheet
251Kb / 5P
   Filter specification
TFS44M VECTRON-TFS44M Datasheet
174Kb / 5P
   Filter specification
TFS70BA VECTRON-TFS70BA Datasheet
228Kb / 5P
   Filter specification
TFS70H24A VECTRON-TFS70H24A Datasheet
147Kb / 5P
   Filter specification
TFS70L9 VECTRON-TFS70L9_07 Datasheet
219Kb / 5P
   Filter specification
TFS70L14A VECTRON-TFS70L14A Datasheet
216Kb / 5P
   Filter specification
TFS70R VECTRON-TFS70R Datasheet
35Kb / 3P
   Filter Specification
TFS71C VECTRON-TFS71C_05 Datasheet
161Kb / 5P
   Filter specification
TFS75F VECTRON-TFS75F Datasheet
180Kb / 5P
   Filter specification
TFS76B VECTRON-TFS76B Datasheet
180Kb / 5P
   Filter specification
TFS76E VECTRON-TFS76E Datasheet
224Kb / 5P
   Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com