Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ4050RSMR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BQ4050RSMR
Description  CEDV Gas Gauge and Protection Solution
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ4050RSMR Datasheet(HTML) 3 Page - Texas Instruments

  BQ4050RSMR Datasheet HTML 1Page - Texas Instruments BQ4050RSMR Datasheet HTML 2Page - Texas Instruments BQ4050RSMR Datasheet HTML 3Page - Texas Instruments BQ4050RSMR Datasheet HTML 4Page - Texas Instruments BQ4050RSMR Datasheet HTML 5Page - Texas Instruments BQ4050RSMR Datasheet HTML 6Page - Texas Instruments BQ4050RSMR Datasheet HTML 7Page - Texas Instruments BQ4050RSMR Datasheet HTML 8Page - Texas Instruments BQ4050RSMR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 53 page
background image
Thermal
Pad
1
PBI
24
PTCEN
2
VC4
23
PTC
3
VC3
22
LEDCNTLC
4
VC2
21
LEDCNTLB
5
VC1
20
LEDCNTLA
6
SRN
19
SMBC
7
NC
18
SMBD
8
SRP
17
DISP
3
bq4050
www.ti.com
SLUSC67A – MARCH 2016 – REVISED MARCH 2016
Product Folder Links: bq4050
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
P = Power Connection, O = Digital Output, AI = Analog Input, I = Digital Input, I/OD = Digital Input/Output
5 Pin Configuration and Functions
RSM Package
32-Pin VQFN with Exposed Thermal Pad
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NUMBER
PBI
1
P(1)
Power supply backup input pin
VC4
2
IA
Sense voltage input pin for the most positive cell, and balance current input for the most
positive cell
VC3
3
IA
Sense voltage input pin for the second most positive cell, balance current input for the
second most positive cell, and return balance current for the most positive cell
VC2
4
IA
Sense voltage input pin for the third most positive cell, balance current input for the third
most positive cell, and return balance current for the second most positive cell
VC1
5
IA
Sense voltage input pin for the least positive cell, balance current input for the least
positive cell, and return balance current for the third most positive cell
SRN
6
I
Analog input pin connected to the internal coulomb counter peripheral for integrating a
small voltage between SRP and SRN where SRP is the top of the sense resistor.
NC
7
Not internally connected. Connect to VSS.
SRP
8
I
Analog input pin connected to the internal coulomb counter peripheral for integrating a
small voltage between SRP and SRN where SRP is the top of the sense resistor.
VSS
9
P
Device ground
TS1
10
IA
Temperature sensor 1 thermistor input pin
TS2
11
IA
Temperature sensor 2 thermistor input pin
TS3
12
IA
Temperature sensor 3 thermistor input pin
TS4
13
IA
Temperature sensor 4 thermistor input pin
NC
14
Not internally connected. Connect to VSS.
BTP_INT
15
O
Battery Trip Point (BTP) interrupt output
PRES or
SHUTDN
16
I
Host system present input for removable battery pack or emergency system shutdown
input for embedded packs


Similar Part No. - BQ4050RSMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4010 TI-BQ4010 Datasheet
758Kb / 14P
[Old version datasheet]   8Kx8 Nonvolatile SRAM
BQ4010 TI-BQ4010 Datasheet
178Kb / 18P
[Old version datasheet]   8 k x 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4010 TI1-BQ4010 Datasheet
354Kb / 16P
[Old version datasheet]   8 k 쨈 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4010-150 TI-BQ4010-150 Datasheet
758Kb / 14P
[Old version datasheet]   8Kx8 Nonvolatile SRAM
BQ4010-200 TI-BQ4010-200 Datasheet
758Kb / 14P
[Old version datasheet]   8Kx8 Nonvolatile SRAM
More results

Similar Description - BQ4050RSMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ3060 TI-BQ3060 Datasheet
218Kb / 17P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE and PROTECTION with CEDV
BQ28Z610 TI1-BQ28Z610 Datasheet
1Mb / 36P
[Old version datasheet]   Impedance Track Gas Gauge and Protection Solution
BQ3055 TI1-BQ3055_15 Datasheet
1Mb / 38P
[Old version datasheet]   CEDV Gas Gauge and Battery Pack Manager
BQ34110 TI1-BQ34110 Datasheet
164Kb / 7P
[Old version datasheet]   Multi-Chemistry CEDV Battery Gas Gauge
BQ20Z655DBTR-R1 TI-BQ20Z655DBTR-R1 Datasheet
863Kb / 25P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION
BQ28Z560-R1 TI1-BQ28Z560-R1 Datasheet
1Mb / 60P
[Old version datasheet]   Single Cell Li-Ion Battery Gas Gauge and Protection
BQ20Z75 TI1-BQ20Z75_14 Datasheet
721Kb / 23P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION-ENABLED IC
BQ27220 TI1-BQ27220 Datasheet
128Kb / 6P
[Old version datasheet]   Single-Cell CEDV Fuel Gauge
BQ27320 TI1-BQ27320 Datasheet
441Kb / 29P
[Old version datasheet]   Single-Cell CEDV Fuel Gauge
BQ27750 TI1-BQ27750 Datasheet
1Mb / 34P
[Old version datasheet]   Impedance Track Battery Gas Gauge and Protection Solution for 1-Series Cell Li-Ion Battery Packs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com