Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ294701DSGR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # BQ294701DSGR
Description  Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ294701DSGR Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ294701DSGR Datasheet HTML 3Page - Texas Instruments BQ294701DSGR Datasheet HTML 4Page - Texas Instruments BQ294701DSGR Datasheet HTML 5Page - Texas Instruments BQ294701DSGR Datasheet HTML 6Page - Texas Instruments BQ294701DSGR Datasheet HTML 7Page - Texas Instruments BQ294701DSGR Datasheet HTML 8Page - Texas Instruments BQ294701DSGR Datasheet HTML 9Page - Texas Instruments BQ294701DSGR Datasheet HTML 10Page - Texas Instruments BQ294701DSGR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
−3.88
−3.86
−3.84
−3.82
−3.80
−3.78
−3.76
−3.74
−3.72
−3.70
−3.68
−50
−25
0
25
50
75
100
125
Temperature (°C)
G005
0
1
2
3
4
5
6
7
8
0
5
10
15
20
25
30
VDD (V)
G006
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
−50
−25
0
25
50
75
100
125
Temperature (°C)
G003
0.6
0.8
1.0
1.2
1.4
1.6
1.8
−50
−25
0
25
50
75
100
125
Temperature (°C)
G004
4.30
4.31
4.32
4.33
4.34
4.35
4.36
4.37
4.38
4.39
4.40
−50
−25
0
25
50
75
100
125
Temperature (°C)
Mean
Min
Max
G001
0.312
0.313
0.314
0.315
0.316
−50
−25
0
25
50
75
100
125
Temperature (°C)
G002
7
bq2947
www.ti.com
SLUSB15E – SEPTEMBER 2012 – REVISED FEBRUARY 2016
Product Folder Links: bq2947
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
7.6 Typical Characteristics
Figure 1. Overvoltage Threshold (Nominal = 4.35 V) vs.
Temperature
Figure 2. Hysteresis VHYS vs. Temperature
Figure 3. IDD Current Consumption vs.
Temperature at VDD = 16 V
Figure 4. ICELL vs. Temperature
at VCELL= 9.2 V
Figure 5. Output Current IOUT vs.
Temperature
Figure 6. VOUT vs. VDD


Similar Part No. - BQ294701DSGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ294701DSGR TI-BQ294701DSGR Datasheet
931Kb / 19P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ294701DSGR TI1-BQ294701DSGR Datasheet
869Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ294701DSGR TI1-BQ294701DSGR Datasheet
871Kb / 27P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ294701DSGR TI-BQ294701DSGR Datasheet
2Mb / 28P
[Old version datasheet]   BQ2947 Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
More results

Similar Description - BQ294701DSGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ294707 TI1-BQ294707 Datasheet
869Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ771604 TI1-BQ771604 Datasheet
801Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ294502 TI1-BQ294502_17 Datasheet
1Mb / 26P
[Old version datasheet]   Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
BQ294502 TI-BQ294502 Datasheet
736Kb / 18P
[Old version datasheet]   Overvoltage Protection for 2-Series and 3-Series Cell Li-Ion Batteries
BQ2961 TI1-BQ2961 Datasheet
1Mb / 29P
[Old version datasheet]   Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries
BQ294707 TI1-BQ294707 Datasheet
869Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ771604 TI1-BQ771604 Datasheet
795Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ771600 TI-BQ771600 Datasheet
717Kb / 17P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ2947 TI1-BQ2947_17 Datasheet
871Kb / 27P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ294700 TI-BQ294700 Datasheet
931Kb / 19P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com