Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25898YFFT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BQ25898YFFT
Description  I2C Controlled Single Cell 4-A Fast Charger
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ25898YFFT Datasheet(HTML) 3 Page - Texas Instruments

  BQ25898YFFT Datasheet HTML 1Page - Texas Instruments BQ25898YFFT Datasheet HTML 2Page - Texas Instruments BQ25898YFFT Datasheet HTML 3Page - Texas Instruments BQ25898YFFT Datasheet HTML 4Page - Texas Instruments BQ25898YFFT Datasheet HTML 5Page - Texas Instruments BQ25898YFFT Datasheet HTML 6Page - Texas Instruments BQ25898YFFT Datasheet HTML 7Page - Texas Instruments BQ25898YFFT Datasheet HTML 8Page - Texas Instruments BQ25898YFFT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
bq25898, bq25898D
www.ti.com
SLUSCI7A – MARCH 2016 – REVISED APRIL 2016
Product Folder Links: bq25898 bq25898D
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
5 Description (Continued)
The low impedance power path optimizes switch-mode operation efficiency, reduces battery charging time and
extends battery life during discharging phase. The I2C Serial interface with charging and system settings makes
the device a truly flexible solution.
The bq25898/98D is a highly-integrated 4-A switch-mode battery charge management and system power path
management device for single cell Li-Ion and Li-polymer battery. It features fast charging with high input voltage
support for a wide range of smartphone, tablet and portable devices. Its low impedance power path optimizes
switch-mode operation efficiency, reduces battery charging time and extends battery life during discharging
phase. It also integrates Input Current Optimizer (ICO) and Resistance Compensation (IRCOMP) to deliver
maximum charging power to battery. The solution is highly integrated with input reverse-blocking FET (RBFET,
Q1), high-side switching FET (HSFET, Q2), low-side switching FET (LSFET, Q3), and battery FET (BATFET, Q4)
between system and battery. It also integrates the bootstrap diode for the high-side gate drive and battery
monitor for simplified system design. The I2C serial interface with charging and system settings makes the device
a truly flexible solution.
The device supports a wide range of input sources, including standard USB host port, USB charging port, and
USB compliant adjustable high voltage adapter. To support fast charging using adjustable high voltage adapter,
the bq25898D provides support for MaxCharge™ handshake using D+/D- pins and DSEL pin for USB switch
control. In addition, both bq25898D and bq25898 include interface to support adjustable high voltage adapter
using input current pulse protocol. To set the default input current limit, device uses the built-in USB interface
(bq25898D) or takes the result from detection circuit in the system (bq25898), such as USB PHY device. The
device is compliant with USB 2.0 and USB 3.0 power spec with input current and voltage regulation. In addition,
the Input Current Optimizer (ICO) supports the detection of maximum power point detection of the input source
without overload. The device also meets USB On-the-Go (OTG) operation power rating specification by
supplying 5 V (Adjustable 4.5V-5.5V) on VBUS with current limit up to 2.4 A.
The power path management regulates the system slightly above battery voltage but does not drop below 3.5V
minimum system voltage (programmable). With this feature, the system maintains operation even when the
battery is completely depleted or removed. When the input current limit or voltage limit is reached, the power
path management automatically reduces the charge current to zero. As the system load continues to increase,
the power path discharges the battery until the system power requirement is met. This operation prevents
overloading the input source.
The device initiates and completes a charging cycle without software control. It automatically detects the battery
voltage and charges the battery in three phases: pre-conditioning, constant current and constant voltage. At the
end of the charging cycle, the charger automatically terminates when the charge current is below a preset limit in
the constant voltage phase. When the full battery falls below the recharge threshold, the charger will
automatically start another charging cycle.
The charger provides various safety features for battery charging and system operations, including battery
temperature negative thermistor monitoring, charging safety timer and overvoltage/overcurrent protections. The
thermal regulation reduces charge current when the junction temperature exceeds 120°C (programmable). The
STAT output reports the charging status and any fault conditions. The PG output (bq25898) indicates if a good
power source is present. The INT immediately notifies host when fault occurs.
The device also provides a 7-bit analog-to-digital converter (ADC) for monitoring charge current and
input/battery/system (VBUS, BAT, SYS, TS) voltages. The QON pin provides BATFET enable/reset control to
exit low power ship mode or full system reset function.
The devices are available in a 42-ball, 2.8 mm x 2.5 mm DSBGA package.


Similar Part No. - BQ25898YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25898C TI1-BQ25898C Datasheet
343Kb / 11P
[Old version datasheet]   Controlled Single Cell 3-A Charger
BQ25898CYFFR TI1-BQ25898CYFFR Datasheet
343Kb / 11P
[Old version datasheet]   Controlled Single Cell 3-A Charger
BQ25898CYFFT TI1-BQ25898CYFFT Datasheet
343Kb / 11P
[Old version datasheet]   Controlled Single Cell 3-A Charger
More results

Similar Description - BQ25898YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25890H TI1-BQ25890H Datasheet
1Mb / 66P
[Old version datasheet]   I2C Controlled Single Cell 5-A Fast Charger
BQ24295 TI1-BQ24295 Datasheet
1Mb / 45P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger
logo
Anpec Electronics Corop...
APW7264 ANPEC-APW7264 Datasheet
512Kb / 38P
   I2C Controlled 3A Single Cell USB Charger
logo
Texas Instruments
BQ24296 TI1-BQ24296 Datasheet
1Mb / 48P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger
BQ24297 TI1-BQ24297 Datasheet
1Mb / 48P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger
BQ24192IRGER TI-BQ24192IRGER Datasheet
2Mb / 46P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger
BQ25898C TI1-BQ25898C Datasheet
343Kb / 11P
[Old version datasheet]   Controlled Single Cell 3-A Charger
BQ25968 TI-BQ25968 Datasheet
2Mb / 88P
[Old version datasheet]   BQ25968 I2C Controlled Single Cell High Efficiency 6-A Switched Cap Fast Charger With ADC
BQ25600C TI1-BQ25600C Datasheet
748Kb / 51P
[Old version datasheet]   I2C Controlled 3.0-A Single Cell Battery Charger for Parallel Charging Applications
BQ25910 TI1-BQ25910_18 Datasheet
1Mb / 59P
[Old version datasheet]   I2C Controlled 6-A Three-Level Switch Mode, Single-Cell Parallel Battery Charger for Fast Charging
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com