Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25898DYFFT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # BQ25898DYFFT
Description  I2C Controlled Single Cell 4-A Fast Charger
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ25898DYFFT Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ25898DYFFT Datasheet HTML 2Page - Texas Instruments BQ25898DYFFT Datasheet HTML 3Page - Texas Instruments BQ25898DYFFT Datasheet HTML 4Page - Texas Instruments BQ25898DYFFT Datasheet HTML 5Page - Texas Instruments BQ25898DYFFT Datasheet HTML 6Page - Texas Instruments BQ25898DYFFT Datasheet HTML 7Page - Texas Instruments BQ25898DYFFT Datasheet HTML 8Page - Texas Instruments BQ25898DYFFT Datasheet HTML 9Page - Texas Instruments BQ25898DYFFT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Reel Width (W1)
REEL DIMENSIONS
A0
B0
K0
W
Dimension designed to accommodate the component length
Dimension designed to accommodate the component thickness
Overall width of the carrier tape
Pitch between successive cavity centers
Dimension designed to accommodate the component width
TAPE DIMENSIONS
K0
P1
B0 W
A0
Cavity
QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE
Pocket Quadrants
Sprocket Holes
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
Reel
Diameter
User Direction of Feed
P1
6
bq25898, bq25898D
SLUSCI7A – MARCH 2016 – REVISED APRIL 2016
www.ti.com
Product Folder Links: bq25898 bq25898D
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.1.2 Tape and Reel Information
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width W1
(mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
BQ25898YFFR
DSBGA
YFF
42
3000
180
8.4
2.66
2.95
0.81
4.0
8.0
Q1
BQ25898YFFT
DSBGA
YFF
42
250
180
8.4
2.66
2.95
0.81
4.0
8.0
Q1
BQ25898DYFFR
DSBGA
YFF
42
3000
180
8.4
2.66
2.95
0.81
4.0
8.0
Q1
BQ25898DYFFT
DSBGA
YFF
42
250
180
8.4
2.66
2.95
0.81
4.0
8.0
Q1


Similar Part No. - BQ25898DYFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25898C TI1-BQ25898C Datasheet
343Kb / 11P
[Old version datasheet]   Controlled Single Cell 3-A Charger
BQ25898CYFFR TI1-BQ25898CYFFR Datasheet
343Kb / 11P
[Old version datasheet]   Controlled Single Cell 3-A Charger
BQ25898CYFFT TI1-BQ25898CYFFT Datasheet
343Kb / 11P
[Old version datasheet]   Controlled Single Cell 3-A Charger
More results

Similar Description - BQ25898DYFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25890H TI1-BQ25890H Datasheet
1Mb / 66P
[Old version datasheet]   I2C Controlled Single Cell 5-A Fast Charger
BQ24295 TI1-BQ24295 Datasheet
1Mb / 45P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger
logo
Anpec Electronics Corop...
APW7264 ANPEC-APW7264 Datasheet
512Kb / 38P
   I2C Controlled 3A Single Cell USB Charger
logo
Texas Instruments
BQ24296 TI1-BQ24296 Datasheet
1Mb / 48P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger
BQ24297 TI1-BQ24297 Datasheet
1Mb / 48P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger
BQ24192IRGER TI-BQ24192IRGER Datasheet
2Mb / 46P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger
BQ25898C TI1-BQ25898C Datasheet
343Kb / 11P
[Old version datasheet]   Controlled Single Cell 3-A Charger
BQ25968 TI-BQ25968 Datasheet
2Mb / 88P
[Old version datasheet]   BQ25968 I2C Controlled Single Cell High Efficiency 6-A Switched Cap Fast Charger With ADC
BQ25600C TI1-BQ25600C Datasheet
748Kb / 51P
[Old version datasheet]   I2C Controlled 3.0-A Single Cell Battery Charger for Parallel Charging Applications
BQ25910 TI1-BQ25910_18 Datasheet
1Mb / 59P
[Old version datasheet]   I2C Controlled 6-A Three-Level Switch Mode, Single-Cell Parallel Battery Charger for Fast Charging
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com