Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ29209-Q1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # BQ29209-Q1
Description  Voltage Protection with Automatic Cell Balance
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ29209-Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ29209-Q1 Datasheet HTML 4Page - Texas Instruments BQ29209-Q1 Datasheet HTML 5Page - Texas Instruments BQ29209-Q1 Datasheet HTML 6Page - Texas Instruments BQ29209-Q1 Datasheet HTML 7Page - Texas Instruments BQ29209-Q1 Datasheet HTML 8Page - Texas Instruments BQ29209-Q1 Datasheet HTML 9Page - Texas Instruments BQ29209-Q1 Datasheet HTML 10Page - Texas Instruments BQ29209-Q1 Datasheet HTML 11Page - Texas Instruments BQ29209-Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
OUT
Cell Voltage
V
PROTECT
L
H
t
d
VC2-VC1,
VC1 GND
-
V
PROTECT -
HYS
V
8
bq29209-Q1
SLUSC62A – JUNE 2015 – REVISED MARCH 2016
www.ti.com
Product Folder Links: bq29209-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Feature Description (continued)
If the cell overvoltage condition is removed before the external capacitor reaches the reference voltage, the
internal current source is disabled and an internal discharge block is employed to discharge the external
capacitor down to 0 V. In this instance, the OUT pin remains in a low state.
8.3.2 Cell Voltage > VPROTECT
When one or both of the cell voltages rises above VPROTECT, the internal comparator is tripped, and the delay
begins to count to td. If the input remains above VPROTECT for the duration of td, the bq29209-Q1 output changes
from a low to a high state, by means of an internal pull-up network, to a regulated voltage of no more than 9.5 V
when IOH = 0 mA.
The external delay capacitor should charge up to no more than the internal LDO voltage (approximately 5 V
typically), and will fully discharge in approximately under 100 ms when the overvoltage condition is removed.
Figure 4. Timing for Overvoltage Sensing
8.3.3 Cell Connection Sequence
NOTE
Before connecting the cells, populate the overvoltage delay timing capacitor, CCD.
The recommended cell connection sequence begins from the bottom of the stack, as follows:
1. GND
2. VC1
3. VC2
While not advised, connecting the cells in a sequence other than that described above does not result in errant
activity on the OUT pin. For example:
1. GND
2. VC2 or VC1
3. Remaining VCx pin
8.3.4 Cell Balance Enable Control
To avoid prematurely discharging the cells, it is recommended to turn off (pull high) the active-low Cell Balance
Enable Control pin at lower State of Charge (SOC) levels.


Similar Part No. - BQ29209-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29209 TI1-BQ29209 Datasheet
913Kb / 24P
[Old version datasheet]    Voltage Protection with Automatic Cell Balance
BQ29209DRBR TI-BQ29209DRBR Datasheet
585Kb / 15P
[Old version datasheet]   Voltage Protection with Automatic Cell Balance for 2-Series Cell Li-Ion Batteries
BQ29209DRBR TI1-BQ29209DRBR Datasheet
913Kb / 24P
[Old version datasheet]    Voltage Protection with Automatic Cell Balance
BQ29209DRBT TI-BQ29209DRBT Datasheet
585Kb / 15P
[Old version datasheet]   Voltage Protection with Automatic Cell Balance for 2-Series Cell Li-Ion Batteries
BQ29209DRBT TI1-BQ29209DRBT Datasheet
913Kb / 24P
[Old version datasheet]    Voltage Protection with Automatic Cell Balance
More results

Similar Description - BQ29209-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29200 TI1-BQ29200_16 Datasheet
913Kb / 24P
[Old version datasheet]    Voltage Protection with Automatic Cell Balance
BQ29200 TI-BQ29200 Datasheet
585Kb / 15P
[Old version datasheet]   Voltage Protection with Automatic Cell Balance for 2-Series Cell Li-Ion Batteries
logo
Unisonic Technologies
UB209A UTC-UB209A Datasheet
261Kb / 9P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
logo
ABLIC Inc.
S-8209A ABLIC-S-8209A Datasheet
483Kb / 27P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
Rev.3.8_00
S-8209B ABLIC-S-8209B Datasheet
473Kb / 26P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
Rev.3.8_00
logo
Unisonic Technologies
UB209B UTC-UB209B Datasheet
250Kb / 9P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
UB209A UTC-UB209A_17 Datasheet
283Kb / 9P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
UB209B UTC-UB209B_17 Datasheet
269Kb / 10P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
logo
Seiko Instruments Inc
S-8209A SII-S-8209A Datasheet
501Kb / 26P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
logo
Unisonic Technologies
UB209A UTC-UB209A_15 Datasheet
261Kb / 9P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com