Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ500101 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # BQ500101
Description  NexFET Power Stage
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ500101 Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ500101 Datasheet HTML 5Page - Texas Instruments BQ500101 Datasheet HTML 6Page - Texas Instruments BQ500101 Datasheet HTML 7Page - Texas Instruments BQ500101 Datasheet HTML 8Page - Texas Instruments BQ500101 Datasheet HTML 9Page - Texas Instruments BQ500101 Datasheet HTML 10Page - Texas Instruments BQ500101 Datasheet HTML 11Page - Texas Instruments BQ500101 Datasheet HTML 12Page - Texas Instruments BQ500101 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Input Voltage (V)
0
2
4
6
8
10
12
14
16
18
0.85
-1.2
0.9
-0.8
0.95
-0.4
1
0.0
1.05
0.4
1.1
0.8
1.15
1.2
D008
Switching Frequency (kHz)
40
130
220
310
400
490
580
670
0.97
-0.2
1
0.0
1.03
0.2
1.06
0.5
1.09
0.7
1.12
0.9
1.15
1.2
D007
Ambient Temperature (qC)
0
10
20
30
40
50
60
70
80
90
0
2
4
6
8
10
12
D004
400 LFM
200 LFM
100 LFM
Nat. conv.
Board Temperature (qC)
0
20
40
60
80
100
120
140
0
2
4
6
8
10
12
D006
Min
Typ
TC - Junction Temperature (qC)
-50
-25
0
25
50
75
100
125
150
0.5
0.6
0.7
0.8
0.9
1
1.1
D003
Output Current (A)
1
2.5
4
5.5
7
8.5
10
0
0.5
1
1.5
2
2.5
3
D002
Typ
Max
9
bq500101
www.ti.com
SLPS585 – MARCH 2016
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Application (continued)
(1)
LFM: Linear Feet per Minute (Air Flow Velocity)
8.2.1 Application Curves
TJ = 125°C, unless stated otherwise
VIN = 10 V
VDD = 5 V
ƒSW = 130 kHz
LSW = 6 µH
Duty Cycle = 50%
Figure 3. Power Loss vs Output Current
VIN = 10 V
VDD = 5 V
ƒSW = 130 kHz
LSW = 6 µH
Duty Cycle = 50%
Figure 4. Power Loss vs Temperature
VIN = 10 V
VDD = 5 V
ƒSW = 130 kHz
LSW = 6 µH
Duty Cycle = 50%
Figure 5. Safe Operating Area – PCB Horizontal Mount (1)
VIN = 10 V
VDD = 5 V
ƒSW = 130 kHz
LSW = 6 µH
Duty Cycle = 50%
Figure 6. Typical Safe Operating Area
VIN = 10 V
VDD = 5 V
ISW = 5 A
LSW = 6 µH
Duty Cycle = 50%
Figure 7. Normalized Power Loss vs Frequency
ISW = 5 A
VDD = 5 V
ƒSW = 130 kHz
LSW = 6 µH
Duty Cycle = 50%
Figure 8. Normalized Power Loss vs Input Voltage


Similar Part No. - BQ500101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ500100 TI1-BQ500100 Datasheet
332Kb / 18P
[Old version datasheet]   High-Side Current Sensor for Wireless Charging
BQ500100DCKR TI1-BQ500100DCKR Datasheet
332Kb / 18P
[Old version datasheet]   High-Side Current Sensor for Wireless Charging
BQ500100DCKT TI1-BQ500100DCKT Datasheet
332Kb / 18P
[Old version datasheet]   High-Side Current Sensor for Wireless Charging
More results

Similar Description - BQ500101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD95375Q4M TI-CSD95375Q4M Datasheet
911Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD97370Q5M TI1-CSD97370Q5M Datasheet
923Kb / 22P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
JUNE2011
CSD96370Q5M TI-CSD96370Q5M Datasheet
950Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD97396Q4M TI1-CSD97396Q4M Datasheet
497Kb / 20P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD97374Q4M TI1-CSD97374Q4M_15 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD97370Q5M TI-CSD97370Q5M_15 Datasheet
1Mb / 21P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD95377Q4M TI1-CSD95377Q4M Datasheet
498Kb / 20P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD96370Q5M TI-CSD96370Q5M_15 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD97370Q5M_1110 TI-CSD97370Q5M_1110 Datasheet
789Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD96371Q5M TI-CSD96371Q5M Datasheet
1Mb / 18P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com