Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ29705DSER Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # BQ29705DSER
Description  Cost-Effective Voltage and Current Protection Integrated Circuit
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ29705DSER Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ29705DSER Datasheet HTML 2Page - Texas Instruments BQ29705DSER Datasheet HTML 3Page - Texas Instruments BQ29705DSER Datasheet HTML 4Page - Texas Instruments BQ29705DSER Datasheet HTML 5Page - Texas Instruments BQ29705DSER Datasheet HTML 6Page - Texas Instruments BQ29705DSER Datasheet HTML 7Page - Texas Instruments BQ29705DSER Datasheet HTML 8Page - Texas Instruments BQ29705DSER Datasheet HTML 9Page - Texas Instruments BQ29705DSER Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
6
bq2970, bq2971, bq2972, bq2973
SLUSBU9C – MARCH 2014 – REVISED MARCH 2016
www.ti.com
Product Folder Links: bq2970 bq2971 bq2972 bq2973
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Thermal Information (continued)
THERMAL METRIC(1)
bq297xx
UNIT
DSE (WSON)
12 PINS
(5)
The junction-to-top characterization parameter,
ψJT, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining RθJA, using a procedure described in JESD51-2a (sections 6 and 7).
(6)
The junction-to-board characterization parameter,
ψJB, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining RθJA, using a procedure described in JESD51-2a (sections 6 and 7).
(7)
The junction-to-case (bottom) thermal resistance is obtained by simulating a cold plate test on the exposed (power) pad. No specific
JEDEC standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
Spacer
ψJT
Junction-to-top characterization parameter(5)
6.4
°C/W
ψJB
Junction-to-board characterization parameter(6)
152.8
°C/W
RθJC(bottom)
Junction-to-case(bottom) thermal resistance(7)
N/A
°C/W
7.5 DC Characteristics
Typical Values stated where TA = 25°C and BAT = 3.6 V. Min/Max values stated where TA = –40°C to 85°C, and BAT = 3 V
to 4.2 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CURRENT CONSUMPTION
VBAT
Device operating range
BAT – VSS
1.5
8
V
BAT – V–
1.5
28
INORMAL
Current consumption in NORMAL mode
BAT = 3.8 V, V– = 0 V
4
5.5
µA
IPower_down
Current consumption in power down mode
BAT = V– = 1.5 V
0.1
µA
FET OUTPUT, DOUT and COUT
VOL
Charge FET low output
IOL = 30 µA, BAT = 3.8 V
0.4
0.5
V
VOH
Charge FET high output
IOH = –30 µA, BAT = 3.8 V
3.4
3.7
V
VOL
Discharge FET low output
IOL = 30 µA, BAT = 2 V
0.2
0.5
V
VOH
Discharge FET high output
IOH = –30 µA, BAT = 3.8 V
3.4
3.7
V
PULL UP INTERNAL RESISTANCE ON V–
RV–D
Resistance between V– and VBAT
VBAT = 1.8 V, V– = 0 V
100
300
550
k
CURRENT SINK ON V–
IV–S
Current sink on V– to VSS
VBAT = 3.8 V
8
24
µA
LOAD SHORT DETECTION ON V–
Vshort
Short detection voltage
VBAT = 3.8 V and RPackN = 2.2 kΩ
VBAT – 1 V
V
0-V BATTERY CHARGE FUNCTION
V0CHG
0-V battery charging starter voltage
0-V battery charging function allowed
1.7
V
V0INH
0-V battery charging inhibit voltage
0-V battery charging function disallowed
0.75
V
7.6 Programmable Fault Detection Thresholds
PARAMETER
CONDITION
MIN
TYP
MAX
UNIT
VOVP
Overcharge detection voltage
Factory Device Configuration: 3.85 V to
4.60 V in 50-mV steps
TA = 25°C
–10
10
mV
TA = 0°C to
60°C
–20
20
mV
VOVP–Hys
Overcharge release hysteresis
voltage
100 mV and (VSS – V–) > OCC (min) for release, TA =
25°C
–20
20
mV
VUVP
Over-discharge detection
voltage
Factory Device Configuration: 2.00 V to 2.80 V in 50-mV
steps, TA = 25°C
–50
50
mV
VUVP+Hys
Over-discharge release
hysteresis voltage
100 mV and (BAT – V–) > 1 V for release, TA = 25°C
–50
50
mV
VOCD
Discharging overcurrent
detection voltage
Factory Device Configuration: 90 mV to
200 mV in 5-mV steps
TA = 25°C
–10
10
mV
TA = –40°C to
85°C
–15
15
mV


Similar Part No. - BQ29705DSER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29705DSER TI1-BQ29705DSER Datasheet
1Mb / 33P
[Old version datasheet]   Cost-Effective Voltage and Current Protection Integrated Circuit for Single-Cell Li-Ion and Li-Polymer Batteries
BQ29705DSER TI1-BQ29705DSER Datasheet
1Mb / 33P
[Old version datasheet]   Cost-Effective Voltage and Current Protection Integrated Circuit for Single-Cell Li-Ion and Li-Polymer Batteries
BQ29705DSER TI-BQ29705DSER Datasheet
1Mb / 32P
[Old version datasheet]   BQ297xx Cost-Effective Voltage and Current Protection Integrated Circuit for Single-Cell Li-Ion and Li-Polymer Batteries
BQ29705DSER TI-BQ29705DSER Datasheet
1Mb / 34P
[Old version datasheet]   BQ297xx Cost-Effective Voltage and Current Protection Integrated Circuit for Single-Cell Li-Ion and Li-Polymer Batteries
More results

Similar Description - BQ29705DSER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2970_1806 TI1-BQ2970_1806 Datasheet
1Mb / 33P
[Old version datasheet]   Cost-Effective Voltage and Current Protection Integrated Circuit for Single-Cell Li-Ion and Li-Polymer Batteries
BQ2970 TI1-BQ2970_18 Datasheet
1Mb / 33P
[Old version datasheet]   Cost-Effective Voltage and Current Protection Integrated Circuit for Single-Cell Li-Ion and Li-Polymer Batteries
BQ2970 TI-BQ2970_V01 Datasheet
1Mb / 32P
[Old version datasheet]   BQ297xx Cost-Effective Voltage and Current Protection Integrated Circuit for Single-Cell Li-Ion and Li-Polymer Batteries
BQ2970 TI-BQ2970_V02 Datasheet
1Mb / 34P
[Old version datasheet]   BQ297xx Cost-Effective Voltage and Current Protection Integrated Circuit for Single-Cell Li-Ion and Li-Polymer Batteries
logo
Murata Manufacturing Co...
CSTLS4M00G56-B0 MURATA-CSTLS4M00G56-B0 Datasheet
193Kb / 3P
   cost-effective and reliable availability
CSTLS20M0X51Z-B0 MURATA-CSTLS20M0X51Z-B0 Datasheet
190Kb / 3P
   cost-effective and reliable availability
CSTLS23M0X51Z-B0 MURATA-CSTLS23M0X51Z-B0 Datasheet
190Kb / 3P
   cost-effective and reliable availability
CSTLS25M0X51-B0 MURATA-CSTLS25M0X51-B0 Datasheet
190Kb / 3P
   cost-effective and reliable availability
CSTLS10M0G56-A0 MURATA-CSTLS10M0G56-A0 Datasheet
193Kb / 3P
   cost-effective and reliable availability
CSTLS3M52G53-B0 MURATA-CSTLS3M52G53-B0 Datasheet
190Kb / 3P
   cost-effective and reliable availability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com