Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD18542KTT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CSD18542KTT
Description  60-V N-Channel NexFET Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD18542KTT Datasheet(HTML) 6 Page - Texas Instruments

Back Button CSD18542KTT Datasheet HTML 2Page - Texas Instruments CSD18542KTT Datasheet HTML 3Page - Texas Instruments CSD18542KTT Datasheet HTML 4Page - Texas Instruments CSD18542KTT Datasheet HTML 5Page - Texas Instruments CSD18542KTT Datasheet HTML 6Page - Texas Instruments CSD18542KTT Datasheet HTML 7Page - Texas Instruments CSD18542KTT Datasheet HTML 8Page - Texas Instruments CSD18542KTT Datasheet HTML 9Page - Texas Instruments CSD18542KTT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
TC - Case Temperature (°C)
-50
-25
0
25
50
75
100
125
150
175
200
0
40
80
120
160
200
240
D012
VDS - Drain-to-Source Voltage (V)
0.1
1
10
100
0.1
1
10
100
1000
D010
DC
10 ms
1 ms
100 µs
10 µs
TAV - Time in Avalanche (ms)
0.01
0.1
1
10
100
1000
D011
TC = 25q C
TC = 125q C
6
CSD18542KTT
SLPS590 – MARCH 2016
www.ti.com
Product Folder Links: CSD18542KTT
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical MOSFET Characteristics (continued)
(TA = 25°C unless otherwise stated)
Single Pulse, Max RθJC = 0.6°C/W
Figure 10. Maximum Safe Operating Area
Figure 11. Single Pulse Unclamped Inductive Switching
Figure 12. Maximum Drain Current vs Temperature


Similar Part No. - CSD18542KTT

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
CSD18542KTT ISC-CSD18542KTT Datasheet
321Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - CSD18542KTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD18535KTT TI1-CSD18535KTT Datasheet
417Kb / 13P
[Old version datasheet]   60 V N-Channel NexFET Power MOSFET
CSD18536KTT TI1-CSD18536KTT Datasheet
418Kb / 13P
[Old version datasheet]   60 V N-Channel NexFET Power MOSFET
CSD18535KCS TI-CSD18535KCS_15 Datasheet
338Kb / 11P
[Old version datasheet]   CSD18535KCS 60 V N-Channel NexFET Power MOSFET
CSD18536KCS TI-CSD18536KCS_15 Datasheet
454Kb / 11P
[Old version datasheet]   CSD18536KCS 60 V N-Channel NexFET Power MOSFET
CSD18543Q3A TI1-CSD18543Q3A Datasheet
409Kb / 13P
[Old version datasheet]   CSD18543Q3A 60-V N-Channel NexFET Power MOSFET
CSD18534KCS TI-CSD18534KCS Datasheet
843Kb / 8P
[Old version datasheet]   60-V, N-Channel NexFET Power MOSFETs
CSD18532NQ5B TI-CSD18532NQ5B Datasheet
1Mb / 12P
[Old version datasheet]   60-V, N-Channel NexFET??Power MOSFETs
CSD18563Q5A TI-CSD18563Q5A Datasheet
421Kb / 10P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
CSD18534Q5A TI-CSD18534Q5A Datasheet
777Kb / 12P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
CSD18533Q5A TI-CSD18533Q5A Datasheet
1Mb / 11P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com