Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD18542KTTT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CSD18542KTTT
Description  60-V N-Channel NexFET Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD18542KTTT Datasheet(HTML) 3 Page - Texas Instruments

  CSD18542KTTT Datasheet HTML 1Page - Texas Instruments CSD18542KTTT Datasheet HTML 2Page - Texas Instruments CSD18542KTTT Datasheet HTML 3Page - Texas Instruments CSD18542KTTT Datasheet HTML 4Page - Texas Instruments CSD18542KTTT Datasheet HTML 5Page - Texas Instruments CSD18542KTTT Datasheet HTML 6Page - Texas Instruments CSD18542KTTT Datasheet HTML 7Page - Texas Instruments CSD18542KTTT Datasheet HTML 8Page - Texas Instruments CSD18542KTTT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
CSD18542KTT
www.ti.com
SLPS590 – MARCH 2016
Product Folder Links: CSD18542KTT
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
5 Specifications
5.1 Electrical Characteristics
(TA = 25°C unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC CHARACTERISTICS
BVDSS
Drain-to-source voltage
VGS = 0 V, ID = 250 μA
60
V
IDSS
Drain-to-source leakage current
VGS = 0 V, VDS = 48 V
1
μA
IGSS
Gate-to-source leakage current
VDS = 0 V, VGS = 20 V
100
nA
VGS(th)
Gate-to-source threshold voltage
VDS = VGS, ID = 250 μA
1.5
1.8
2.2
V
RDS(on)
Drain-to-source on-resistance
VGS = 4.5 V, ID = 100 A
4.0
5.1
m
VGS = 10 V, ID = 100 A
3.3
4.0
m
gfs
Transconductance
VDS = 6 V, ID = 100 A
198
S
DYNAMIC CHARACTERISTICS
Ciss
Input capacitance
VGS = 0 V, VDS = 30 V, ƒ = 1 MHz
3900
5070
pF
Coss
Output capacitance
500
650
pF
Crss
Reverse transfer capacitance
11
14
pF
RG
Series gate resistance
1.3
2.6
Qg
Gate charge total (4.5 V)
VDS = 30 V, ID = 100 A
21
27
nC
Qg
Gate charge total (10 V)
44
57
nC
Qgd
Gate charge gate-to-drain
6.9
nC
Qgs
Gate charge gate-to-source
13
nC
Qg(th)
Gate charge at Vth
7.3
nC
Qoss
Output charge
VDS = 30 V, VGS = 0 V
63
nC
td(on)
Turn on delay time
VDS = 30 V, VGS = 10 V,
IDS = 100 A, RG = 0 Ω
6
ns
tr
Rise time
4
ns
td(off)
Turn off delay time
16
ns
tf
Fall time
2
ns
DIODE CHARACTERISTICS
VSD
Diode forward voltage
ISD = 100 A, VGS = 0 V
0.9
1.0
V
Qrr
Reverse recovery charge
VDS= 30 V, IF = 100 A,
di/dt = 300 A/
μs
132
nC
trr
Reverse recovery time
73
ns
5.2 Thermal Information
(TA = 25°C unless otherwise stated)
THERMAL METRIC
MIN
TYP
MAX
UNIT
RθJC
Junction-to-case thermal resistance
0.6
°C/W
RθJA
Junction-to-ambient thermal resistance
62
°C/W


Similar Part No. - CSD18542KTTT

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
CSD18542KTT ISC-CSD18542KTT Datasheet
321Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - CSD18542KTTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD18535KTT TI1-CSD18535KTT Datasheet
417Kb / 13P
[Old version datasheet]   60 V N-Channel NexFET Power MOSFET
CSD18536KTT TI1-CSD18536KTT Datasheet
418Kb / 13P
[Old version datasheet]   60 V N-Channel NexFET Power MOSFET
CSD18535KCS TI-CSD18535KCS_15 Datasheet
338Kb / 11P
[Old version datasheet]   CSD18535KCS 60 V N-Channel NexFET Power MOSFET
CSD18536KCS TI-CSD18536KCS_15 Datasheet
454Kb / 11P
[Old version datasheet]   CSD18536KCS 60 V N-Channel NexFET Power MOSFET
CSD18543Q3A TI1-CSD18543Q3A Datasheet
409Kb / 13P
[Old version datasheet]   CSD18543Q3A 60-V N-Channel NexFET Power MOSFET
CSD18534KCS TI-CSD18534KCS Datasheet
843Kb / 8P
[Old version datasheet]   60-V, N-Channel NexFET Power MOSFETs
CSD18532NQ5B TI-CSD18532NQ5B Datasheet
1Mb / 12P
[Old version datasheet]   60-V, N-Channel NexFET??Power MOSFETs
CSD18563Q5A TI-CSD18563Q5A Datasheet
421Kb / 10P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
CSD18534Q5A TI-CSD18534Q5A Datasheet
777Kb / 12P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
CSD18533Q5A TI-CSD18533Q5A Datasheet
1Mb / 11P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com