Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ294706DSGT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ294706DSGT
Description  Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ294706DSGT Datasheet(HTML) 1 Page - Texas Instruments

  BQ294706DSGT Datasheet HTML 1Page - Texas Instruments BQ294706DSGT Datasheet HTML 2Page - Texas Instruments BQ294706DSGT Datasheet HTML 3Page - Texas Instruments BQ294706DSGT Datasheet HTML 4Page - Texas Instruments BQ294706DSGT Datasheet HTML 5Page - Texas Instruments BQ294706DSGT Datasheet HTML 6Page - Texas Instruments BQ294706DSGT Datasheet HTML 7Page - Texas Instruments BQ294706DSGT Datasheet HTML 8Page - Texas Instruments BQ294706DSGT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
100
VCELL1
VCELL3
VCELL2
OUT
VDD
VSS
0. 1 µF
1k
1k
Pack+
Pack–
V3
V2
V1
V4
CD
VCELL4
PWPD
0. 1 µF
0.1 µF
0.1 µF
0.1 µF
1k
1k
0.1 µF
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.
bq2947
SLUSB15E – SEPTEMBER 2012 – REVISED FEBRUARY 2016
bq2947 Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
with External Delay Capacitor
1
1 Features
1
2-, 3-, and 4-Series Cell Overvoltage Protection
External Capacitor-Programmed Delay Timer
Factory Programmed OVP Threshold (Threshold
Range 3.85 V to 4.6 V)
Output Options: Active High or Open Drain Active
Low
High-Accuracy Overvoltage Protection: ±10 mV
Low Power Consumption ICC ≈ 1 µA
(VCELL(ALL) < VPROTECT)
Low Leakage Current Per Cell Input < 100 nA
Small Package Footprint
8-Pin WSON (2.00 mm x 2.00 mm)
2 Applications
Notebook
UPS Battery Backup
3 Description
The bq2947 family is an overvoltage monitor and
protector for Li-Ion battery pack systems. Each cell is
monitored independently for an overvoltage condition.
In the bq2947 device, an external delay timer is
initiated upon detection of an overvoltage condition
on any cell. Upon expiration of the delay timer, the
output is triggered into its active state (either high or
low, depending on the configuration). The external
delay timer feature also includes the ability to detect
an open or shorted delay capacitor on the CD pin,
which will similarly trigger the output driver in an
overvoltage condition.
For quicker production-line testing, the bq2947 device
provides a Customer Test Mode with reduced delay
time.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
bq294700
WSON (8)
2.00 mm × 2.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
spacer
Simplified Schematic


Similar Part No. - BQ294706DSGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ294706DSGT TI1-BQ294706DSGT Datasheet
871Kb / 27P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ294706DSGT TI-BQ294706DSGT Datasheet
2Mb / 28P
[Old version datasheet]   BQ2947 Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
More results

Similar Description - BQ294706DSGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ294707 TI1-BQ294707 Datasheet
869Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ771604 TI1-BQ771604 Datasheet
801Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ294502 TI1-BQ294502_17 Datasheet
1Mb / 26P
[Old version datasheet]   Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
BQ294502 TI-BQ294502 Datasheet
736Kb / 18P
[Old version datasheet]   Overvoltage Protection for 2-Series and 3-Series Cell Li-Ion Batteries
BQ2961 TI1-BQ2961 Datasheet
1Mb / 29P
[Old version datasheet]   Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries
BQ294707 TI1-BQ294707 Datasheet
869Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ771604 TI1-BQ771604 Datasheet
795Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ771600 TI-BQ771600 Datasheet
717Kb / 17P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ2947 TI1-BQ2947_17 Datasheet
871Kb / 27P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ294700 TI-BQ294700 Datasheet
931Kb / 19P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com