Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ29718DSER Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # BQ29718DSER
Description  Cost-Effective Voltage and Current Protection Integrated Circuit
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ29718DSER Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ29718DSER Datasheet HTML 3Page - Texas Instruments BQ29718DSER Datasheet HTML 4Page - Texas Instruments BQ29718DSER Datasheet HTML 5Page - Texas Instruments BQ29718DSER Datasheet HTML 6Page - Texas Instruments BQ29718DSER Datasheet HTML 7Page - Texas Instruments BQ29718DSER Datasheet HTML 8Page - Texas Instruments BQ29718DSER Datasheet HTML 9Page - Texas Instruments BQ29718DSER Datasheet HTML 10Page - Texas Instruments BQ29718DSER Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
0.000
0.005
0.010
0.015
0.020
0.025
0.030
0.035
0.040
0.045
0.050
±40
±20
0
20
40
60
80
100
120
Temperature (
ƒC)
C001
0
1
2
3
4
5
6
±40
±20
0
20
40
60
80
100
120
Temperature (
ƒC)
C002
7
bq2970, bq2971, bq2972, bq2973
www.ti.com
SLUSBU9C – MARCH 2014 – REVISED MARCH 2016
Product Folder Links: bq2970 bq2971 bq2972 bq2973
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Programmable Fault Detection Thresholds (continued)
PARAMETER
CONDITION
MIN
TYP
MAX
UNIT
Release of
VOCD
Release of discharging
overcurrent detection voltage
Release when BAT – V– > 1 V
1
V
VOCC
Charging overcurrent detection
voltage
Factory Device Configuration: –45 mV to
–155 mV in 5-mV steps
TA = 25°C
–10
10
mV
TA = –40°C to
85°C
–15
15
mV
Release of
VOCC
Release of overcurrent
detection voltage
Release when VSS – V–
≥ OCC (min)
40
mV
VSCC
Short Circuit detection voltage
Factory Device Configuration: 300 mV,
400 mV, 500 mV, 600 mV
TA = 25°C
–100
100
mV
VSCCR
Release of Short Circuit
detection voltage
Release when BAT – V–
≥ 1 V
1
V
7.7 Programmable Fault Detection Timer Ranges
PARAMETER
CONDITION
MIN
TYP
MAX
UNIT
tOVPD
Overcharge detection delay time
Factory Device Configuration: 0.25 s, 1 s, 1.25 s, 4.5 s
–20%
20%
s
tUVPD
Over-discharge detection delay
time
Factory Device Configuration: 20 ms, 96 ms, 125 ms, 144
ms
–20%
20%
ms
tOCDD
Discharging overcurrent detection
delay time
Factory Device Configuration: 8 ms, 16 ms, 20 ms, 48 ms
–20%
20%
ms
tOCCD
Charging overcurrent detection
delay time
Factory Device Configuration: 4 ms, 6 ms, 8 ms, 16 ms
–20%
20%
ms
tSCCD
Short Circuit detection delay time
250 µs (fixed)
–50%
50%
µs
7.8 Typical Characteristics
VBAT = 1.5 V
Figure 1. 1.5-V IBAT Versus Temperature
VBAT = 3.9 V
Figure 2. 3.9-V IBAT Versus Temperature


Similar Part No. - BQ29718DSER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29718DSER TI1-BQ29718DSER Datasheet
1Mb / 33P
[Old version datasheet]   Cost-Effective Voltage and Current Protection Integrated Circuit for Single-Cell Li-Ion and Li-Polymer Batteries
BQ29718DSER TI1-BQ29718DSER Datasheet
1Mb / 33P
[Old version datasheet]   Cost-Effective Voltage and Current Protection Integrated Circuit for Single-Cell Li-Ion and Li-Polymer Batteries
BQ29718DSER TI-BQ29718DSER Datasheet
1Mb / 32P
[Old version datasheet]   BQ297xx Cost-Effective Voltage and Current Protection Integrated Circuit for Single-Cell Li-Ion and Li-Polymer Batteries
BQ29718DSER TI-BQ29718DSER Datasheet
1Mb / 34P
[Old version datasheet]   BQ297xx Cost-Effective Voltage and Current Protection Integrated Circuit for Single-Cell Li-Ion and Li-Polymer Batteries
More results

Similar Description - BQ29718DSER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2970_1806 TI1-BQ2970_1806 Datasheet
1Mb / 33P
[Old version datasheet]   Cost-Effective Voltage and Current Protection Integrated Circuit for Single-Cell Li-Ion and Li-Polymer Batteries
BQ2970 TI1-BQ2970_18 Datasheet
1Mb / 33P
[Old version datasheet]   Cost-Effective Voltage and Current Protection Integrated Circuit for Single-Cell Li-Ion and Li-Polymer Batteries
BQ2970 TI-BQ2970_V01 Datasheet
1Mb / 32P
[Old version datasheet]   BQ297xx Cost-Effective Voltage and Current Protection Integrated Circuit for Single-Cell Li-Ion and Li-Polymer Batteries
BQ2970 TI-BQ2970_V02 Datasheet
1Mb / 34P
[Old version datasheet]   BQ297xx Cost-Effective Voltage and Current Protection Integrated Circuit for Single-Cell Li-Ion and Li-Polymer Batteries
logo
Murata Manufacturing Co...
CSTLS4M00G56-B0 MURATA-CSTLS4M00G56-B0 Datasheet
193Kb / 3P
   cost-effective and reliable availability
CSTLS20M0X51Z-B0 MURATA-CSTLS20M0X51Z-B0 Datasheet
190Kb / 3P
   cost-effective and reliable availability
CSTLS23M0X51Z-B0 MURATA-CSTLS23M0X51Z-B0 Datasheet
190Kb / 3P
   cost-effective and reliable availability
CSTLS25M0X51-B0 MURATA-CSTLS25M0X51-B0 Datasheet
190Kb / 3P
   cost-effective and reliable availability
CSTLS10M0G56-A0 MURATA-CSTLS10M0G56-A0 Datasheet
193Kb / 3P
   cost-effective and reliable availability
CSTLS3M52G53-B0 MURATA-CSTLS3M52G53-B0 Datasheet
190Kb / 3P
   cost-effective and reliable availability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com