Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP4224LGM Datasheet(PDF) 5 Page - Advanced Power Electronics Corp.

Part # AP4224LGM
Description  RoHS Compliant & Halogen-Free
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP4224LGM Datasheet(HTML) 5 Page - Advanced Power Electronics Corp.

  AP4224LGM_16 Datasheet HTML 1Page - Advanced Power Electronics Corp. AP4224LGM_16 Datasheet HTML 2Page - Advanced Power Electronics Corp. AP4224LGM_16 Datasheet HTML 3Page - Advanced Power Electronics Corp. AP4224LGM_16 Datasheet HTML 4Page - Advanced Power Electronics Corp. AP4224LGM_16 Datasheet HTML 5Page - Advanced Power Electronics Corp. AP4224LGM_16 Datasheet HTML 6Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
AP4224LGM
Fig 13. Typ. Drain-Source on State
Fig 14. Total Power Dissipation
Resistance
5
0
0.4
0.8
1.2
1.6
2
2.4
0
50
100
150
T A , Ambient Temperature(
o C)
0
20
40
60
80
100
02
468
10
12
I D , Drain Current (A)
T j =25
o C
2.0V
2.5V
4.0V
4.5V
V GS =5.0V
.


Similar Part No. - AP4224LGM_16

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP4224LGM-HF A-POWER-AP4224LGM-HF Datasheet
80Kb / 2P
   Low On-Resistance, Capable of 2.5V Gate Drive
logo
SHENZHEN DOINGTER SEMIC...
AP4224LGM-HF DOINGTER-AP4224LGM-HF Datasheet
1Mb / 4P
   Dual N-Channel MOSFET uses advanced trench technology
logo
Advanced Power Electron...
AP4224LGM-HF A-POWER-AP4224LGM-HF_14 Datasheet
80Kb / 2P
   Low On-Resistance
More results

Similar Description - AP4224LGM_16

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7749L1PBF IRF-IRF7749L1PBF Datasheet
275Kb / 10P
   RoHS Compliant, Halogen Free
logo
YAGEO Corporation
PF2512FKF070R01L YAGEO-PF2512FKF070R01L Datasheet
332Kb / 10P
   RoHS compliant & Halogen free
logo
Advanced Power Electron...
AP95T10GP-HF A-POWER-AP95T10GP-HF_16 Datasheet
67Kb / 5P
   RoHS Compliant & Halogen-Free
AP97T07GP-HF A-POWER-AP97T07GP-HF_16 Datasheet
99Kb / 5P
   RoHS Compliant & Halogen-Free
AP1332GEU-HF A-POWER-AP1332GEU-HF_16 Datasheet
64Kb / 5P
   RoHS Compliant & Halogen-Free
AP2301AGN-HF A-POWER-AP2301AGN-HF_16 Datasheet
66Kb / 5P
   RoHS Compliant & Halogen-Free
AP2625GY-HF A-POWER-AP2625GY-HF_16 Datasheet
68Kb / 5P
   RoHS Compliant & Halogen-Free
logo
Shanghai Leiditech Elec...
SMD2920P100TF-60 LEIDITECH-SMD2920P100TF-60 Datasheet
424Kb / 4P
   RoHS Compliant & Halogen Free
logo
Advanced Power Electron...
AP9926GM-HF A-POWER-AP9926GM-HF_14 Datasheet
66Kb / 4P
   RoHS Compliant & Halogen-Free
AP2611GYT-HF A-POWER-AP2611GYT-HF_14 Datasheet
56Kb / 4P
   RoHS Compliant & Halogen-Free
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com