Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD-LRS3611 Datasheet(PDF) 3 Page - SICK AG

Part # LD-LRS3611
Description  2D LASER SCANNERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

LD-LRS3611 Datasheet(HTML) 3 Page - SICK AG

  LD-LRS3611 Datasheet HTML 1Page - SICK AG LD-LRS3611 Datasheet HTML 2Page - SICK AG LD-LRS3611 Datasheet HTML 3Page - SICK AG LD-LRS3611 Datasheet HTML 4Page - SICK AG LD-LRS3611 Datasheet HTML 5Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LD-LRS3611 | LD-LRS
2D LASER SCANNERS
2016-03-19 03:20:07 | Online data sheet
Subject to change without notice
DETECTION AND RANGING SOLUTIONS | SICK
3
Operating voltage
24 V DC, ± 15 %
Power consumption
36 W, + 140 W heating
Housing
PU (polyurethane rigid integral foam)
Housing color
Gray (RAL 7032)
Enclosure rating
IP 67
Protection class
III
Weight
9.1 kg
Dimensions (L x W x H)
250 mm x 350 mm x 391.1 mm
Ambient data
Ambient operating temperature
–25 °C ... +50 °C
Storage temperature
–25 °C ... +80 °C
General notes
Note on use
Not suitable for personnel protection
Dimensional drawing (Dimensions in mm (inch))
62.5
(2.46)
125 (4.92)
24.1
(0.95)
146 (5.75)
351 (13.82)
4 x Ø 20
(0.79)
1
4
2
2
3
4
4
2
①  Optical axis
②  Zero level
③  Mounting hole M6 threaded –9 mm deep
④  RS-232/Ethernet/Power connection (20-pin harting connector)


Similar Part No. - LD-LRS3611

ManufacturerPart #DatasheetDescription
logo
SICK AG
LD-LRS3601 SICK-LD-LRS3601 Datasheet
596Kb / 5P
   2D LASER SCANNERS
More results

Similar Description - LD-LRS3611

ManufacturerPart #DatasheetDescription
logo
SICK AG
LMC124-11000 SICK-LMC124-11000 Datasheet
344Kb / 5P
   2D LASER SCANNERS
LMS151-10100 SICK-LMS151-10100 Datasheet
1Mb / 6P
   2D LASER SCANNERS
TIM510-9950000S01 SICK-TIM510-9950000S01 Datasheet
550Kb / 6P
   2D LASER SCANNERS
LD-LRS3601 SICK-LD-LRS3601 Datasheet
596Kb / 5P
   2D LASER SCANNERS
LMS131-10100 SICK-LMS131-10100 Datasheet
1Mb / 6P
   2D LASER SCANNERS
LMS531-10100 SICK-LMS531-10100 Datasheet
692Kb / 5P
   2D LASER SCANNERS
NAV350-3232 SICK-NAV350-3232 Datasheet
914Kb / 6P
   2D LASER SCANNERS
LMS500-21000 SICK-LMS500-21000 Datasheet
575Kb / 5P
   2D LASER SCANNERS
LMS511-20100 SICK-LMS511-20100 Datasheet
923Kb / 6P
   2D LASER SCANNERS
TIM310-1030000 SICK-TIM310-1030000 Datasheet
772Kb / 6P
   2D LASER SCANNERS
TIM320-1131000 SICK-TIM320-1131000 Datasheet
593Kb / 6P
   2D LASER SCANNERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com