Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCM1265MF Datasheet(PDF) 1 Page - Sanken electric

Part # SCM1265MF
Description  500V / 600V High Voltage Three-phase Motor Driver ICs
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SCM1265MF Datasheet(HTML) 1 Page - Sanken electric

  SCM1265MF Datasheet HTML 1Page - Sanken electric SCM1265MF Datasheet HTML 2Page - Sanken electric SCM1265MF Datasheet HTML 3Page - Sanken electric SCM1265MF Datasheet HTML 4Page - Sanken electric SCM1265MF Datasheet HTML 5Page - Sanken electric SCM1265MF Datasheet HTML 6Page - Sanken electric SCM1265MF Datasheet HTML 7Page - Sanken electric SCM1265MF Datasheet HTML 8Page - Sanken electric SCM1265MF Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
500V / 600V High Voltage Three-phase Motor Driver ICs
SCM1200MF Series
Data sheet
SCM1200MF-DSJ Rev.1.1
SANKEN ELECTRIC CO.,LTD.
1
Feb. 19, 2016
http://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO.,LTD. 2015
Description
The SCM1200MF series are high voltage three-phase
motor driver ICs in which transistors, pre-driver ICs
(MICs), and bootstrap circuits (diodes and resistors) are
highly integrated. These products can run on a
three-shunt current detection system and optimally
control the inverter systems of medium-capacity motors
that require universal input standards.
Features
● Each half-bridge circuit consists of a pre-driver IC
● In case of malfunction, all outputs shut down via three
FO pins connected together
● Built-in bootstrap diodes with current limmiting
resistors (22 Ω)
● CMOS compatible input (3.3 to 5 V)
● Pb free
● Isolation voltage: 2500 V for 1 min,
UL recognized component (File No.: E118037)
● Fault signal output at protection activation
● Protections include:
Undervoltage Lockout for power supply
High-side (UVLO_VB): Auto-restart
Low-side (UVLO_VCC): Auto-restart
Overcurrent Protection (OCP): Auto-restart
Simultaneous On-state Prevention: Auto-restart
Thermal Shutdown (TSD): Auto-restart
Typical Application Diagram
VCC
MIC1
VB1
FO1
OCP1
LIN1
COM1
HIN1
VCC1
HS1
VBB
W
LS3
V
LS2
U
LS1
INT
A/D1
COM
VB2
FO2
OCP2
LIN2
COM2
HIN2
VCC2
HS2
VB3
FO3
OCP3
LIN3
COM3
HIN3
VCC3
HS3
VFO
MIC2
MIC3
1
3
4
5
6
7
9
8
11
12
14
13
15
16
17
19
20
21
22
23
24
25
26
28
29
31
32
33
A/D2
A/D3
M
27
18
10
2
30
VDC
LIN1
HIN1
LIN2
HIN2
LIN3
HIN3
RFO
CFO
CBOOT1
CBOOT2
CBOOT3
RS1
RS2
RS3
RO1
RO3
RO3
CO3
CO2
CO1
U1
SCM1200MF Series
Package
SCM (pin pitch: 1.27 mm, mold dimensions: 47 × 19 × 4.4 mm)
Not to scale
SCM1200MF Series
● IGBT+FRD (600 V)
IO (A)
Feature
Part Number
10 A
Low noise
SCM1261MF*
15 A
Low noise
SCM1242MF
SCM1263MF*
Low switching
dissipation
SCM1243MF
20 A
Low noise
SCM1265MF*
Low switching
dissipation
SCM1245MF
30 A
Low noise
SCM1256MF
Low switching
dissipation
SCM1246MF
* Uses a shorter blanking time for OCP activation.
Applications
For motor drives such as:
● Refrigerator compressor motor
● Air conditioner compressor motor
● Washing machine main motor
● Fan motor
● Pump motor
余白上 35mm
ヘッター1 線
長さ 174 mm
下方向 33mm
右方向-2mm
ヘッター1 線
長さ 174 mm
下方向 33mm
右方向-2mm


Similar Part No. - SCM1265MF

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
SCM120 AXIOMTEK-SCM120 Datasheet
371Kb / 1P
   Ultra Low Power Consumption Cortex-A9
SCM120-120-EVK AXIOMTEK-SCM120-120-EVK Datasheet
364Kb / 1P
   High flexibility SMARC v1.0 compliant design
SCM120-120-EVK AXIOMTEK-SCM120-120-EVK_17 Datasheet
193Kb / 1P
   SMARC v1.0 SoM Evaluation Kit with Quad/DualLite 800 MHz (Industrial)
SCM120 AXIOMTEK-SCM120_16 Datasheet
231Kb / 1P
   High flexibility SMARC v1.0 compliant design
SCM120 AXIOMTEK-SCM120_17 Datasheet
264Kb / 1P
   SMARC v1.0 SoM with Quad/DualLite 800 MHz (Industrial) SoC, 1GB Memory
More results

Similar Description - SCM1265MF

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SIM6880M SANKEN-SIM6880M Datasheet
2Mb / 52P
   500V / 600V High Voltage 3-phase Motor Driver ICs
SIM6800M SANKEN-SIM6800M Datasheet
2Mb / 52P
   500V / 600V High Voltage 3-phase Motor Driver ICs
SCM1270MF SANKEN-SCM1270MF Datasheet
1Mb / 53P
   600V High Voltage 3-phase Motor Driver ICs
SIM6812M SANKEN-SIM6812M Datasheet
553Kb / 16P
   High Voltage 3-Phase Motor Driver ICs
logo
Allegro MicroSystems
SIM6800M ALLEGRO-SIM6800M Datasheet
317Kb / 16P
   High Voltage 3-Phase Motor Driver ICs
logo
Sanken electric
SMA685XM SANKEN-SMA685XM Datasheet
615Kb / 13P
   High Voltage 3-Phase Motor Driver ICs
SMA6852MZ SANKEN-SMA6852MZ Datasheet
615Kb / 13P
   High Voltage 3-Phase Motor Driver ICs
SX1A5201E1S SANKEN-SX1A5201E1S Datasheet
811Kb / 34P
   500V High Voltage 3-phase Motor Driver IC
SPI-6631M SANKEN-SPI-6631M Datasheet
82Kb / 2P
   Low Voltage 3-Phase Brushless Motor Driver ICs
logo
STMicroelectronics
L634 STMICROELECTRONICS-L634 Datasheet
469Kb / 10P
   THREE PHASE MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com