Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3670MF-1.2 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM3670MF-1.2
Description  Miniature Step-Down DC-DC Converter for Ultralow Voltage Circuits
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3670MF-1.2 Datasheet(HTML) 1 Page - Texas Instruments

  LM3670MF-1.2 Datasheet HTML 1Page - Texas Instruments LM3670MF-1.2 Datasheet HTML 2Page - Texas Instruments LM3670MF-1.2 Datasheet HTML 3Page - Texas Instruments LM3670MF-1.2 Datasheet HTML 4Page - Texas Instruments LM3670MF-1.2 Datasheet HTML 5Page - Texas Instruments LM3670MF-1.2 Datasheet HTML 6Page - Texas Instruments LM3670MF-1.2 Datasheet HTML 7Page - Texas Instruments LM3670MF-1.2 Datasheet HTML 8Page - Texas Instruments LM3670MF-1.2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
2
5
4
3
VIN
SW
FB
EN
GND
L1
4.7 or 10 µH
VOUT
CIN
4.7 µF
LM3670
VIN
2.5 V to 5.5 V
R1
R2
COUT
10 µF
1
2
5
4
3
VIN
SW
FB
EN
GND
L1
10 µF
VOUT
CIN
4.7 µF
LM3670
VIN
2.5 V to 5.5 V
COUT
10 µF
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LM3670
SNVS250F – NOVEMBER 2004 – REVISED FEBRUARY 2016
LM3670 Miniature Step-Down DC-DC Converter for Ultralow Voltage Circuits
1
1 Features
1
Input Voltage Range: 2.5 V to 5.5 V
Adjustable Output Voltages (VOUT): 0.7 V to 2.5 V
Fixed Output Voltages: 1.2 V, 1.5 V, 1.6 V, 1.8 V,
1.875 V, 3.3V
15-µA Typical Quiescent Current
350-mA Maximum Load Capability
1-MHz PWM Fixed Switching Frequency (Typical)
Automatic PFM and PWM Mode Switching
Low Dropout Operation – 100% Duty Cycle Mode
Internal Synchronous Rectification for High
Efficiency
Internal Soft Start
0.1-µA Typical Shutdown Current
Current Overload Protection
Operates from a Single Li-Ion Cell or Three-Cell
NiMH/NiCd Batteries
Only Three Tiny Surface-Mount External
Components Required (One Inductor, Two
Ceramic Capacitors)
2 Applications
Mobile Phones and Handheld Devices
PDAs
Palm-Top PCs
Portable Instruments
Battery-Powered Devices
3 Description
The
LM3670
step-down
DC-DC
converter
is
optimized for powering ultralow voltage circuits from a
single Li-Ion cell or three-cell NiMH/NiCd batteries. It
provides up to 350-mA load current, over an input
voltage range from 2.5 V to 5.5 V. There are several
different fixed voltage output options available as well
as an adjustable output voltage version.
The device offers superior features and performance
for mobile phones and similar portable applications
with complex power management systems. Automatic
intelligent switching between pulse width modulation
(PWM) low-noise and pulse frequency modulation
(PFM) low-current mode offers improved system
control. During full-power operation, a fixed-frequency
1-MHz (typical) PWM mode drives loads from
approximately 70 mA to 350 mA maximum, with up to
95% efficiency. Hysteretic PFM mode extends the
battery life through reduction of the quiescent current
to 15 µA (typical) during light current loads and
system standby. Internal synchronous rectification
provides high efficiency (90% to 95% typical at loads
between 1 mA and 100 mA). In shutdown mode
(enable (EN) pin pulled low) the device turns off and
reduces battery consumption to 0.1 µA (typical).
The LM3670 is available in a 5-pin SOT-23 package.
A high switching frequency (1 MHz typical) allows use
of
tiny
surface-mount
components.
Only
three
external surface-mount components, an inductor and
two ceramic capacitors, are required.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM3670
SOT-23 (5)
2.90 mm × 1.60 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
space
space
Typical Application: Fixed Output
Typical Application: Adjustable Output Voltage


Similar Part No. - LM3670MF-1.2

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3670MF-1.2 NSC-LM3670MF-1.2 Datasheet
997Kb / 17P
   Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670MF-1.2 NSC-LM3670MF-1.2 Datasheet
978Kb / 17P
   Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
logo
Texas Instruments
LM3670MF-1.2 TI-LM3670MF-1.2 Datasheet
1Mb / 25P
[Old version datasheet]   LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670MF-1.2/NOPB TI1-LM3670MF-1.2/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
More results

Similar Description - LM3670MF-1.2

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3670 NSC-LM3670 Datasheet
997Kb / 17P
   Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670 NSC-LM3670_06 Datasheet
978Kb / 17P
   Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
logo
Texas Instruments
LM3670 TI1-LM3670_14 Datasheet
1Mb / 24P
[Old version datasheet]   Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670 TI-LM3670_15 Datasheet
1Mb / 25P
[Old version datasheet]   LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670MF-18 TI-LM3670MF-18 Datasheet
1Mb / 25P
[Old version datasheet]   LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670MF-18 TI1-LM3670MF-18 Datasheet
1Mb / 25P
[Old version datasheet]   LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3677 TI1-LM3677 Datasheet
11Mb / 30P
[Old version datasheet]   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3677 TI-LM3677_15 Datasheet
11Mb / 28P
[Old version datasheet]   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
logo
National Semiconductor ...
LM3677_0810 NSC-LM3677_0810 Datasheet
7Mb / 24P
   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3677 NSC-LM3677_08 Datasheet
7Mb / 22P
   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com