Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM285LPRE3-2-5 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM285LPRE3-2-5
Description  Micropower Voltage References
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM285LPRE3-2-5 Datasheet(HTML) 1 Page - Texas Instruments

  LM285LPRE3-2-5 Datasheet HTML 1Page - Texas Instruments LM285LPRE3-2-5 Datasheet HTML 2Page - Texas Instruments LM285LPRE3-2-5 Datasheet HTML 3Page - Texas Instruments LM285LPRE3-2-5 Datasheet HTML 4Page - Texas Instruments LM285LPRE3-2-5 Datasheet HTML 5Page - Texas Instruments LM285LPRE3-2-5 Datasheet HTML 6Page - Texas Instruments LM285LPRE3-2-5 Datasheet HTML 7Page - Texas Instruments LM285LPRE3-2-5 Datasheet HTML 8Page - Texas Instruments LM285LPRE3-2-5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
ANODE
CATHODE
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LM285-2.5, LM385-2.5, LM385B-2.5
SLVS023K – JANUARY 1989 – REVISED MARCH 2016
LMx85-2.5, LM385B-2.5 Micropower Voltage References
1
1 Features
1
Operating Current Range 20
μA to 20 mA
1.5% and 3% Initial Voltage Tolerance
Reference Impedance
LM385 1
Ω Maximum at 25°C
All Devices 1.5
Ω Maximum Over Full
Temperature Range
Very Low Power Consumption
2 Applications
Portable Meter References
Portable Test Instruments
Battery-Operated Systems
Current-Loop Instrumentation
Panel Meters
3 Description
The LMx85-2.5 and LM385B are micropower, two-
terminal, band-gap voltage references that operate
over a 20-
μA to 20-mA current range and feature
exceptionally low dynamic impedance and good
temperature stability. On-chip trimming provides tight
voltage tolerance. The band-gap reference for these
devices has low noise and long-term stability.
The
design
makes
these
devices
exceptionally
tolerant of capacitive loading and, thus, easier to use
in most reference applications. The wide dynamic
operating temperature range accommodates varying
current supplies, with excellent regulation.
The extremely low power drain of this series makes
these devices useful for micropower circuitry. These
voltage references can be used to make portable
meters,
regulators,
or
general-purpose
analog
circuitry, with battery life approaching shelf life. The
wide
operating
current
range
of
these
voltage
references allows them to replace older references
with tighter-tolerance parts.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LMx85D-2-5,
LM385BD-2-5
SOIC (8)
4.90 mm × 3.90 mm
LMx85LP-2-5,
LM385BLP-2-5
TO-92 (3)
4.30 mm × 4.30 mm
LM385PW-2-5,
LM385BPW-2-5
TSSOP (8)
3.00 mm × 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


Similar Part No. - LM285LPRE3-2-5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM285LPRE3-2-5 TI-LM285LPRE3-2-5 Datasheet
670Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
More results

Similar Description - LM285LPRE3-2-5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM285-2-5 TI-LM285-2-5 Datasheet
669Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-1.2 TI1-LM285-1.2_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM385-1.2-MIL TI1-LM385-1.2-MIL Datasheet
402Kb / 16P
[Old version datasheet]   Micropower Voltage References
LM385LPE3-2-5 TI1-LM385LPE3-2-5 Datasheet
651Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285 TI-LM285 Datasheet
307Kb / 15P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM385B-2.5 TI-LM385B-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-2.5 TI-LM285-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM385-2-5 TI-LM385-2-5 Datasheet
670Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-1.2 TI1-LM285-1.2 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LT1004-12 TI-LT1004-12 Datasheet
353Kb / 20P
[Old version datasheet]   MICROPOWER INTEGRATED VOLTAGE REFERENCES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com