Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM36922H Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM36922H
Description  Highly Efficient Dual-String White LED Driver
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM36922H Datasheet(HTML) 4 Page - Texas Instruments

  LM36922H Datasheet HTML 1Page - Texas Instruments LM36922H Datasheet HTML 2Page - Texas Instruments LM36922H Datasheet HTML 3Page - Texas Instruments LM36922H Datasheet HTML 4Page - Texas Instruments LM36922H Datasheet HTML 5Page - Texas Instruments LM36922H Datasheet HTML 6Page - Texas Instruments LM36922H Datasheet HTML 7Page - Texas Instruments LM36922H Datasheet HTML 8Page - Texas Instruments LM36922H Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
4
LM36922H
SNVSAF2A – FEBRUARY 2016 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: LM36922H
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
IN
Input voltage
–0.3
6
V
OUT
Output overvoltage sense input
–0.3
40
V
SW
Inductor connection
–0.3
40
V
LED1, LED2
LED string cathode connection
–0.3
30
V
HWEN, PWM, SDA,
SCL, ASEL
Logic I/Os
–0.3
6
V
Maximum junction temperature, TJ_MAX
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. Pins listed as ±2000
V may actually have higher performance.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. Pins listed as ±500 V
may actually have higher performance.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±500
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
IN
Input voltage
2.5
5.5
V
OUT
Overvoltage sense input
0
38
V
SW
Inductor connection
0
38
V
LED1, LED2
LED string cathode connection
0
29.5
V
HWEN, PWM, SDA,
SCL, ASEL
Logic I/Os
0
5.5
V
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
LM36922H
UNIT
YFQ (DSBGA)
12 PINS
RθJA
Junction-to-ambient thermal resistance
88.9
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
0.7
°C/W
RθJB
Junction-to-board thermal resistance
43.9
°C/W
ΨθJT
Junction-to-top characterization parameter
2.9
°C/W
ΨθJB
Junction-to-board characterization parameter
43.7
°C/W


Similar Part No. - LM36922H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM36923 TI1-LM36923 Datasheet
1Mb / 47P
[Old version datasheet]   Highly Efficient Triple-String White LED Driver
LM36923H TI1-LM36923H Datasheet
1Mb / 47P
[Old version datasheet]   Highly Efficient Triple-String White LED Driver
LM36923HYFFR TI1-LM36923HYFFR Datasheet
1Mb / 47P
[Old version datasheet]   Highly Efficient Triple-String White LED Driver
LM36923YFFR TI1-LM36923YFFR Datasheet
1Mb / 47P
[Old version datasheet]   Highly Efficient Triple-String White LED Driver
More results

Similar Description - LM36922H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM36923H TI1-LM36923H Datasheet
1Mb / 47P
[Old version datasheet]   Highly Efficient Triple-String White LED Driver
LM3630A TI1-LM3630A_15 Datasheet
1Mb / 51P
[Old version datasheet]   High-Efficiency Dual-String White LED Driver
logo
Eutech Microelectronics...
EUP2990 EUTECH-EUP2990 Datasheet
681Kb / 1P
   6 String White LED Driver
logo
Analog Devices
ADD5207 AD-ADD5207 Datasheet
428Kb / 16P
   Four-String, White LED Driver
REV. A
ADD5205 AD-ADD5205 Datasheet
441Kb / 16P
   Four-String White LED Driver
REV. 0
logo
Texas Instruments
LM3630A TI-LM3630A Datasheet
520Kb / 45P
[Old version datasheet]   LM3630A High-Efficiency Dual-String White LED Driver
logo
Alpha & Omega Semicondu...
AOZ1960 AOSMD-AOZ1960 Datasheet
911Kb / 20P
   Multi-String Boost White LED Driver
logo
Eutech Microelectronics...
EUP2592 EUTECH-EUP2592 Datasheet
53Kb / 1P
   8-String White LED Driver for LCD 8-String White LED Driver for LCD
logo
Monolithic Power System...
MP3384L MPS-MP3384L Datasheet
312Kb / 12P
   50V, 4-String, White LED Driver
MP3386 MPS-MP3386 Datasheet
315Kb / 14P
   50V, 6 String White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com