Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM36923YFFR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM36923YFFR
Description  Highly Efficient Triple-String White LED Driver
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM36923YFFR Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM36923YFFR Datasheet HTML 2Page - Texas Instruments LM36923YFFR Datasheet HTML 3Page - Texas Instruments LM36923YFFR Datasheet HTML 4Page - Texas Instruments LM36923YFFR Datasheet HTML 5Page - Texas Instruments LM36923YFFR Datasheet HTML 6Page - Texas Instruments LM36923YFFR Datasheet HTML 7Page - Texas Instruments LM36923YFFR Datasheet HTML 8Page - Texas Instruments LM36923YFFR Datasheet HTML 9Page - Texas Instruments LM36923YFFR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
t4
t2
t3
t5
t1
SCL
SDA_IN
SDA_OUT
6
LM36923H
SNVSAF3A – FEBRUARY 2016 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: LM36923H
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Minimum and maximum limits apply over the full operating ambient temperature range (
−40°C ≤ TA ≤ 85°C), typical values
are at TA = 25°C, and VIN = 3.6 V (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tSTART-UP
Turnon delay from
shutdown to backlight on
PWM input active, PWM = logic high,HWEN
input from low to high, ƒPWM = 10 kHz (50% duty
cycle)
3.5
5
ms
PWMRES
PWM input resolution
1.6 kHz
≤ ƒPWM ≤ 12 kHz, PWM hysteresis = 00,
PWM sample rate = 11
11
bits
VIH
Input logic high
HWEN, ASEL, SCL, SDA, PWM inputs
1.25
VIN
V
VIL
Input logic low
HWEN, ASEL, SCL, SDA, PWM inputs
0
0.4
tGLITCH
PWM input glitch rejection
PWM pulse filter = 00
0
15
ns
PWM pulse filter = 01
60
100
140
PWM pulse filter = 10
90
150
210
PWM pulse filter = 11
120
200
280
tPWM_STBY
PWM shutdown period
Sample rate = 24 MHz
0.54
0.6
0.66
ms
Sample rate = 4 MHz
2.7
3
3.3
Sample rate = 800 kHz
22.5
25
27.5
6.6 I
2C Timing Requirements
See Figure 1
MIN
MAX
UNIT
t1
SCL clock period
2.5
µs
t2
Data in setup time to SCL high
100
ns
t3
Data out stable after SCL low
0
ns
t4
SDA low Setup Time to SCL low (start)
100
ns
t5
SDA high hold time after SCL high (stop)
100
ns
Figure 1. I2C Timing


Similar Part No. - LM36923YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM36922 TI1-LM36922 Datasheet
1Mb / 46P
[Old version datasheet]   Highly Efficient Dual-String White LED Driver
LM36922H TI1-LM36922H Datasheet
1Mb / 46P
[Old version datasheet]   Highly Efficient Dual-String White LED Driver
LM36922HYFFR TI1-LM36922HYFFR Datasheet
1Mb / 46P
[Old version datasheet]   Highly Efficient Dual-String White LED Driver
LM36922YFFR TI1-LM36922YFFR Datasheet
1Mb / 46P
[Old version datasheet]   Highly Efficient Dual-String White LED Driver
More results

Similar Description - LM36923YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM36922H TI1-LM36922H Datasheet
1Mb / 46P
[Old version datasheet]   Highly Efficient Dual-String White LED Driver
logo
Eutech Microelectronics...
EUP2990 EUTECH-EUP2990 Datasheet
681Kb / 1P
   6 String White LED Driver
logo
Analog Devices
ADD5207 AD-ADD5207 Datasheet
428Kb / 16P
   Four-String, White LED Driver
REV. A
ADD5205 AD-ADD5205 Datasheet
441Kb / 16P
   Four-String White LED Driver
REV. 0
logo
Alpha & Omega Semicondu...
AOZ1960 AOSMD-AOZ1960 Datasheet
911Kb / 20P
   Multi-String Boost White LED Driver
logo
Eutech Microelectronics...
EUP2592 EUTECH-EUP2592 Datasheet
53Kb / 1P
   8-String White LED Driver for LCD 8-String White LED Driver for LCD
logo
Monolithic Power System...
MP3384L MPS-MP3384L Datasheet
312Kb / 12P
   50V, 4-String, White LED Driver
MP3386 MPS-MP3386 Datasheet
315Kb / 14P
   50V, 6 String White LED Driver
MP3384 MPS-MP3384 Datasheet
323Kb / 13P
   50V, 4-String White LED Driver
MP3388 MPS-MP3388 Datasheet
342Kb / 14P
   50V, 8-String White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com