Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320AIC1106PW Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320AIC1106PW
Description  PCM CODEC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320AIC1106PW Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV320AIC1106PW Datasheet HTML 6Page - Texas Instruments TLV320AIC1106PW Datasheet HTML 7Page - Texas Instruments TLV320AIC1106PW Datasheet HTML 8Page - Texas Instruments TLV320AIC1106PW Datasheet HTML 9Page - Texas Instruments TLV320AIC1106PW Datasheet HTML 10Page - Texas Instruments TLV320AIC1106PW Datasheet HTML 11Page - Texas Instruments TLV320AIC1106PW Datasheet HTML 12Page - Texas Instruments TLV320AIC1106PW Datasheet HTML 13Page - Texas Instruments TLV320AIC1106PW Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
TLV320AIC1106
SLAS357 – DECEMBER 2001
10
www.ti.com
PARAMETER MEASUREMENT INFORMATION
01
2
3
4
N–2N–1
N
N+1
Transmit Time Slot
12
3
4
N–2N–1N
80%
20%
tsu(PCMSYN)
th(PCMSYN)
See Note A
See Note C
See Note B
tpd2
tpd1
See Note D
tsu(PCMO)
tpd3
80%
20%
MCLK
PCMSYN
PCMO
NOTES: A. This window is allowed for PCMSYN high.
B. This window is allowed for PCMSYN low (th(PCMSYN) max determined by data collision considerations).
C. Transitions are measured at 50%.
D. Bit 1 = Most significant bit (MSB), Bit N = Least significant bit (LSB)
Figure 1. Transmit Timing Diagram
80%
20%
See Note C
PCMI
PCMSYN
MCLK
01
2
3
4
N –2N –1
N
N +1
20%
80%
12
3
4
N –2N –1N
See Note D
th(PCMSYN)
tsu(PCMSYN)
See Note A
tsu(PCMI)
th(PCMI)
See Note B
Receive Time Slot
NOTES: A. This window is allowed for PCMSYN high.
B. This window is allowed for PCMSYN low.
C. Transitions are measured at 50%.
D. Bit 1 = Most significant bit (MSB), Bit N = Least significant bit (LSB)
Figure 2. Receive Timing Diagram


Similar Part No. - TLV320AIC1106PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC1106PW TI-TLV320AIC1106PW Datasheet
538Kb / 19P
[Old version datasheet]   PCM CODEC
TLV320AIC1106PWG4 TI-TLV320AIC1106PWG4 Datasheet
538Kb / 19P
[Old version datasheet]   PCM CODEC
TLV320AIC1106PWR TI-TLV320AIC1106PWR Datasheet
538Kb / 19P
[Old version datasheet]   PCM CODEC
TLV320AIC1106PWRG4 TI-TLV320AIC1106PWRG4 Datasheet
538Kb / 19P
[Old version datasheet]   PCM CODEC
More results

Similar Description - TLV320AIC1106PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC1109 TI-TLV320AIC1109 Datasheet
353Kb / 27P
[Old version datasheet]   PCM CODEC
TLV320AIC1106PWR TI-TLV320AIC1106PWR Datasheet
538Kb / 19P
[Old version datasheet]   PCM CODEC
TLV320AIC1106 TI1-TLV320AIC1106_14 Datasheet
550Kb / 20P
[Old version datasheet]   PCM CODEC
TLV320AIC1110 TI1-TLV320AIC1110_14 Datasheet
1,016Kb / 41P
[Old version datasheet]   PCM CODEC
logo
Macronix International
MX93002 MCNIX-MX93002 Datasheet
373Kb / 35P
   PCM CODEC
logo
Texas Instruments
TLV320AIC1106 TI-TLV320AIC1106_15 Datasheet
537Kb / 19P
[Old version datasheet]   PCM CODEC
TLV320AIC1103PBSR TI1-TLV320AIC1103PBSR Datasheet
917Kb / 33P
[Old version datasheet]   PCM CODEC
TLV320AIC1110 TI-TLV320AIC1110 Datasheet
508Kb / 39P
[Old version datasheet]   PCM CODEC
TLV320AIC1103 TI-TLV320AIC1103 Datasheet
411Kb / 31P
[Old version datasheet]   PCM CODEC
TLV320AIC1107 TI-TLV320AIC1107 Datasheet
220Kb / 17P
[Old version datasheet]   PCM CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com