Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320AIC1107PW Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320AIC1107PW
Description  PCM CODEC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320AIC1107PW Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV320AIC1107PW Datasheet HTML 2Page - Texas Instruments TLV320AIC1107PW Datasheet HTML 3Page - Texas Instruments TLV320AIC1107PW Datasheet HTML 4Page - Texas Instruments TLV320AIC1107PW Datasheet HTML 5Page - Texas Instruments TLV320AIC1107PW Datasheet HTML 6Page - Texas Instruments TLV320AIC1107PW Datasheet HTML 7Page - Texas Instruments TLV320AIC1107PW Datasheet HTML 8Page - Texas Instruments TLV320AIC1107PW Datasheet HTML 9Page - Texas Instruments TLV320AIC1107PW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
TLV320AIC1107
SLAS360 – DECEMBER 2001
6
www.ti.com
electrical characteristics over recommended ranges of supply voltage and operating free-air temperature
(unless otherwise noted) (continued)
speaker interface
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD = 2.7 V, fully differential, 8-Ω load,
3-dBm0 output, volume control = – 3 dB,
PCMI data input to – 4 dB level
161
200
Earphone AMP output power (see Note 5)
VDD = 2.7 V, fully differential, 16-Ω load,
3-dBm0 output, volume control = – 3 dB,
PCMI data input to – 2 dB level
128
160
mW
VDD = 2.7 V, fully differential, 32-Ω load,
3-dBm0 output, volume control = – 3 dB,
PCMI data input to – 1 dB level
81
100
3-dBm0 input, 8-
Ω load
141
178
IOmax
Maximum output current for EAROUT (rms)
3-dBm0 input, 16-
Ω load
90
112
mA
IOmax
Maximum out ut current for EAROUT (rms)
3-dBm0 input, 32-
Ω load
50
63
mA
EARMUTE
– 80
dB
NOTE 5: Maximum power is with a load impedance of –20%, at 25
°C.
transmit gain and dynamic range, companded mode (A-law) or linear mode selected (see Notes 6 and 7)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Transmit reference-signal level (0dB)
Differential, MIC Amp 1 configured for 23.5-dB gain
88
mVpp
Overload-signal level (3 dBm0)
Differential, MIC Amp 1 configured for 23.5-dB gain
124
mVpp
Absolute gain error
0 dBm0 input signal, 2.7 V
≤ VDD ≤ 3.3 V
–1
1
dB
Gi
ith i
t l
l
lti
t
i
t
MICIN–, MICIN+ to PCMO at 3 dBm0 to – 30 dBm0
– 0.5
0.5
Gain error with input level relative to gain at
–10 dBm0 MICIN MICIN+ to PCMO
MICIN–, MICIN+ to PCMO at – 31 dBm0 to – 45 dBm0
–1
1
dB
–10 dBm0 MICIN, MICIN+ to PCMO
MICIN–, MICIN+ to PCMO at – 46 dBm0 to – 55 dBm0
–1.2
1.2
dB
NOTES:
6. Unless otherwise noted, the analog input is 0 dB, 1020-Hz sine wave, where 0 dB is defined as the zero-reference point of the channel
under test.
7. The reference signal level, which is input to the transmit channel, is defined as a value 3 dB below the full-scale value of 124-mVpp.
transmit filter transfer, companded mode (A-law) or linear mode selected
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fMIC < 100 Hz
– 0.5
0.5
fMIC = 200 Hz
– 0.5
0.5
fMIC = 300 Hz to 3 kHz
– 0.5
0.5
Gain relative to input signal gain at 1.02 kHz
fMIC = 3.4 kHz
– 1.5
0
dB
Gain relative to in ut signal gain at 1.02 kHz
fMIC = 4 kHz
– 14
dB
fMIC = 4.6 kHz
– 35
fMIC = 8 kHz
– 47


Similar Part No. - TLV320AIC1107PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC1107PW TI1-TLV320AIC1107PW Datasheet
568Kb / 21P
[Old version datasheet]   Selectable 13-Bit Linear or 8-Bit A-Law Companded Conversion
TLV320AIC1107PWG4 TI1-TLV320AIC1107PWG4 Datasheet
568Kb / 21P
[Old version datasheet]   Selectable 13-Bit Linear or 8-Bit A-Law Companded Conversion
TLV320AIC1107PWR TI1-TLV320AIC1107PWR Datasheet
568Kb / 21P
[Old version datasheet]   Selectable 13-Bit Linear or 8-Bit A-Law Companded Conversion
TLV320AIC1107PWRG4 TI1-TLV320AIC1107PWRG4 Datasheet
568Kb / 21P
[Old version datasheet]   Selectable 13-Bit Linear or 8-Bit A-Law Companded Conversion
More results

Similar Description - TLV320AIC1107PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC1109 TI-TLV320AIC1109 Datasheet
353Kb / 27P
[Old version datasheet]   PCM CODEC
TLV320AIC1106PWR TI-TLV320AIC1106PWR Datasheet
538Kb / 19P
[Old version datasheet]   PCM CODEC
TLV320AIC1106 TI1-TLV320AIC1106_14 Datasheet
550Kb / 20P
[Old version datasheet]   PCM CODEC
TLV320AIC1110 TI1-TLV320AIC1110_14 Datasheet
1,016Kb / 41P
[Old version datasheet]   PCM CODEC
logo
Macronix International
MX93002 MCNIX-MX93002 Datasheet
373Kb / 35P
   PCM CODEC
logo
Texas Instruments
TLV320AIC1106 TI-TLV320AIC1106 Datasheet
220Kb / 17P
[Old version datasheet]   PCM CODEC
TLV320AIC1106 TI-TLV320AIC1106_15 Datasheet
537Kb / 19P
[Old version datasheet]   PCM CODEC
TLV320AIC1103PBSR TI1-TLV320AIC1103PBSR Datasheet
917Kb / 33P
[Old version datasheet]   PCM CODEC
TLV320AIC1110 TI-TLV320AIC1110 Datasheet
508Kb / 39P
[Old version datasheet]   PCM CODEC
TLV320AIC1103 TI-TLV320AIC1103 Datasheet
411Kb / 31P
[Old version datasheet]   PCM CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com