Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320AIC1107PW Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320AIC1107PW
Description  PCM CODEC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320AIC1107PW Datasheet(HTML) 3 Page - Texas Instruments

  TLV320AIC1107PW Datasheet HTML 1Page - Texas Instruments TLV320AIC1107PW Datasheet HTML 2Page - Texas Instruments TLV320AIC1107PW Datasheet HTML 3Page - Texas Instruments TLV320AIC1107PW Datasheet HTML 4Page - Texas Instruments TLV320AIC1107PW Datasheet HTML 5Page - Texas Instruments TLV320AIC1107PW Datasheet HTML 6Page - Texas Instruments TLV320AIC1107PW Datasheet HTML 7Page - Texas Instruments TLV320AIC1107PW Datasheet HTML 8Page - Texas Instruments TLV320AIC1107PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
TLV320AIC1107
SLAS360 – DECEMBER 2001
3
www.ti.com
detailed description
power up/reset
An external reset must be applied to the active-low RESET terminal while MCLK is active to ensure reset at
power up.
reference
A precision band-gap reference voltage is generated internally and supplies all required references to operate
the transmit and receive channels.
phase-locked loop
The phase-locked loop generates the internal clock frequency required for internal digital filters and modulators
by phase locking to 2.048-MHz master clock input.
PCM interface
The PCM interface transmits and receives data at the PCMO and PCMI terminals respectively. The data is
transmitted or received at the MCLK speed once on each PCMSYN cycle. The PCMSYN can be driven by an
external source that is derived from the master clock and used as an interrupt to the host controller.
microphone input
The microphone input circuit consists of two differential input/differential output amplifiers (MIC Amp 1 and
MIC Amp 2). MIC Amp 1 is a low-noise differential amplifier capable of an externally set gain. MIC Amp 2 is a
differential amplifier with a fixed gain of 6 dB.
analog modulator
The transmit channel modulator is a third-order sigma-delta design.
transmit filter
The transmit filter is a digital filter designed to meet Consultive Committee on International Telegraphy and
Telephony (CCITT) G.714 requirements. The TLV320AIC1107 device operates in either the 13-bit linear or 8-bit
companded A-law mode.
receive filter
The receive (RX) filter is a digital filter that meets CCITT G.714 requirements. The TLV320AIC1107 device
operates in either the 13-bit linear or 8-bit A-law companded mode, which is selected at the LINSEL input.
receive volume control
In linear mode, the three least significant bits of the 16-bit PCMI data sample is used to control volume. The
volume range is – 18 dB to 3 dB in 3-dB steps.
digital modulator and filter
The second-order digital modulator and filter convert the received digital PCM data to the analog output required
by the earphone interface.
earphone amplifiers
EAROUT is recommended for use as a differential output; however, it can be connected in single-ended
topology as well. Clicks and pops are suppressed from the differential output.


Similar Part No. - TLV320AIC1107PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC1107PW TI1-TLV320AIC1107PW Datasheet
568Kb / 21P
[Old version datasheet]   Selectable 13-Bit Linear or 8-Bit A-Law Companded Conversion
TLV320AIC1107PWG4 TI1-TLV320AIC1107PWG4 Datasheet
568Kb / 21P
[Old version datasheet]   Selectable 13-Bit Linear or 8-Bit A-Law Companded Conversion
TLV320AIC1107PWR TI1-TLV320AIC1107PWR Datasheet
568Kb / 21P
[Old version datasheet]   Selectable 13-Bit Linear or 8-Bit A-Law Companded Conversion
TLV320AIC1107PWRG4 TI1-TLV320AIC1107PWRG4 Datasheet
568Kb / 21P
[Old version datasheet]   Selectable 13-Bit Linear or 8-Bit A-Law Companded Conversion
More results

Similar Description - TLV320AIC1107PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC1109 TI-TLV320AIC1109 Datasheet
353Kb / 27P
[Old version datasheet]   PCM CODEC
TLV320AIC1106PWR TI-TLV320AIC1106PWR Datasheet
538Kb / 19P
[Old version datasheet]   PCM CODEC
TLV320AIC1106 TI1-TLV320AIC1106_14 Datasheet
550Kb / 20P
[Old version datasheet]   PCM CODEC
TLV320AIC1110 TI1-TLV320AIC1110_14 Datasheet
1,016Kb / 41P
[Old version datasheet]   PCM CODEC
logo
Macronix International
MX93002 MCNIX-MX93002 Datasheet
373Kb / 35P
   PCM CODEC
logo
Texas Instruments
TLV320AIC1106 TI-TLV320AIC1106 Datasheet
220Kb / 17P
[Old version datasheet]   PCM CODEC
TLV320AIC1106 TI-TLV320AIC1106_15 Datasheet
537Kb / 19P
[Old version datasheet]   PCM CODEC
TLV320AIC1103PBSR TI1-TLV320AIC1103PBSR Datasheet
917Kb / 33P
[Old version datasheet]   PCM CODEC
TLV320AIC1110 TI-TLV320AIC1110 Datasheet
508Kb / 39P
[Old version datasheet]   PCM CODEC
TLV320AIC1103 TI-TLV320AIC1103 Datasheet
411Kb / 31P
[Old version datasheet]   PCM CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com