Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TND012MP Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # TND012MP
Description  Lamp, solenoid, and motor-driving Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

TND012MP Datasheet(HTML) 2 Page - Sanyo Semicon Device

  TND012MP Datasheet HTML 1Page - Sanyo Semicon Device TND012MP Datasheet HTML 2Page - Sanyo Semicon Device TND012MP Datasheet HTML 3Page - Sanyo Semicon Device TND012MP Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TND012NM, 012MP
No.5828–2/4
*Note:
1.Shutdown state will be kept after overheat and overcurrent protections operation and the system will be reset when
the input voltage goes to or below the reset voltage (1.0V).
2.Overheat detecting temperature value is not a guarantee value but for reference only.
Block Diagram
OUT
Gate shutdown
Overcurrent
protection
Overheat
protection
ESD
protection
Overvoltage
protection
GND
IN
RDS(on) - Ta
RDS(on) - VIN
I IN - Ta
I IN - VIN
VIN=5V
5V
6V
VIN
=4
V
IO=1A
IO=1A
25˚C
Ta=85˚C
Protection
operation
Normal
operation
Ta=25˚C
-40˚C
Input Voltage, VIN –V
Input Voltage, VIN –V
Ambient Temperature, Ta – ˚C
Ambient Temperature, Ta – ˚C
0.1
-50
-25
0
25
50
100
125
75
150
0.2
0.3
0.4
0.5
0.6
0
01
2
3
4
6
7
511
810
9
01
2
3
4
6
7
511
810
9
0.2
0.3
0.4
0.5
0.6
0.1
0.15
0.25
0.35
0.45
0.55
0.2
0.4
0.6
0.8
1.0
0
0.1
0.3
0.5
0.7
0.9
0.1
-50
-25
0
25
50
75
150
125
100
0.2
0.3
0.4
0.5
0.6
0
˚C
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
t
n
e
r
r
u
C
t
u
p
n
I
N
O
-
t
u
p
t
u
OI N
I
V N
I
V
5
=5
2
.
06
.
0A
m
e
r
u
t
a
r
e
p
m
e
T
g
n
i
t
c
e
t
e
D
t
a
e
h
r
e
v
O)
d
s
(
j
TV N
I
I
,
V
5
=
O
A
1
=5
5
15
6
1
t
n
e
r
r
u
C
g
n
i
t
c
e
t
e
D
t
n
e
r
r
u
c
r
e
v
O
s
IV N
I
V
5
=
5
.
125
.
2A
e
g
a
t
l
o
V
p
m
a
l
C
t
u
p
n
I
V N
I
p
m
a
l
cI N
I
A
m
5
=
0
1V
Continued from preceding page.


Similar Part No. - TND012MP

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
TND012MP SANYO-TND012MP Datasheet
46Kb / 1P
   Low-Side Power Switch for Use in Solenoid,Lamp Drive Applications
More results

Similar Description - TND012MP

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
TND020F SANYO-TND020F Datasheet
45Kb / 4P
   Lamp-, solenoid-, and motor-driving Applications
TND024F SANYO-TND024F Datasheet
45Kb / 4P
   Lamp-, solenoid-, and motor-driving Applications
TND022F SANYO-TND022F Datasheet
45Kb / 4P
   Lamp-, solenoid-, and motor-driving Applications
TND023F SANYO-TND023F Datasheet
46Kb / 4P
   Lamp-, solenoid-, and motor-driving Applications
TND025F SANYO-TND025F Datasheet
45Kb / 4P
   Lamp-, solenoid-, and motor-driving Applications
TND017MP SANYO-TND017MP_07 Datasheet
78Kb / 6P
   Lowside Power Switch Lamp-, Solenoid-, and Motor-Driving Applications
TND027MP SANYO-TND027MP_08 Datasheet
58Kb / 5P
   Lowside Power Switch Lamp-, Solenoid-, and Motor-Driving Applications
TND027MP SANYO-TND027MP Datasheet
33Kb / 5P
   Lowside Power Switch Lamp-, Solenoid-, and Motor-Driving Applications
TND027SW SANYO-TND027SW_11 Datasheet
387Kb / 5P
   Lowside Power Switch Lamp-, Solenoid-, and Motor-Driving Applications
TND027SW SANYO-TND027SW Datasheet
51Kb / 6P
   Lowside Power Switch Lamp-, Solenoid-and Motor-Driving Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com