Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM15W-NZ Datasheet(PDF) 3 Page - AIMTEC

Part # AM15W-NZ
Description  15 Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM15W-NZ Datasheet(HTML) 3 Page - AIMTEC

  AM15W-NZ Datasheet HTML 1Page - AIMTEC AM15W-NZ Datasheet HTML 2Page - AIMTEC AM15W-NZ Datasheet HTML 3Page - AIMTEC AM15W-NZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Series AM15W-NZ
15 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R13
3 of 4
North America only
Derating
NOTE: 1. Derated Pout = Pout * temp. derating * Vin derating.
2. Sufficient air space for natural air flow around must be considered.
100
1000
100
80
60
40
20
0
Safe Operating Area
Free Air Convection at 25°C
Input Voltage VDC
200
70
- 40
-20
0
20
40
60
80
100
100
80
60
40
20
0
Safe Operating Area
100-150VDC
Ambient Temperature º C
Free Air Convection
50
-30
70
- 40
-20
0
20
40
60
80
100
100
80
60
40
20
0
Safe Operating Area
150-1000VDC
Ambient Temperature º C
Free Air Convection
50
70


Similar Part No. - AM15W-NZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM15WM-80012S-NZ AIMTEC-AM15WM-80012S-NZ Datasheet
541Kb / 3P
   DC-DC Converter
AM15WM-80015S-NZ AIMTEC-AM15WM-80015S-NZ Datasheet
541Kb / 3P
   DC-DC Converter
AM15WM-80024S-NZ AIMTEC-AM15WM-80024S-NZ Datasheet
541Kb / 3P
   DC-DC Converter
AM15WM-NZ AIMTEC-AM15WM-NZ Datasheet
541Kb / 3P
   DC-DC Converter
More results

Similar Description - AM15W-NZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM15E-I AIMTEC-AM15E-I Datasheet
245Kb / 3P
   15 Watt | DC-DC Converter
AM15EW-Z AIMTEC-AM15EW-Z_13 Datasheet
265Kb / 3P
   15 Watt | DC-DC Converter
AM15EW-Z AIMTEC-AM15EW-Z Datasheet
251Kb / 3P
   15 Watt | DC-DC Converter
AM20EW-NZ AIMTEC-AM20EW-NZ Datasheet
199Kb / 4P
   15 Watt | DC-DC Converter
AM15EW-NZ AIMTEC-AM15EW-NZ Datasheet
201Kb / 4P
   15 Watt | DC-DC Converter
AM15E-Z AIMTEC-AM15E-Z_13 Datasheet
424Kb / 4P
   15 Watt | DC-DC Converter
AM15EW-I AIMTEC-AM15EW-I Datasheet
123Kb / 2P
   15 Watt | DC-DC Converter
logo
Wall Industries,Inc.
YFW15 WALL-YFW15 Datasheet
130Kb / 3P
   15 Watt DC/DC Converter
DM WALL-DM Datasheet
162Kb / 3P
   15 Watt DC/DC Converter
logo
AIMTEC
AM15E-IZ AIMTEC-AM15E-IZ Datasheet
536Kb / 5P
   15 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com