Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME10-15DCJZ Datasheet(PDF) 1 Page - AIMTEC

Part # AME10-15DCJZ
Description  10 Watt | AC-DC / DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AME10-15DCJZ Datasheet(HTML) 1 Page - AIMTEC

  AME10-15DCJZ Datasheet HTML 1Page - AIMTEC AME10-15DCJZ Datasheet HTML 2Page - AIMTEC AME10-15DCJZ Datasheet HTML 3Page - AIMTEC AME10-15DCJZ Datasheet HTML 4Page - AIMTEC AME10-15DCJZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Series AME10-CJZ
10 Watt | AC-DC / DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924
6832)
F 052e R8.A
1 of 5
North America only
Picture coming soon
FEATURES:
Models
Single output
Model
Input Voltage
(VAC/Hz)
Input Voltage
(VDC)
Output
Voltage
(V)
Output
Current max
(A)
Maximum
capacitive
Load
(µF)
Efficiency
230VAC
(%)
AME10-3.3SCJZ
85-264/47-63
120-370
3.3
2
26400
70
AME10-5SCJZ
85-264/47-63
120-370
5
2
9440
76
AME10-9SCJZ
85-264/47-63
120-370
9
1.1
3600
78
AME10-12SCJZ
85-264/47-63
120-370
12
0.9
2400
80
AME10-15SCJZ
85-264/47-63
120-370
15
0.7
1170
81
AME10-24SCJZ
85-264/47-63
120-370
24
0.45
370
82
Models
Dual output
Model
Input Voltage
(VAC/Hz)
Input Voltage
(VDC)
Output
Voltage
(V)
Output
Current max
(A)
Maximum
capacitive
Load
(µF)
Efficiency
230VAC
(%)
AME10-5DCJZ
85-264/47-63
120-370
±5
±1
±8800
76
AME10-12DCJZ
85-264/47-63
120-370
±12
±0.45
±1970
80
AME10-15DCJZ
85-264/47-63
120-370
±15
±0.35
±1970
81
AME10-24DCJZ
85-264/47-63
120-370
±24
±0.2
±660
84
Models
Triple output
Model
Input
Voltage
(VAC/Hz)
Input
Voltage
(VDC)
Output
Voltage
(V)
Auxiliary
Output
Voltage
(V)
Output
Current max
(A)
Maximum
capacitive
Load
(µF)
Efficiency
230VAC
(%)
AME10-512TCJZ
85-264/47-63
120-370
5
±12
1/±0.2
3200/±260
75
AME10-515TCJZ
85-264/47-63
120-370
5
±15
0.9/±0.2
2160/±80
75
Models
Asymmetric Separated Dual output
Model
Input Voltage
(VAC/Hz)
Input Voltage
(VDC)
Output
Voltage
(V)
Output
Current max
(A)
Maximum
capacitive
Load
(µF)
Efficiency
230VAC
(%)
AME10-505DCJZ
85-264/47-63
120-370
5/5
1.8/0.2
8000/540
75
AME10-512DCJZ
85-264/47-63
120-370
5/12
1.5/0.2
4400/260
79
AME10-515DCJZ
85-264/47-63
120-370
5/15
1.4/0.2
4400/170
79
AME10-524DCJZ
85-264/47-63
120-370
5/24
1/0.2
4000/170
81
 I/O Isolation 3000VAC
 Continuous Short circuit protection
 Operating Temp: -25 °C to +70 °C
 Energy Star compliant
 Input: 85-264VAC, 47-63Hz, or 120-370VDC
 Compact package
 Over current, Over Voltage Protection
 Efficiency up to 84%
Click on Series name for product info on aimtec.com


Similar Part No. - AME10-15DCJZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AME10-15DCJZ AIMTEC-AME10-15DCJZ Datasheet
611Kb / 7P
   10 Watt | AC-DC / DC-DC Converter
More results

Similar Description - AME10-15DCJZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEL10-MAZ AIMTEC-AMEL10-MAZ_13 Datasheet
412Kb / 4P
   10 Watt | AC-DC / DC-DC Converter
AMEOW10-NZ AIMTEC-AMEOW10-NZ Datasheet
379Kb / 5P
   10 Watt | AC-DC / DC-DC Converter
AME10-3.3SBJZ AIMTEC-AME10-3.3SBJZ Datasheet
520Kb / 3P
   10 Watt | AC-DC / DC-DC Converter
AMEL10-AZ AIMTEC-AMEL10-AZ_16 Datasheet
584Kb / 5P
   10 Watt | AC-DC / DC-DC Converter
AMEL10-AZ AIMTEC-AMEL10-AZ_13 Datasheet
776Kb / 4P
   10 Watt | AC-DC / DC-DC Converter
AMEL10-MAZ AIMTEC-AMEL10-MAZ_12 Datasheet
482Kb / 4P
   10 Watt | AC-DC / DC-DC Converter
AME10-JZ AIMTEC-AME10-JZ Datasheet
173Kb / 3P
   10 Watt | AC-DC / DC-DC Converter
AMEOW10-NZ AIMTEC-AMEOW10-NZ_16 Datasheet
386Kb / 5P
   10 Watt | AC-DC / DC-DC Converter
AMEL10-MAZ AIMTEC-AMEL10-MAZ_16 Datasheet
554Kb / 6P
   10 Watt | AC-DC / DC-DC Converter
AME10-3.3SCJZ AIMTEC-AME10-3.3SCJZ Datasheet
611Kb / 7P
   10 Watt | AC-DC / DC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com