Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC59116ITPWRQ1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLC59116ITPWRQ1
Description  16-Channel Constant-Current LED Sink Driver
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC59116ITPWRQ1 Datasheet(HTML) 5 Page - Texas Instruments

  TLC59116ITPWRQ1 Datasheet HTML 1Page - Texas Instruments TLC59116ITPWRQ1 Datasheet HTML 2Page - Texas Instruments TLC59116ITPWRQ1 Datasheet HTML 3Page - Texas Instruments TLC59116ITPWRQ1 Datasheet HTML 4Page - Texas Instruments TLC59116ITPWRQ1 Datasheet HTML 5Page - Texas Instruments TLC59116ITPWRQ1 Datasheet HTML 6Page - Texas Instruments TLC59116ITPWRQ1 Datasheet HTML 7Page - Texas Instruments TLC59116ITPWRQ1 Datasheet HTML 8Page - Texas Instruments TLC59116ITPWRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
5
TLC59116-Q1
www.ti.com
SLDS223A – MARCH 2016 – REVISED MARCH 2016
Product Folder Links: TLC59116-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC Supply voltage
0
7
V
VI
Input voltage
–0.4
VCC + 0.4
V
VO
Output voltage
–0.5
20
V
IO
Output current per channel
120
mA
TJ
Junction temperature
–40
150
°C
Tstg Storage temperature
–55
150
°C
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per AEC Q100-002(1)
±2000
V
Charged-device model (CDM), per AEC Q100-011
±1500
7.3 Recommended Operating Conditions
All unused inputs of the device must be held at VCC or GND to ensure proper device operation
MIN
MAX
UNIT
VCC
Supply voltage
3
5.5
V
VIH
High-level input voltage
SCL, SDA, RESET, A0, A1, A2, A3
0.7 × VCC
VCC
V
VIL
Low-level input voltage
SCL, SDA, RESET, A0, A1, A2, A3
0
0.3 × VCC
V
VO
Supply voltage to output pins
OUT0 to OUT15
17
V
IOL
Low-level output current sink
SDA
VCC = 3 V
20
mA
VCC = 5 V
30
IO
Output current per channel
OUT0 to OUT15
5
120
mA
TA
Operating free-air temperature
–40
105
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.4 Thermal Information
THERMAL METRIC (1)
TLC59116-Q1
UNIT
PW (TSSOP)
28 PINS
RθJA
Junction-to-ambient thermal resistance
78
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
18.8
°C/W
RθJB
Junction-to-board thermal resistance
36
°C/W
ψJT
Junction-to-top characterization parameter
0.5
°C/W
ψJB
Junction-to-board characterization parameter
35.5
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
°C/W


Similar Part No. - TLC59116ITPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC59116IPWR TI-TLC59116IPWR Datasheet
550Kb / 30P
[Old version datasheet]   16-CHANNEL Fm I2C-BUS CONSTANT-CURRENT LED SINK DRIVER
TLC59116IPWR TI-TLC59116IPWR Datasheet
551Kb / 30P
[Old version datasheet]   16-CHANNEL Fm I2C-BUS CONSTANT-CURRENT LED SINK DRIVER
TLC59116IPWR TI1-TLC59116IPWR Datasheet
1Mb / 38P
[Old version datasheet]   16-CHANNEL Fm I2C-BUS CONSTANT-CURRENT LED SINK DRIVER
TLC59116IPWRG4 TI-TLC59116IPWRG4 Datasheet
550Kb / 30P
[Old version datasheet]   16-CHANNEL Fm I2C-BUS CONSTANT-CURRENT LED SINK DRIVER
TLC59116IPWRG4 TI-TLC59116IPWRG4 Datasheet
551Kb / 30P
[Old version datasheet]   16-CHANNEL Fm I2C-BUS CONSTANT-CURRENT LED SINK DRIVER
More results

Similar Description - TLC59116ITPWRQ1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI5025 ETC1-MBI5025 Datasheet
387Kb / 18P
   16-channel Constant Current LED Sink Driver
logo
Princeton Technology Co...
PT6726 PTC-PT6726 Datasheet
193Kb / 3P
   16-Channel Constant Current Sink for LED Driver
logo
Texas Instruments
TLC5925 TI-TLC5925_09 Datasheet
705Kb / 23P
[Old version datasheet]   LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
TLC59025 TI-TLC59025 Datasheet
696Kb / 21P
[Old version datasheet]   LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
logo
List of Unclassifed Man...
MBI5026 ETC-MBI5026 Datasheet
381Kb / 14P
   16-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP16C596 STMICROELECTRONICS-STP16C596 Datasheet
340Kb / 18P
   16-BIT CONSTANT CURRENT LED SINK DRIVER
logo
Texas Instruments
TLC5925 TI-TLC5925 Datasheet
666Kb / 22P
[Old version datasheet]   LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
TLC5925 TI1-TLC5925_15 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Power 16-Channel Constant-Current LED Sink Driver
logo
List of Unclassifed Man...
MBI5026CF ETC1-MBI5026CF Datasheet
378Kb / 17P
   16-bit Constant Current LED Sink Driver
logo
Unisonic Technologies
L16B45B UTC-L16B45B Datasheet
287Kb / 10P
   16-BIT CONSTANT CURRENT LED SINK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com