Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC59291RGER Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLC59291RGER
Description  8/16-Channel, Constant Current LED Driver
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC59291RGER Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLC59291RGER Datasheet HTML 4Page - Texas Instruments TLC59291RGER Datasheet HTML 5Page - Texas Instruments TLC59291RGER Datasheet HTML 6Page - Texas Instruments TLC59291RGER Datasheet HTML 7Page - Texas Instruments TLC59291RGER Datasheet HTML 8Page - Texas Instruments TLC59291RGER Datasheet HTML 9Page - Texas Instruments TLC59291RGER Datasheet HTML 10Page - Texas Instruments TLC59291RGER Datasheet HTML 11Page - Texas Instruments TLC59291RGER Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
8
TLC59291
SLVSA96A – SEPTEMBER 2015 – REVISED MARCH 2016
www.ti.com
Product Folder Links: TLC59291
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
Output on-time error (tON_ERR) is calculated by the formula: tON_ERR (ns) = tOUT_ON – 40 ns. tOUT_ON is the actual on-time of OUTn.
6.6 Switching Characteristics
At VCC = 3 V to 5.5 V, TA = –40°C to 85°C, CL = 15 pF, RL = 82 Ω, RIREF = 1.3 kΩ, and VLED = 5 V.
Typical values at VCC = 3.3 V and TA = 25°C, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tR0
Rise time
At SOUT
10
15
ns
tR1
At OUTn, BC = 7Fh
40
60
ns
tF0
Fall time
At SOUT
10
15
ns
tF1
At OUTn, BC = 7Fh
40
60
ns
tD0
Propagation delay
SCLK
↑ to SOUT↑↓
8
22
ns
tD1
LAT
↑ or BLANK↑↓ to OUT0 sink current on/off,
BC = 7Fh
35
65
ns
tD2
OUTn on/off to OUTn + 1 on/off, BC = 7Fh
2
6
ns
tD3
LAT
↑ to power-save mode by data writing for all output
off
400
ns
tD4
SCLK
↑ to normal mode operation
100
µs
tD5
BLANK
↑↓ to SOUT↑↓ when BLANK MODE=0
100
ns
tON_ERR
Output on-time error(1)
Output on/off data = all '1',
BLANK low pulse = 40 ns, BC = 7Fh
–30
20
ns
fOSC
Internal oscillator
frequency
12
20
28
MHz


Similar Part No. - TLC59291RGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC59291 TI1-TLC59291 Datasheet
800Kb / 45P
[Old version datasheet]   TLC59291 8/16-Channel, Constant Current LED Driver with 7-bit Brightness Control Low Quiescent Current and Full Self Diagnosis for LED Lamp
TLC59291 TI1-TLC59291_15 Datasheet
800Kb / 45P
[Old version datasheet]   TLC59291 8/16-Channel, Constant Current LED Driver with 7-bit Brightness Control Low Quiescent Current and Full Self Diagnosis for LED Lamp
More results

Similar Description - TLC59291RGER

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT4016 CATALYST-CAT4016 Datasheet
226Kb / 15P
   16-Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4016 ONSEMI-CAT4016 Datasheet
180Kb / 14P
   16-Channel Constant Current LED Driver
April, 2010 ??Rev. 4
logo
Leshan Radio Company
LR9026 LRC-LR9026 Datasheet
463Kb / 9P
   16-channel constant current LED driver
logo
LDT Co., Ltd
LD1018 LDT-LD1018 Datasheet
386Kb / 24P
   16 Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4016W-T1 ONSEMI-CAT4016W-T1 Datasheet
293Kb / 15P
   16-Channel Constant Current LED Driver
Doc. No. MD-5028 Rev. D
logo
Marktech Corporate
TC62D776CFG MARKTECH-TC62D776CFG_15 Datasheet
525Kb / 33P
   16-Channel Constant-Current LED Driver
TC62D776CFNAG MARKTECH-TC62D776CFNAG_15 Datasheet
567Kb / 33P
   16-Channel Constant-Current LED Driver
logo
ON Semiconductor
CAT4016 ONSEMI-CAT4016_15 Datasheet
121Kb / 14P
   16-Channel Constant Current LED Driver
July, 2015 ??Rev. 5
logo
LDT Co., Ltd
LD1016H LDT-LD1016H Datasheet
552Kb / 21P
   16 Channel Constant current LED Driver
logo
Catalyst Semiconductor
CAT4016 CATALYST-CAT4016_08 Datasheet
231Kb / 15P
   16-Channel Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com